Part Number Hot Search : 
40300 222AT BAV17003 32A1F 40300 AAT3155 01018 AA250
Product Description
Full Text Search
 

To Download FP-8987-11-1001DB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TaNFilm(R) Precision Flat Pack Networks
8900 Series
* Precision absolute and ratio tolerances available * Qualified to MIL-R-83401 /03, /10 and /15 * Qualified to characteristics M, K and H * Custom schematics readily available * Absolute TCR to 15ppm/C
TaNFilm(R) resistor networks are designed for use in applications requiring a high degree of reliability, stability, tight tolerance and TCR tracking, and low noise. The sputtering process for resistor formation has been perfected to allow a continuous feed production line under high vacuum conditions, thus, insuring uniformity of properties between networks. Laser trimming makes tight ratios easily achievable. The gold plated copper leads are solid phase welded to a large area of gold conductor pads on the ceramic substrate assuring the most reliable termination and long term stability. The Tantalum Nitride resistor material is passivated for environmental protection insuring excellent performance far superior to military requirements. Our TaNFilm(R) process enables us to manufacture networks containing different resistance values and still maintain tight tolerances and tracking characteristics. The nature of our photo-etch process makes it readily adaptable to meet each individual customer's needs. Custom circuit designs and special mechanical configurations can be easily achieved with a modest set up charge while maintaining our high standards of precision and reliability.
Electrical Data
Schematic Resistance Range ()
10 - 49.9 50.0 - 199
Absolute Tolerance
F, G, J F, G, J B, D, F, G, J B, D, F, G, J B, D, F, G, J B, D, F, G, J B, D, F, G, J B, D, F, G, J B, D, F, G, J
Optional Ratio Tolerance
F, G D, F, G A, B, D, F, G T, Q, A, B, D, F, G A, B, D, F, G B, D, F, G B, D, F, G B, D, F, G B, D, F, G
Absolute TCR (ppm/C)
50; 100; 300 25; 50; 100; 300 25; 50; 100; 300 15; 25; 50; 100; 300 25; 50; 100; 300 300; 100 300; 100; 50 25; 50; 100; 300 15; 25; 50; 100; 300
Tracking TCR (ppm/C)
20 10 5 5 5 50 20
Element Power (mW)
A
200 - 999 1.0K - 100K 101K - 200K 50 - 149 150 - 499
50
B
500 - 999 1.0K - 150K 5 5
25
General Note
IRC reserves the right to make changes in product specification without notice or liability. All information is subject to IRC's own data and is considered accurate at time of going to print. A subsidiary of TT electronics plc 8900 Series Issue April 2009 Sheet 1 of 4
(c) IRC Advanced Film Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com
TaNFilm(R) Precision Flat Pack Networks
MIL-PRF-83401 Qualification Data
Specification Size Schematic Resistance Range () 20 - 121K MIL-PRF-83401/03 MIL-PRF-83401/15 14-Pin A, B 100 - 100K B, D, F, G, J H, K, M Absolute Tolerance (%) F, G, J Characteristic K, M
MIL-PRF-83401/10
16-Pin
A, B
100 - 100K
B, D, F, G, J
H, K, M
Package Specification Data (MIL and Commercial)
Package Power Schematic 14-pin A 350 16-pin 400 100% from 0C to 70C derated linearly to 0% at 125C
_____
Power Derating
Voltage Rating
Temperature Range
Substrate
Lead Finish
Noise
PxR
not to exceed 50V -65C to +125C
99.6% Alumina
Gold Plate (60/40 Sn/Pb available)
<-30dB
B
325
375
Schematics
14 13 12 11 10 9 8 14 13 12 11 10 9 8 14 13 12 11 10 9 8 14 13 12 11 10 9 8
R1 R1
R1 R1
1
2
3
4
5
6
7
1
2
3
4
5
6
7
1
2
3
4
5
6
7
1
2
3
4
5
6
7
Model 8989 RZ 030, RZ 150 Schematic A
Model 8987 RZ 030, RZ 150 Schematic B
Model 8999 RZ 100 Schematic A
Model 8998 RZ 100 Schematic B
(c) IRC Advanced Film Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com 8900 Series Issue April 2009 Sheet 2 of 4
TaNFilm(R) Precision Flat Pack Networks
Physical Data
0.075 Max
# of leads 14 16
Dimension L 0.375 .010 0.390 .020
L
0.825 Max
0.305 Max included miniscus
0.250 .010
0.300 .050
0.030 max miniscus typ
0.005 .001 0.050 .005 0.017 .002 0.250 .010
Environmental Data
MIL-PRF-83401 Limits (R%) TaNFilm(R) Test Data (R%)
Test per MIL-PRF-83401 M Thermal Shock and Power Conditioning Low Temperature Operation Short Term Overload Terminal Strength Resistance to Solder Heat Moisture Resistance Shock Vibration Life High Temperature Exposure Low Temperature Storage 25C Double Load 0.7 0.5 0.5 0.25 0.25 0.5 0.25 0.25 2.0 1.0 0.5 2.0 K 0.7 0.25 0.25 0.25 0.25 0.5 0.25 0.25 0.5 0.5 0.25 0.5 H 0.5 0.1 0.1 0.25 0.1 0.4 0.25 0.25 0.5 0.2 0.1 0.5 V 0.25 0.1 0.1 0.1 0.2 0.25 0.25 0.1 0.1 0.1 0.1 0.1 Max 0.1 0.1 0.05 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.05 Typical 0.02 0.01 0.01 0.01 0.02 0.03 0.03 0.03 0.03 0.03 0.02 0.03
(c) IRC Advanced Film Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com 8900 Series Issue April 2009 Sheet 3 of 4
TaNFilm(R) Precision Flat Pack Networks
Commercial Ordering Data
Prefix Model
8987 = 14-pin Flat Pack, schematic B, gold terminations 8987SD = 14-pin Flat Pack, schematic B, 60/40 Sn/Pb terminations 8989 = 14-pin Flat Pack, schematic A, gold terminations 8989SD = 14-pin Flat Pack, schematic A, 60/40 Sn/Pb terminations 8998 = 16-pin Flat Pack, schematic B, gold terminations 8998SD = 16-pin Flat Pack, schematic B, 60/40 Sn/Pb terminations 8999 = 16-pin Flat Pack, schematic A, gold terminations 8999SD = 16-pin Flat Pack, schematic A, 60/40 Sn/Pb terminations
MIL Screened Ordering Data (MIL-PRF-83401)
B F Prefix Specification Sheet
03 = 14-pin Flat Pack 10 = 16-pin Flat Pack 15 = 14-pin HI REL Flat Pack
FP
8999
03
1001
M83401
03
K
1001
F
A
Characteristic
M, K, H
Resistance Absolute TCR
01 = 100ppm/C; 02 = 50ppm/C; 03 = 25ppm/C; 11 = 15ppm/C Standard 4-digit MIL resistance code Example: 1001 = 1000; 50R0=50
Resistance
Standard 4-digit MIL resistance code Example: 1001 = 1000; 50R0=50
Absolute Tolerance
J = 5%; G = 2%; F = 1.0%; D = 0.5%; B = 0.1%
Schematic Absolute Tolerance
J = 5%; G = 2%; F = 1.0%; D = 0.5%; B = 0.1% Standard lead termination is gold plate. Contact factory for optional 60/40 Sn/Pb solder dip finish. A = Isolated; B = Bussed Schematic
Optional Ratio Tolerance to R1
F = 1.0%; D = 0.5%; C = 0.25%; B = 0.1%; A = 0.05%; Q = 0.02%; T = 0.01% Custom schematics and screening available. Screening available for non-QPL values and tolerances. Contact factory for ordering information.
(c) IRC Advanced Film Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com 8900 Series Issue April 2009 Sheet 3 of 4


▲Up To Search▲   

 
Price & Availability of FP-8987-11-1001DB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X