Part Number Hot Search : 
PVC1011 FSA859 CXA19 2SC40 HCU04 UP6018 362611 D1857A
Product Description
Full Text Search
 

To Download FED20-24D05W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FEATURES
* 20 WATTS MAXIMUM OUTPUT POWER * OUTPUT CURRENT UP TO 5.5A * STANDARD 2.0 X 1.0 X 0.4 INCH PACKAGE * HIGH EFFICIENCY UP TO 89% * 4:1 ULTRA WIDE INPUT VOLTAGE RANGE * SIX-SIDED CONTINUOUS SHIELD * FIXED SWITCHING FREQUENCY * CE MARK MEETS 2006/95/EC, 93/68/EEC AND 2004/108/EC * UL60950-1, EN60950-1 AND IEC60950-1 LICENSED * ISO9001 CERTIFIED MANUFACTURING FACILITIES * COMPLIANT TO RoHS EU DIRECTIVE 2002/95/EC Negative logic Remote On/Off
APPLICATIONS Wireless Network Telecom/Datacom Industry Control System Measurement Equipment Semiconductor Equipment
OPTIONS DESCRIPTION
The FED20W series offer 20 watts of output power from a 2 x 1 x 0.4 inch package. The FED20W series with 4:1 ultra wide input voltage of 9-36 and 18-75VDC and features 1600VDC of isolation, short-circuit and over-voltage protection. All specifications are typical at nominal input, full load and 25C otherwise noted
T E C H N I C A L S P E C I F I C AT I O N
OUTPUT SPECIFICATIONS
Output power Voltage accuracy Minimum load Voltage adjustability Single output Full load and nominal Vin
INPUT SPECIFICATIONS
20 Watts, max. 1% 0% 10% Input voltage range 24V nominal input 48V nominal input Input filter Input surge voltage 24V input 100mS max 48V input Input reflected ripple Nominal Vin and full load 20mAp-p current Nominal Vin and Power up 20mS, typ. Start up time constant resistive load Remote ON/OFF 20mS, typ. 24V input 9VDC Start-up voltage 48V input 18VDC 24V input 7.5VDC Shutdown voltage 48V input 15VDC Remote ON/OFF (Note 6) (Positive logic)(Standard) DC-DC ON Open or 3V < Vr < 12V DC-DC OFF Short or 0V < Vr < 1.2V (Negative logic)(Option) DC-DC ON Short or 0V < Vr < 1.2V DC-DC OFF Open or 3V < Vr < 12V Input current of remote control pin Nominal Vin -0.5mA ~ +0.5mA Remote off state input current Nominal Vin 2.5mA 9 - 36VDC 18 - 75VDC Pi type 50VDC 100VDC
Single 0.2% Line regulation LL to HL at Full Load 0.5% Dual Single 0.5% Load regulation No Load to Full Load 1% Dual Cross regulation (Dual) Asymmetrical load 25% / 100% FL 5% 20MHz bandwidth Ripple and noise See table (Measured with a 0.1F/50V MLCC) 0.02% / C, max. Temperature coefficient Transient response recovery time 25% load step change 250S 3.3V output 3.9VDC Over voltage protection 5V output 6.2VDC Zener diode clamp 12V output 15VDC 15V output 18VDC Over load protection % of FL at nominal input 150%, typ. Short circuit protection Hiccup, automatics recovery See table 1600VDC, min. 1600VDC, min. Connect case to -Vin with decoupling Y Cap 9 10 ohms, min. 1500pF, max. 400KHz, typ. IEC60950-1, UL60950-1, EN60950-1 Nickel-coated copper FR4 PCB Epoxy (UL94-V0) 2.00 X 1.00 X 0.40 Inch (50.8X 25.4 X 10.2 mm) 27g (0.95oz) 6 BELLCORE TR-NWT-000332 1.620 x 10 hrs 5 6.590 x 10 hrs MIL-HDBK-217F
ENVIRONMENTAL SPECIFICATIONS
Operating ambient temperature Maximum case temperature Storage temperature range Thermal impedance (Note 7) Thermal shock Vibration Relative humidity -40C ~ +66C (without derating) +66C ~ +105C (with derating) 105C -55C ~ +125C Nature convection 12C/Watt Nature convection with heat-sink 10C/Watt MIL-STD-810F MIL-STD-810F 5% to 95% RH
GENERAL SPECIFICATIONS
Efficiency Isolation voltage Case grounding Isolation resistance Isolation capacitance Switching frequency Approvals and standard Case material Base material Potting material Dimensions Weight MTBF (Note 1) Input to Output Input(Output) to case
EMC CHARACTERISTICS
EMI (Note 8) ESD Radiated immunity EN55022 EN61000-4-2 EN61000-4-3 Air Contact 8KV 6KV 10 V/m 2KV 1KV 10 Vr.m.s Class A Perf. Criteria B Perf. Criteria A Perf. Criteria B Perf. Criteria A Perf. Criteria A
Fast transient (Note 9) EN61000-4-4 Surge (Note 9) Conducted immunity EN61000-4-5 EN61000-4-6 Page 1 of 3
Issued Date2008/05/21
Model Number
FED20-24S3P3W FED20-24S05W FED20-24S12W FED20-24S15W FED20-24D05W FED20-24D12W FED20-24D15W FED20-48S3P3W FED20-48S05W FED20-48S12W FED20-48S15W FED20-48D05W FED20-48D12W FED20-48D15W
Input Range
9 - 36 VDC 9 - 36 VDC 9 - 36 VDC 9 - 36 VDC 9 - 36 VDC 9 - 36 VDC 9 - 36 VDC 18 - 75 VDC 18 - 75 VDC 18 - 75 VDC 18 - 75 VDC 18 - 75 VDC 18 - 75 VDC 18 - 75 VDC
Output Output Current Voltage Min. load Full load
3.3 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 3.3 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 5500mA 4000mA 1670mA 1330mA 2000mA 833mA 667mA 5500mA 4000mA 1670mA 1330mA 2000mA 833mA 667mA
Output(4) Ripple & Noise
60mVp-p 75mVp-p 75mVp-p 75mVp-p 100mVp-p 100mVp-p 100mVp-p 60mVp-p 75mVp-p 75mVp-p 75mVp-p 100mVp-p 100mVp-p 100mVp-p
Input Current
No Load 50mA 65mA 22mA 22mA 55mA 30mA 30mA 35mA 35mA 15mA 15mA 35mA 17mA 17mA
(3)
Full Load 934mA 992mA 1018mA 1014mA 992mA 1004mA 1005mA 467mA 496mA 503mA 501mA 490mA 496mA 496mA
(2)
Eff (4) Capacitor(5) (%) Load max
85 88 86 86 88 87 87 85 88 87 87 89 88 88 18000F 9600F 1650F 1050F 4800F 825F 525F 18000F 9600F 1650F 1050F 4800F 825F 525F
Note:
1. 2. 3. 4. 5. 6. 7. 8. 9. BELLCORE TR-NWT-000332. Case 1: 50% Stress, Temperature at 40C. MIL-HDBK-217F Notice2 @Ta=25 C, Full load(Ground, Benign, controlled environment) Maximum value at nominal input voltage and full load. Typical value at nominal input voltage and no load. Typical value at nominal input voltage and full load. Test by minimum Vin and constant resistive load. The ON/OFF control pin voltage is referenced to -Vin. To order negative logic ON/OFF control add the suffix-N (Ex: FED20-48S05W-N) Heat sink is optional and P/N: 7G-0020C-F. The FED20W series can meet EN55022 Class A with parallel an external capacitor to the input pins. Recommend : 24Vin : NA. 48Vin : 1F/100V 1210 MLCC. An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5. The filter capacitor Power Mate suggest: Nippon chemi-con KY series, 220F/100V, ESR 48m.
OUTPUT POWER (%)
FED20-48S05W Derating Curve
100 80 60 40 20 0 -40
OUTPUT POWER(%)
120
120 100 80 60 40 20 0
FED20-48S05W Derating Curve With Heatsink (Note 7 )
Natural convection 100LFM 200LFM 300LFM 400LFM 500LFM
-20 0 20 40 60
72 80
100 105 120
Natural convection 100LFM 200LFM 300LFM 400LFM 500LFM
-20 0 20 40 60 80 78 100 105 120
AMBIENT TEMPERATURE()
-40
AMBIENT TEMPERATURE()
FED20-48S05W Efficiency VS Input Voltage
90 88 86 84 82 80 78 18 24 30 36 42 48 54 60 66 72
95 90 85 80 75 70 65 60 55 50 45
FED20-48S05W Efficiency VS Output Load
EFFICIENCY(%)
EFFICIENCY(%)
10
20
30
40
50
60
70
80
90
100
INPUT VOLTAGE (V)
OUTPUT LOAD (% of Full Load)
Page 2 of 3
Issued Date2008/05/21
Recommended Filter for EN55022 Class B Compliance The components used in the above figure, together with the manufacturers' part numbers for these components, are as follows:
1. All dimensions in Inches (mm) Tolerance: X.XX0.02 (X.X0.5) X.XXX0.01 (X.XX0.25) 2. Pin pitch tolerance 0.01(0.25) 3. Pin dimension tolerance 0.004 (0.1)
C1 FED2024xxxW FED2048xxxW 4.7F/50V 1812 MLCC
C2 N/A
C3
C4
1000pF/2KV 1000pF/2KV MLCC MLCC
PIN CONNECTION
PIN 1 2 3 4 5 6 SINGLE + INPUT - INPUT + OUTPUT TRIM - OUTPUT CTRL DUAL + INPUT - INPUT + OUTPUT COMMON - OUTPUT CTRL
2.2F/100V 2.2F/100V 1000pF/2KV 1000pF/2KV 1812 MLCC 1812 MLCC MLCC MLCC
L1 450H Common Choke PMT-048 325H Common Choke PMT-050
EXTERNAL OUTPUT TRIMMING
Output can be externally trimmed by using the method shown below.
TRIM UP TRIM DOWN
5
4
RU
4 3
RD
Recommended EN55022 Class B Filter Circuit Layout
Page 3 of 3
Issued Date2008/05/21


▲Up To Search▲   

 
Price & Availability of FED20-24D05W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X