Part Number Hot Search : 
XXXBA N54LS 5SMC48A 5SMC48A SPF0021 EFSDXXXX GP60K LC822152
Product Description
Full Text Search
 

To Download DNR240PS24 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AC-DC
120-480 Watts DNR120-480 Series
* * * * * * * Up to 90% Efficiency Wide Adjustment Range Three-phase 480 W Versions Parallel Function DC Standby Versions Full Power to +60 C Connector Options
xppower.com
Specification
Input
Input Voltage * DNR120LS: 93-132/186-264 VAC switch select, 210-370 VDC switch in 230 VAC position DNR120AS: 90-132/186-264 VAC auto select, 210-370 VDC DNR240PS: 93-132/186-264 VAC, auto select, 210-370 VDC DNR480PS: 90-264 VAC, 120-370 VDC DNR480TS: 340-575 VAC 3O, 480-820 VDC Input Frequency * 47-63 Hz Inrush Current * 120 W: 24/48 A at 115/230 VAC 240 W: 30/60 A at 115/230 VAC 480PS: 25/50 A at 115/230 VAC 480TS: 33 A at 575 VAC Power Factor * Meets EN61000-3-2 for class A equipment Earth Leakage Current * 0.8 mA max
General
Efficiency Isolation * See tables * 3000 VAC Input to Output 1500 VAC Input to Ground 500 VAC Output to Ground * 100 KHz typical * DC ON indicator LED Green, DC LOW indicator LED Red DC OK: 24 V models * 200 kHrs typical per MIL-HDBK-217F GF, +40 C
Switching Frequency Signals
MTBF
Environmental
Operating Temperature * DNR120-240: -10 C to +70 C, derate linearly from +60 C at 2.5%/C DNR480 PS: -25 C to +70 C, derate linearly from +55 C at 2.5%/C DNR480 TS: -25 C to +70 C, derate linearly from +60 C at 2.5%/C. (see derating curves) Cooling * Convection-cooled Operating Humidity * 20-95% RH, non-condensing Storage Temperature * -25 C to +85 C Shock * 4 g, 22 ms, X, Y & Z axis Vibration * 1 g, 10 Hz to 500 kHz, along X, Y & Z axis
Output
Output Voltage Output Voltage Trim Initial Set Accuracy Minimum Load Start Up Delay Start Up Rise Time Hold Up Time * * * * * * * See tables See tables 1% No minimum load required <1000 ms <150 ms 120 & 240 W: 25/30 ms at 115/230 VAC 480PS: 30 ms at 115/230 VAC 480TS: 20 ms at 340 VAC 0.5% max (1% max for 480TS) 1% (5% for units in parallel), 120LS models - see note 1 300 s for a 50% load change 120 W models: 50 mV pk-pk 240-480 W models: 100 mV pk-pk. 20 MHz BW Output clamps at 125-145% Vnom 105-145% constant current. 480TS model: 115-135% continuous power limit, Imax = 2 x Inom at short circuit condition or switchable trip and restart mode, output is turned on for 3 s every 30 s. 0.02%/C
EMC & Safety
Emissions Harmonic Currents Voltage Flicker ESD Immunity Radiated Immunity EFT/Burst Surge Conducted Immunity Dips & Interruptions EN55022, class B conducted & radiated EN61000-3-2, class A EN61000-3-3 EN61000-4-2, level 3 Perf Criteria A EN61000-4-3, level 3 Perf Criteria A EN61000-4-4, level 3 Perf Criteria A EN61000-4-5, level 3 Perf Criteria A EN61000-4-6, level 3 Perf Criteria A EN61000-4-11, 30% 10 ms, 60% 100 ms, 100% 5000 ms Perf Criteria A, B, B * EN60950-1:2001, UL508, UL60950-1, cUL60950-1, CE Mark * * * * * * * * *
Line Regulation Load Regulation Transient Response Ripple & Noise
* * * *
Overvoltage Protection * Overload Protection *
Safety Approvals
Temperature Coefficient
*
AC-DC
Models and Ratings
Output Voltage 12 V 24 V 48 V 12 V 24 V 48 V 24 V 48 V 24 V 48 V 24 V 48 V Notes Output Voltage Trim 11.4-14.5 V 22.5-30.0 V 45.0-55.0 V 11.4-14.5 V 22.5-30.0 V 45.0-55.0 V 22.5-28.5 V 47.0-56.0 V 22.5-28.5 V 47.0-56.0 V 22.5-28.5 V 47.0-56.0 V Output Current 10.0 A 5.0 A 2.5 A 10.0 A 5.0 A 2.5 A 10.0 A 5.0 A 20.0 A 10.0 A 20.0 A 10.0 A
DNR120-480
Typical Efficiency 84% 86% 87% 84% 86% 87% 89% 90% 89% 90% 88% 89% Model Number DNR120LS12(1,2,3) DNR120LS24(1,2,3) DNR120LS48(1,2,3) DNR120AS12-I(3,4) DNR120AS24-I(3,4) DNR120AS48-I(3,4) DNR240PS24-I(3,4) DNR240PS48-I(3,4) DNR480PS24-I(3,4) DNR480PS48-I(3,4) DNR480TS24-I DNR480TS48-I
1. Add suffix `-I' to DNR120LS model number for parallel function, (120AS, 240 & 480 W models have parallel function as standard). A maximum of 3 units can be paralleled. Total power available is 90% of the rated current of each unit. 2. For PFC version of DNR120LS, replace `L' in the model number with `P' e.g. DNR120LS24 becomes DNR120PS24 (Typical power factor 0.7). 3. Add suffix `-D' for detachable connector option. 4. For DC standby, remove `-I' and add # to the end of the model number. Available from Farnell. See pages 204-206.
Derating Curves
DNR120-240
DNR120 & 240 DNR120 & 240 100 80
Load (%)
DNR480PS
DNR480PS DNR480PS 100 80
Load (%)
DNR480TS
DNR480PS
100 80
Load (%)
Load (%)
DNR120 & 240
100 80
DNR480TS DNR480TS
100 80
Load (%)
DNR480TS
100 80
100 80
Load (%)
100 80 60 40 20 0
-10 10
40 20
40 20 0 30 10-10
Load (%)
60
Load (%)
60
60 40 20 0
60 40 20 0 -25 -10 -200
60 40 20 0
60 40 20
60 40 20 0 -25 -10 -200
0 0 -10 10
0 20
20 40 0
30 10 50
40 20 60
50 30 70
60 40
70 50
60
70
-25 -20
-10 10
40 020 -20 30 -1020 -25 10
40 50 60 030 10 60 20 70 30 50
40 70
50
60
0 70 -25 -20
20 020 -20 30 -10 40 -25 10
40 50 60 50 030 10 60 20 70 30
40 70
50
60
Ambient Temp (C) Ambient Temp (C) Ambient Temp (C)
Ambient Temp (C) Ambient Temp (C) Ambient Temp (C)
Ambient Temp (C) Ambient Temp (C) Ambient Temp (C)
Standby Versions
+ + DC OK DC OK DC LO ON K1
6
1
Output Set Voltages For Standby Versions Model DNR120AS12#
D1 K1 Fuse LOAD
Voltage 13.6 V 27.2 V 54.5 V 27.2 V 54.5 V 27.2 V 54.5 V
Current 8.8 A 4.4 A 2.2 A 8.8 A 4.4 A 17.6 A 8.8 A
DC OK Shutoff 10.8 V 5% 21.6 V 5% 43.2 V 5% 21.6 V 5% 43.2 V 5% 21.6 V 5% 43.2 V 5%
DNR120AS24# DNR120AS48# DNR240PS24#
RL > 700ohm DCOK
-
Battery 22K DCOK 0.5W
DNR240PS48# DNR480PS24# DNR480PS48#
1
3
-Vout
5.1K 0.3W Maximum current drain from battery by PSU when inactive 22 mA. -Vout a) Relay Example b) 5 V Signal Example
-
DC OK
Volt free contact closed when good voltage from PSU or battery available to the load in standby system Available on 24 V models only.
DCOK
Open = Output fail Closed = Output good
DCOK
Contact Rating: 0.3 A at 60 VDC 500 VDC isolation
AC-DC
Mechanical Details
DNR120-480
DC Output 4.57 (116.0)
1
DNR120LS Models
DC Output
6 1 6
0.39 (10.0)
DC LO ON
DC LO ON
4.92 (125.0) 5.59 (142.0)
`-D' option
115 VAC 230 VAC 115 VAC 230 VAC
1
3 1
AC Input
3
AC Input 2.50 (63.5)
DNR120 Connections Pin Designation 1 Ground AC 2 Line Input 3 Neutral 1 DC OK * 2 DC OK * DC 3 Positive 4 Positive Output 5 Negative 6 Negative Conn
Notes
1. All dimensions in inches (mm). 2. Weight 1.4 lb (630 g) approx. 3. Screw terminal: 10-24AWG cable size. Detachable connector version: 14-24AWG cable size.
* 24 V & standby models only.
DNR120AS Models 240 W Models
DC Output DC Output
6
Single Parallel
4.57 (116.0)
1
0.39 (10.0)
6 1
Single Parallel
DC LO ON
DC LO ON
4.92 (125.0) 5.59 (142.0)
`-D' option
1
3 1
AC Input
3
AC Input 2.50 (63.5)
DNR120 Connections Pin Designation 1 Ground AC 2 Line Input 3 Neutral 1 DC OK * 2 DC OK * DC 3 Positive 4 Positive Output 5 Negative 6 Negative Conn
Notes
1. All dimensions in inches (mm). 2. Weight 1.4 lb (630 g) approx. 3. Screw terminal: 10-24AWG cable size. Detachable connector version: 14-24AWG cable size.
* 24 V & standby models only.
AC-DC
Mechanical Details
DNR120-480
4.57 (116.0)
6 1
240 W Models
DC Output
6
Single Parallel
0.39 (10.0)
1
DC Output
Single Parallel
DC LO ON
DC LO ON
4.92 (125.0) 5.59 (142.0)
`-D' option
1
3 1
AC Input
3
AC Input
3.27 (83.0)
Notes
1. All dimensions in inches (mm). 2. Weight 3.0 lb (1360 g) approx. The 14-24AWG cable size. 3. Screw terminal: 10-24AWG cable size. Detachable connector version:red LED is lit if the output
voltage is 70-90% of VNOM
DNR240 Connections Pin Designation 1 Ground AC 2 Line Input 3 Neutral 1 DC OK* 2 DC OK* DC 3 Positive 4 Positive Output 5 Negative 6 Negative Conn
* 24 V & standby models only.
480 240 W Models
The green LED is lit if the output voltage is >75% of VNOM
A
C
0.3 (7.0)
B
D
DC ON
DC LO
AC Input
1 3
Optional detachable connector (`-D' option)
DC Output
1 6
`PS' version AC Input
1 4 DC OK
DC LO DC ON
DC Output
1 4
`TS' version
Notes
1. All dimensions in inches (mm). 2. Weight 4.2 lb (1920 g) approx. 3. Screw terminal: 10-24AWG cable size. Detachable connector version: 14-24AWG cable size.
Single/parallel & current limit selector switches on underside
A B C D
DNR480 Dimensions 480PS 480TS 6.89 (175.0) 5.91 (150.0) 4.92 (125.0) 4.87 (123.6) 4.57 (116.0) 4.38 (111.3) 5.59 (142.0)
DNR480PS Connections Conn Pin Designation 1 Ground AC 2 Neutral Input 3 Line 1 DC OK* 2 DC OK* DC 3 Positive 4 Positive Output 5 Negative 6 Negative * 24 V and standby models only.
DNR480TS Connections Conn Pin Designation 1 Ground AC 2 L1 3 L2 Input 4 L3 1 Positive DC 2 Positive 3 Negative Output 4 Negative 1 DC OK* DC OK 2 DC OK*
09-Oct-07


▲Up To Search▲   

 
Price & Availability of DNR240PS24

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X