Part Number Hot Search : 
EP120660 PAC7302 G106M MN347H 5KE40 3055EL ITA6V5B1 FCM1005
Product Description
Full Text Search
 

To Download DML-6B-10G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DML-6B -10G
TR IPLEBALANC D MIXE E R
2 to 18 G / +10 to +13 dBmLO/ Low C Hz onv.Loss / Wideband IF / Herm Pkg with R ovable SMA etic em
PRINCIPAL SPECIFICATIONS
RF/LO LO Drive IF Model Frequency, Range, Range, Number GHz dBm, Nom. GHz DML-6B-10G 2 - 18 +10 to+ 13 0.5 - 8 1-6 Conversion Isolation, Isolation, Isolation, VSWR, Loss, SSB, dB, L-R, dB, L-X, dB, R-X, dB, Typ. Max. Typ. Min. Typ. Min. Typ. Min. Typ. LO RF 10.5 9.5 7.5 6.5 20 30 20 30 20 30 2.0:1 2.0:1
All specifications are as measured in a 50 system, at nominal LO Power, in a down converter application.
Package Outline
NOTES: 1. Tolerance on 3 place decimals .010(.25) except as noted. 2. Dimensions in inches over mm.
General Notes: 1. The DML-6B-10G Triple Balanced Mixer covers the frequency range of 2 to 18 GHz and is optimized for wide IF bandwidth, low loss and broad RF/LO bandwidth. The hermetic removable SMA package is used for performance testing and reliability. 2. Merrimac offers a broad selection of Balanced Mixers ideal for a variety of signal processing functions from 20 kHz to 20 GHz and for applications ranging from routine to very special. 3. All Merrimac mixers comply with MIL-M-28837 and may be supplied screened for compliance with additional specifications for military and space applications requiring the highest reliability.
14Oct02
GENERAL SPECIFICATIONS Third Order Input Intercept: +15 dBm typ. Noise Figure: Within 1 dB of Conversion Loss 1 dB Compression Point: +8 dBm typ.
(Referenced to Input) (Referenced to Input)
1 dB Desensitization Point: +7 dBm typ. Polarity Sense: DC Offset Voltage: Weight with SMA, nom: Operating Temperature: Positive 5 - 15 mV typ. 0.7 oz (20 g) - 55 to +85C
RRIMAC/ 41 Fairfield Pl., West Caldwell, NJ, 07006 / F further inform or ation contact ME
973-575-1300 / FAX 973-575-0531


▲Up To Search▲   

 
Price & Availability of DML-6B-10G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X