Part Number Hot Search : 
07231438 DS21Q354 B41794 MM74C A1208 PWR1211 GB4060D 0ZB6T
Product Description
Full Text Search
 

To Download D137ERW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 D100ERW Series
Low Cost, Miniature 1W SIP, Wide Input DC/DC Converters
Electrical Specifications
Specifications typical @ +25C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
Key Features:
* 1W Output Power * 2:1 Input Voltage Range * 1,500 VDC Isolation * Short Circuit Protected * Miniature SIP Case * Single & Dual Outputs * 1.0 MH MTBF * Industry Standard Pin-Out * Low Low Cost!!
Input
Parameter Conditions 5 VDC Input 12 VDC Input 24 VDC Input 48 VDC Input Min. 4.5 9.0 18.0 36.0 Typ. 5.0 12.0 24.0 48.0 Max. 9.0 18.0 36.0 72.0 1.0 1,500 Max. 3.0 2.0 0.5 0.75 1.0 100 0.03 Continuous with Autorecovery Conditions 60 Seconds 500 VDC 100 kHz, 1V Iout = 100% Conditions Min. 1,500 1,000 180 Typ. Max. Units VDC M pF kHz Units C C % Units
Input Voltage Range
VDC
Reverse Polarity Input Current Short Circuit Input Power
A mW Units % % % % % mV P - P % %/C
Output
Parameter Output Voltage Accuracy Output Voltage Balance Line Regulation Load Regulation , Single Output Load Regulation , Dual Output Ripple & Noise (20 MHz) (Note 1) Output Power Protection Temperature Coefficient Output Short Circuit Conditions Min. Typ. 1.0 1.0 0.2 0.5 0.5 25
Vin = Min to Max Iout = 10% to 100% Iout = 10% to 100% 120
RoHS Compliant
General
Parameter Isolation Voltage Isolation Resistance Isolation Capacitance Switching Frequency
80 550 Max. +85 +125 95
Environmental
Parameter Operating Temperature Range Storage Temperature Range Cooling Humidity Min. Typ. -40 +25 -55 Free Air Convection RH, Non-condensing Ambient
MicroPower Direct Physical
292 Page Street Suite D Stoughton, MA 02072 USA T: (781) 344-8226 F: (781) 344-8481 E: sales@micropowerdirect.com W: www.micropowerdirect.com Case Size Case Material Weight 0.87 x 0.47 x 0.37 Inches (22.0 x 12.0 x 9.50 mm) Non-Conductive Black Plastic (UL94-V0) 0.19 Oz (5.5g) Conditions MIL HDBK 217F, 25C, Gnd Benign Conditions 5 VDC Input 12 VDC Input 24 VDC Input 48 VDC Input 1.5 mm From Case For 10 Sec All Models Min. 1.0 Min. -0.7 -0.7 -0.7 -0.7 Typ. Max. Units MHours Units
Reliability Specifications
Parameter MTBF
Absolute Maximum Ratings
Parameter Typ. Max. 11.0 22.0 40.0 80.0 300 1,800
Input Voltage Surge (1 Sec)
VDC
Lead Temperature Internal Power Dissipation
C mW
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
Model Selection Guide
Model Number D101ERW D102ERW D103ERW D104ERW D105ERW D106ERW D107ERW D108ERW D109ERW D111ERW D112ERW D113ERW D114ERW D115ERW D116ERW D117ERW D118ERW D119ERW D121ERW D122ERW D123ERW D124ERW D125ERW D126ERW D127ERW D128ERW D129ERW D131ERW D132ERW D133ERW D134ERW D135ERW D136ERW D137ERW D138ERW D139ERW Input Output Efficiency Voltage Current Current Voltage (VDC) Current (mA) Nominal Range Full-Load No-Load (VDC) (mA, Max) (mA, Min) (%, Typ) 5 4.5 - 9.0 303 40 3.3 303.0 30.0 66 5 4.5 - 9.0 286 40 5.0 200.0 20.0 70 5 4.5 - 9.0 273 40 12.0 83.0 8.0 73 5 4.5 - 9.0 277 40 15.0 67.0 12.0 72 5 4.5 - 9.0 286 40 24.0 42.0 4.0 70 5 4.5 - 9.0 282 40 5.0 100.0 10.0 71 5 4.5 - 9.0 273 40 12.0 42.0 4.0 73 5 4.5 - 9.0 273 40 15.0 33.0 3.0 73 5 4.5 - 9.0 282 40 24.0 21.0 2.0 71 12 9.0 - 18.0 122 20 3.3 303.0 30.0 68 12 9.0 - 18.0 111 20 5.0 200.0 20.0 75 12 9.0 - 18.0 106 20 12.0 83.0 8.0 78 12 9.0 - 18.0 106 20 15.0 67.0 12.0 78 12 9.0 - 18.0 108 20 24.0 42.0 4.0 77 12 9.0 - 18.0 111 20 5.0 100.0 10.0 75 12 9.0 - 18.0 108 20 12.0 42.0 4.0 77 12 9.0 - 18.0 110 20 15.0 33.0 3.0 76 12 9.0 - 18.0 108 20 24.0 21.0 2.0 77 24 18.0 - 36.0 60 10 3.3 303.0 30.0 70 24 18.0 - 36.0 57 10 5.0 200.0 20.0 73 24 18.0 - 36.0 53 10 12.0 83.0 8.0 78 24 18.0 - 36.0 55 10 15.0 67.0 12.0 76 24 18.0 - 36.0 54 10 24.0 42.0 4.0 77 24 18.0 - 36.0 55 10 5.0 100.0 10.0 76 24 18.0 - 36.0 54 10 12.0 42.0 4.0 78 24 18.0 - 36.0 53 10 15.0 33.0 3.0 78 24 18.0 - 36.0 53 10 24.0 21.0 2.0 78 48 36.0 - 72.0 29 5 3.3 303.0 30.0 71 48 36.0 - 72.0 29 5 5.0 200.0 20.0 73 48 36.0 - 72.0 27 5 12.0 83.0 8.0 78 48 36.0 - 72.0 27 5 15.0 67.0 12.0 76 48 36.0 - 72.0 27 5 24.0 42.0 4.0 78 48 36.0 - 72.0 28 5 5.0 100.0 10.0 75 48 36.0 - 72.0 27 5 12.0 42.0 4.0 78 48 36.0 - 72.0 27 5 15.0 33.0 3.0 78 48 36.0 - 72.0 27 5 24.0 21.0 2.0 76 Fuse Rating Slow-Blow (mA) 750 750 750 750 750 750 750 750 750 400 400 400 400 400 400 400 400 400 150 150 150 150 150 150 150 150 150 75 75 75 75 75 75 75 75 75
Notes: 1. When measuring output ripple, it is recommended that an external ceramic capacitor (approx. 1 F to 10 F) be placed from the +Vout pin to the -Vout pin for single output units and from each output to common for dual output units. 2. These units should not be operated with a load under 10% of full load. Operation at no-load may cause damage to the unit. 3. These converters are specified for operation without external components. However, in some Output Capacitor applications the Input Vin Capacitor Vout 0 - 70C -40 - 85C addition of input/ output capacitors (Electrolitic) (Tantalum) will enhance stabil100 F 5 VDC 100 F 47 F ity and reduce out- 12 VDC 100 F 12 VDC 100 F 47 F put ripple. Recom- 15 VDC mended capacitor 24 VDC 10 F 15 VDC 100 F 47 F values are given in 48 VDC 10 F the table at right. Output ripple on single output units may be further enhanced by using the CS terminal (single output units operated at 50% load or below should use this function). A low ESR capaciOutput Voltage tor is connected between the CS pin and the -Vout pin 3.3V 5V 12V 15V 24V (the anode of the capacitor CS 47 F - 100 F 22 F - 47 F is connected to the -Vout pin). Recommended capacitor values are given in the table above. If not used, the CS pin should be left open. 4. Dual output units may be connected to provide a 10V, 24V, 30V or 48 VDC output. To do this, connect the load across the +Vout and -Vout outputs and float the output common. 5. The remote on/off control pin is referMin Max enced to the -Vin pin. Input current to On <0.6 VDC to Open Circuit the pin should be between 5 - 10 mA Off 2.7 VDC 15.0 VDC with a maximum of 20 mA. 6. It is recommended that a fuse be used on the input of a power supply for protection. See the Model Selection table above for the correct rating.
Derating Curve Pin Connections
Pin Single Dual 1 -Vin -Vin 2 +Vin +Vin 3 Remote ON/OFF 5 NF NF 6 +Vout +Vout 7 -Vout Common 8 CS -Vout NF = No Function
Mechanical Dimensions
Mechanical Notes:
* All dimensions are typical in inches (mm) * Tolerance x.xx = 0.01 (0.25)
MicroPower Direct
www.micropowerdirect.com
*
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
*
FAX: (781) 344-8481
*
E-Mail: sales@micropowerdirect.com


▲Up To Search▲   

 
Price & Availability of D137ERW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X