Part Number Hot Search : 
NTE71 0ETTS TC7SZ07 NTE2535 WRB1215 15TP551T SM4482 RF1404Z
Product Description
Full Text Search
 

To Download CTRFB1010F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Peaking Coils - Radial
ctparts.com
SPECIFICATIONS
CTRFB1010F Series
From 12 H to 18,000 H
Part Number CTRFB1010F-120K CTRFB1010F-150K CTRFB1010F-180K CTRFB1010F-220K CTRFB1010F-270K CTRFB1010F-330K CTRFB1010F-390K CTRFB1010F-470K CTRFB1010F-560K CTRFB1010F-680K CTRFB1010F-820K CTRFB1010F-101K CTRFB1010F-121K CTRFB1010F-151K CTRFB1010F-181K CTRFB1010F-221K CTRFB1010F-271K CTRFB1010F-331K CTRFB1010F-391K CTRFB1010F-471K CTRFB1010F-561K CTRFB1010F-681K CTRFB1010F-821K CTRFB1010F-102K CTRFB1010F-122K CTRFB1010F-152K CTRFB1010F-182K CTRFB1010F-222K CTRFB1010F-272K CTRFB1010F-332K CTRFB1010F-392K CTRFB1010F-472K CTRFB1010F-562K CTRFB1010F-682K CTRFB1010F-822K CTRFB1010F-103K CTRFB1010F-123K CTRFB1010F-153K CTRFB1010F-183K Not shown at actual size.
Parts are available in 10% tolerance only. Inductance (H 10%) 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 1200 1500 1800 2200 2700 3300 3900 4700 5600 6800 8200 10000 12000 15000 18000 L Test Freq. (kHz) 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 DCR Max. () .025 .028 .030 .042 .046 .055 .075 .082 .090 .120 .140 .150 .210 .245 .300 .360 .490 .570 .620 .810 .920 1.20 1.35 1.45 2.10 2.40 3.50 4.10 5.20 6.00 7.00 8.50 10.0 13.0 15.8 19.0 22.0 29.0 33.0 SRF Typ. (MHz) 20 19 16 15 12 11 10.3 9.5 8.6 7.5 7.0 7.0 6.0 5.0 5.0 4.3 4.0 3.5 3.0 3.0 2.3 2.0 2.0 2.0 1.6 1.4 1.3 1.3 1.2 1.0 0.9 0.8 0.8 0.7 0.6 0.6 0.5 0.5 0.4 Isat (A) 5.60 5.00 4.60 4.10 3.70 3.40 3.10 2.80 2.60 2.30 2.10 1.90 1.75 1.60 1.45 1.30 1.20 1.10 1.00 0.90 0.80 0.75 0.68 0.60 0.55 0.50 0.45 0.41 0.37 0.34 0.31 0.28 0.26 0.23 0.21 0.19 0.17 0.16 0.14 Irms 20 Rise (A) 4.00 3.75 3.50 3.30 3.00 2.80 2.60 2.40 2.20 2.00 1.90 1.70 1.60 1.50 1.40 1.30 1.20 1.00 0.90 0.80 0.70 0.60 0.55 0.50 0.47 0.44 0.41 0.38 0.35 0.32 0.29 0.25 0.23 0.19 0.16 0.13 0.12 0.11 0.10 Irms 40 Rise (A) 5.70 5.40 5.00 4.70 4.40 4.10 3.80 3.50 3.20 2.80 2.50 2.20 2.10 1.90 1.80 1.70 1.60 1.40 1.30 1.20 1.05 0.93 0.80 0.67 0.63 0.59 0.55 0.50 0.47 0.43 0.39 0.35 0.30 0.26 0.22 0.18 0.17 0.15 0.13
Compliant
RoHS
CHARACTERISTICS
Description: Radial leaded fixed inductor (UL sleeved) Applications: Ideal as a choke coil for noise filtering. Operating Temperature: -40C to +85C T: typically above 25C ambient. Inductance Tolerance: 10% Inductance Drop: 10% typically at rated Isat Testing: Inductance is tested on an HP4284A at 100 kHz, 0.1Vrms Packaging: Bulk packaging Marking: UL sleeving marked with inductance code Miscellaneous: RoHS Compliant. Additional Information: Additional electrical & physical information available upon request Samples available. See website for ordering information.
PHYSICAL DIMENSIONS
Size mm inches A
Max. 11.0 0.43
B
Max. 11.5 0.45
C
4.00.5 0.160.02
D
6.00.5 0.240.02
E
0.8 0.031
UL TUBE A
D
B
C oE
08.06.07
Technologies
Manufacturer of Passive and Discrete Semiconductor Components 800-684-5322 Inside US 949-453-1811 Outside US
Copyright (c) 2007 by CT Magnetics, DBA Central Technologies. All rights reserved. CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL


▲Up To Search▲   

 
Price & Availability of CTRFB1010F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X