|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Power Inductors - Unshielded ctparts.com CTLQ1206C Series From 0.12 H to 100 H Part Number Not shown at actual size. SPECIFICATIONS Please specify tolerance code when ordering. CTLQ1206C-4R7_ J = 5%, K = 10%, M = 20% * K or M only CTLQ1206CF Please specify "F" for RoHS compliant L Test Freq. (MHz) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 SRF Min. (MHz) 250 250 180 100 50 31 20 14 10 7 DCR Max. () 0.112 0.140 0.210 0.364 0.533 0.845 1.69 3.90 10.4 15.6 Allowable Current (mA) 970 850 700 510 430 340 230 160 100 80 Inductance (H) 0.12 0.22 0.47 1.0 2.2 4.7 10 22 47 100 CTLQ1206C_-R12M CTLQ1206C_-R22M CTLQ1206C_-R47M CTLQ1206C_-1R0M CTLQ1206C_-2R2M CTLQ1206C_-4R7_* CTLQ1206C_-100_ CTLQ1206C_-220_ CTLQ1206C_-470_ CTLQ1206C_-101_ Compliant Available RoHS PHYSICAL DIMENSIONS Size mm inches A 3.200.30 0.1260.012 B 1.800.30 0.0710.012 C 1.600.30 0.0630.012 D Min. 0.7 0.028 CHARACTERISTICS Description: SMD power inductor Applications: Power supplies for VTR, OA equipment, LCD televisions, PC notebooks, portable communication equipment, DC/DC converters, etc. Operating Temperature: -25C to +85C Inductance Tolerance: J = 5%, K = 10% & M = 20% Packaging: Tape & Reel Testing: Tested on a HP4285A @ specified frequency Allowable Current: Self temperature rise shall be limited to 35C max. Inductance drop 10% typ. at this rated current. Miscellaneous: RoHS Compliant available. Additional Information: Additional electrical & physical information available upon request Samples available. See website for ordering information. B A C D D D 10.11.05 Technologies Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids 800-684-5322 Inside US 949-453-1811 Outside US Copyright (c) 2004 by CT Magnetics, DBA Central Technologies. All rights reserved. CT Magnetics reserves the right to make improvements or change specifications without notice CENTRAL |
Price & Availability of CTLQ1206C-100J |