|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Component Power AC Front End Modules 500 & 1000 Watts CPH Series * THE XPERTS IN POWER 85-264 VAC Input * PFC to EN61000-3-2 * Efficiency up to 95% * Fixed Switching Frequency * Parallel Operation * Compatible with CPM Series * International Approvals Specification Input Input Voltage Input Frequency Input Current (Typical) Inrush Current * * * * 85-264 VAC (derate the CPH1000 to 850 W between 85 & 95 VAC) 47-63 Hz 5.6/4.0 A at 115/230 VAC CPH500 11.5/8.5 A at 115/230 VAC CPH1000 15/30 A typ at 115/230 AC CPH500 CPH1000 limited by external resistance contact technical sales for details Standard 0.98 typical (complies with EN61000-3-2 85-255 VAC) <0.3 mA CPH500, <0.75 mA CPH1000 Switching Frequency * Power Good Signal * 170 kHz CPH500, 130 kHz CPH1000 Open-collector output, max sink current 5 mA, max voltage 35 V CPH500 Open-collector output, max sink current 5/10 mA for CPH500/CPH1000 Open-collector output, max sink current 10 mA, max voltage 35 V CPH1000 only Inverter Operation Monitoring Enable Signal * * Inrush Current Protection Power Factor Leakage Current * * * Environmental Operating Temperature Storage Temperature Humidity Vibration Shock * * * * * -20 C to +85 C (aluminium baseplate) -40 C to +85 C 20-95% RH non-condensing 10-55 Hz 5G 3 minute period, 60 mins along each X, Y & Z axis 20 G 11 ms once each X, Y & Z axis Output Output Power * 500/1000 W for CPH500/1000 95-170 VAC 750/1500 W for CPH500/1000 with input voltage 170-264 VAC 300-360 VDC (automatically changes according to the input voltage) No minimum load required 390-440 VDC CPH500, 400-450 VDC CPH1000 +100 C 15 C (baseplate) Standard Safety Emissions * EN55022 Level B conducted EN55022 Level B radiated External components required Contact Sales for Application Note EN61000-4-2 Level 2 EN61000-4-2 Level 3 EN61000-4-4 Level 3 EN61000-4-5 Level 3, 4 EN60950, UL1950, CUL1950 Output Voltage Minimum Load Overvoltage Protection Thermal Protection Current Share * * * * * General Efficiency Isolation * * 90/95% typical at 100/200 VAC Input to Output not isolated, 3000 VAC Input to Ground 500 VDC Output to Ground ESD Susceptibility Radiated Susceptibility EFT/Burst Surge Safety Approvals * * * * * * * www.xpplc.com sales@xpplc.com Mechanical Details - CPH500USC3 Weight <150g Pin Connection Function 1 CB Current Balance 2 IOG Inverter Operation Monitor 3 AC AC Input 4 5 SR Inrush Current Protection 6 R External Resistor For Inrush Current Protection 7 + DC OUT + DC (+ V) Output 8 - V DC OUT - DC (- V) Output 9 PR Power Ready Signal 10 AUX Auxillary Power Supply For External Signal FG Frame Ground Mechanical Details - CPH1000USC3 Weight <200g Pin Connection Function 1 AC1 AC Input 2 AC2 3 R External Resistor For Inrush Current Protection 4 +V OUT +DC Output 5 -V OUT -DC Output 6 AUX Auxiliary Power Supply for External Signal 7 IOG Inverter Operation Monitor 8 CB Current Balance 9 ENA Enable Signal www.xpplc.com sales@xpplc.com Rev 3.0 |
Price & Availability of CPH500USC3 |