|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
CHENMKO ENTERPRISE CO.,LTD SURFACE MOUNT NPN Digital Silicon Transistor VOLTAGE 30 Volts APPLICATION * Switching circuit, Inverter, Interface circuit, Driver circuit. CHDTC323TUPT CURRENT 600 mAmpere FEATURE * Small surface mounting type. (SC-70/SOT-323) * High current gain. * Suitable for high packing density. * Low colloector-emitter saturation(VCE(sat)=40mV at IC/IB=50mA/2.5mA). * High Collector current (IC(Max.)=600mA). * Internal isolated NPN transistors in one package. * Built in single resistor(R1=2.2k, Typ. ) (2) SC-70/SOT-323 (3) 1.30.1 0.30.1 0.65 2.00.2 0.65 CONSTRUCTION * One NPN transistors and bias of thin-film resistors in one package. 1.250.1 (1) MARKING TUG Emitter Base 1 0.05~0.2 0.1Min. 2.0~2.45 0.8~1.1 0~0.1 CIRCUIT 2 TR R1 3 Collector Dimensions in millimeters SC-70/SOT-323 LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134). SYMBOL VCBO VCEO VEBO IC(Max.) PD TSTG TJ RJ-S Note 1. Transistor mounted on an FR4 printed-circuit board. 2005-06 PARAMETER Coll ector -Base voltage Collector-Emitter voltage Emitter-Base voltage Coll ector current Power dissipation Storage temperature Junction temperature Thermal resistance , Note 1 CONDITIONS 30 15 5 600 Tamb 25 OC, Note 1 200 VALUE V V V UNIT mA mW O -55 +150 -55 +150 junction - soldering point 140 C O C C/W O RATING CHARACTERISTIC ( CHDTC323TUPT ) CHARACTERISTICS Tamb = 25 C unless otherwise specied. SYMBOL BVCBO BVCEO BVEBO ICBO IEBO VCE(sat) hFE R1 fT PARAMETER Collector-base breakdown voltage Emitter-base breakdown voltage Collector cutoff current Emitter cutoff current Collector-emitter saturation voltage CONDITIONS IC=50uA IE=50uA VCB=20V VEB=4V IC/IB=50mA/2.5mA IC=50mA; VCE=5.0V IE=-50mA, VCE=10.0V f=100MHz MIN. 30 15 5.0 - - - 100 1.64 - - - - - - TYP. - - - MAX. V V V UNIT Collector-emitter breakdown voltage IC=1.0mA 0.5 0.5 0.08 600 2.86 - uA uA V K MHz DC current gain Input resistor Transition frequency 0.04 250 2.2 200 Note 1.Pulse test: tp300uS; 0.02. RATING CHARACTERISTIC CURVES ( CHDTC323TUPT ) Typical Electrical Characteristics Fig.1 DC current gain vs. collector current 1k 500 DC CURRENT GAIN : hFE Fig.2 Collector-emitter voltage vs. collector current COLLECsaturationTOR VOLTAGE : VCE(sat) (V) 1 500m 200m 100m 50m 20m 10m 5m 2m 1m 100 200 500 1m 2m 5m 10m 20m 50m 100m Ta=100OC 25OC -40 OC lO/lI=20 VCE = 5V 200 100 50 20 10 5 2 1 100 200 500 1m 2m 5m 10m 20m 50m100m Ta=100OC 25OC -40OC COLLECTOR CURRENT : IC (A) COLLECTOR CURRENT : IC (uA) |
Price & Availability of CHDTC323TUPT |