Part Number Hot Search : 
SG10B 424J6 35200 80150 M37161MA TP05AC ESDA05C4 110LM30
Product Description
Full Text Search
 

To Download CHDTC314TUPT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT NPN Digital Silicon Transistor
VOLTAGE 30 Volts
APPLICATION
* Switching circuit, Inverter, Interface circuit, Driver circuit.
CHDTC314TUPT
CURRENT 600 mAmpere
FEATURE
* Small surface mounting type. (SC-70/SOT-323) * High current gain. * Suitable for high packing density. * Low colloector-emitter saturation(VCE(sat)=40mV at IC/IB=50mA/2.5mA). * High Collector current (IC(Max.)=600mA). * Internal isolated NPN transistors in one package. * Built in single resistor(R1=10k, Typ. )
(2)
SC-70/SOT-323
(3)
1.30.1 0.30.1
0.65 2.00.2 0.65
CONSTRUCTION
* One NPN transistors and bias of thin-film resistors in one package.
1.250.1
(1)
MARKING
TUH
Emitter Base 1
0.05~0.2 0.1Min.
0.8~1.1 0~0.1 2.0~2.45
CIRCUIT
2
TR R1
3 Collector
Dimensions in millimeters
SC-70/SOT-323
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134). SYMBOL VCBO VCEO VEBO IC(Max.) PD TSTG TJ RJ-S Note 1. Transistor mounted on an FR4 printed-circuit board.
2005-06
PARAMETER Coll ector -Base voltage Collector-Emitter voltage Emitter-Base voltage Coll ector current Power dissipation Storage temperature Junction temperature Thermal resistance , Note 1
CONDITIONS 30 15 5 600 Tamb 25 OC, Note 1 200
VALUE V V V
UNIT
mA mW
O
-55 +150 +150 junction - soldering point 140
C
O
C C/W
O
RATING CHARACTERISTIC ( CHDTC314TUPT )
CHARACTERISTICS Tamb = 25 C unless otherwise specied. SYMBOL BVCBO BVCEO BVEBO ICBO IEBO VCE(sat) hFE R1 fT PARAMETER
Collector-base breakdown voltage Emitter-base breakdown voltage Collector cutoff current Emitter cutoff current Collector-emitter saturation voltage
CONDITIONS IC=50uA IE=50uA VCB=20V VEB=4V IC/IB=50mA/2.5mA IC=50mA; VCE=5.0V IE=-50mA, VCE=10.0V f=100MHz
MIN. 30 15 5.0 - - - 100 7 - - - - - -
TYP. - - -
MAX. V V V
UNIT
Collector-emitter breakdown voltage IC=1.0mA
0.5 0.5 0.08 600 13 -
uA uA V K MHz
DC current gain Input resistor Transition frequency
0.04 250 10 200
Note 1.Pulse test: tp300uS; 0.02.
RATING CHARACTERISTIC CURVES ( CHDTC314TUPT )
Typical Electrical Characteristics
COLLECsaturationTOR VOLTAGE : VCE(sat) (V)
1k 500
DC CURRENT GAIN : hFE
Fig.1 DC current gain vs. collector current
VCE = 5V
Fig.2 Collector-emitter voltage vs. collector current
1 500m 200m 100m 50m 20m 10m 5m 2m 1m 1m 10m 100m 500m COLLECTOR CURRENT : IC (A) Ta=100OC 25OC -40 OC lO/lI=20
200 100 50 20 10 5 2 1 1m 10m 100m 500m COLLECTOR CURRENT : IC (A) Ta=100OC 25OC -40OC


▲Up To Search▲   

 
Price & Availability of CHDTC314TUPT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X