Part Number Hot Search : 
POWER 3C366 019071 1055181 DW1T1 470MC XC164 B1205
Product Description
Full Text Search
 

To Download CHDTA125TKPT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT PNP Digital Silicon Transistor
VOL TA GE 50 Vo l t s
APPLICATION
* Switching circuit, Inverter, Interface circuit, Driver circuit.
CHDTA125TKPT
CURRENT 100 m A m p er e
FEATURE
* Small surface mounting type. (SOT-23) * High current gain. * Suitable for high packing density. * * * * Low colloector-emitter saturation. High saturation current capability. Internal isolated PNP transistors in one package. Built in bias resistor(R1=200k, Typ. )
SOT-23
.041 (1.05) .033 (0.85)
(1)
.110 (2.80) .082 (2.10)
.066 (1.70)
.119 (3.04)
(3)
CONSTRUCTION
* One PNP transistors and bias of thin-film resistors in one package.
(2)
.055 (1.40) .047 (1.20)
.103 (2.64) .086 (2.20)
.028 (0.70) .020 (0.50)
.007 (0.177)
.018 (0.30) .002 (0.05)
E
B 2 1
CIRCUIT
.045 (1.15) .033 (0.85)
TR R1
3 C
.019 (0.50)
Dimensions in inches and (millimeters)
SOT-23
LIMITING VALUES In accordance with the Absolute Maximum Rating System . SYMBOL VCBO VCEO VEBO IC PC TSTG TJ RJ-S Note 1. Transistor mounted on an FR4 printed-circuit board.
2003-12
PARAMETER Coll ector -Base voltage Collector-Emitter voltage Emitter-Base voltage Coll ector current Collector Power dissipation Storage temperature Junction temperature Thermal resistance , Note 1
CONDITIONS -50 -50 -5
VALUE V V V mA
UNIT
-100 Tamb 25 OC, Note 1 200 -55 +150 -55 +150 junction - soldering point 140
mW
O
C
O
C C/W
O
RATING CHARACTERISTIC ( CHDTA125TKPT )
CHARA CTERISTICS Tamb = 25 C unless otherwise specied. SY MBOL BVCBO BVCEO BVEBO VCE(sat) ICBO IEBO hFE R1 fT PARAMETER Collector-Base breakdown voltage Emitter-Base breakdown voltage CONDITIONS IC= -50uA IE= -50uA MIN. -50.0 -50.0 - - - - - - 250 200 250 TY P . - - - -0.3 -0.5 -0.5 600 260 - K MHz MAX. V V V V uA uA UNIT
Collector-Emitter breakdown voltage IC= -1mA
-5.0 Collector-Emitter Saturation voltage IC= -0.5mA; IB= -0.05mA - Collector-Base current Emitter-Base current DC current gain Input resistor Transition frequency VCB= -50V VEB= -4V IC= -1mA; VCE= -5.0V IE=5mA, VCE= -10.0V f=100MHz = - - 100 140 -
Not e 1.Pulse test: tp300uS; 0.02.


▲Up To Search▲   

 
Price & Availability of CHDTA125TKPT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X