Part Number Hot Search : 
PE6830 FC138 SDR9510M 62256 KA2192 XTL10 VN3205 AM7945
Product Description
Full Text Search
 

To Download BU2720DF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
BU2720DF
DESCRIPTION *With TO-3PFa package *High voltage *High speed switching *Built-in damper diode APPLICATIONS *For use in horizontal deflection circuits of colour TV receivers.
PINNING PIN 1 2 3 Base Collector Emitter DESCRIPTION
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO IC ICM IB IBM Ptot Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Collector current (DC) Collector current -peak Base Collector current (DC) Base current -peak Total power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base VALUE 1700 825 10 25 10 14 45 150 -65~150 UNIT V V A A A A W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER CONDITIONS MIN
BU2720DF
SYMBOL
TYP.
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=100mA ;IB=0,L=25mH
825
V
V(BR)EBO
Emitter-base breakdown voltage
IE=600mA ;IC=0
7.5
V
VCEsat
Collector-emitter saturation voltage
IC=5.5A ;IB=1.38 A
1.0
V
VBEsat
Base-emitter saturation voltage
IC=5.5A ;IB=1.38 A VCE=BVCES; VBE=0 Tj=125 VEB=7.5V; IC=0 100
1.0 1.0 2.0 300
V
ICES
Collector cut-off current
mA
IEBO
Emitter cut-off current
mA
hFE-1
DC current gain
IC=0.1A ; VCE=5V
22
hFE-2
DC current gain
IC=5.5A ; VCE=1V
4
5.5
7.5
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
BU2720DF
Fig.2 Outline dimensions (unindicated tolerance:0.30mm)
3


▲Up To Search▲   

 
Price & Availability of BU2720DF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X