Part Number Hot Search : 
2SC397 E106K S80C32 RMCF1206 20060 23748B KA723D 107B530
Product Description
Full Text Search
 

To Download BL-S230A-11DUG-0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LED NUMERIC DISPLAY, 1 DIGIT BL-S230X-11XX
Part No
Common Cathode
Common Anode
Emitted Color
BL-S230A-11SG-XX
BL-S230B-11SG-XX
Super Red Green
BL-S230A-11EG-XX
BL-S230B-11EG-XX
BL-S230A-11DUG-X X BL-S230A-11UEUGXX
BL-S230B-11DUG-X
w
TSOL
Absolute maximum ratings (Ta=25 C) Parameter Forward Current IF Power Dissipation Pd Reverse Voltage VR Peak Forward Current IPF (Duty 1/10 @1KHZ) Operation Temperature TOPR Storage Temperature TSTG Lead Soldering Temperature S
30 75 5 150
Max.2605 for 3 sec Max. (1.6mm from the base of the epoxy bulb)
APPROVED : XU L CHECKED :ZHANG WH DRAWN: LI FS REV NO: V.2 Page 1 of 3 WWW.BETLUX.COM EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM

-XX: Surface / Lens color 0 Number Ref Surface Color White Epoxy Color Water clear
. w w
BL-S230B-11UEUGXX
X
lu t e b
Green Ultra Red Ultra Green Ultra Orange Ultra Green
1
Black White diffused
G
30 80 5 150
Features: 56.80mm (2.3") single digit numeric display series, BI-COLOR TYPE Low current operation. Excellent character appearance. Easy mounting on P.C. Boards or sockets. I.C. Compatible. ROHS Compliance.
Electrical-optical characteristics: (Ta=25 ) (Test Condition: IF=20mA)
Chip P (nm) VF Unit:V Iv TYP.(mcd)
Material
AlGaInP
GaP/GaP
Orange
GaAsP/Ga P GaP/GaP
AlGaInP
. x
570 635 570 660 574 630 574
660
m o c
Typ Max 2.10 2.50 2.20 2.10 2.20 2.50 2.50 2.50 2.10 2.20 2.10 2.20 2.50 2.50 2.50 2.50
150 165 165 165 220 220 170 220
AlGaInP AlGaInP
AlGaInP
2 Gray Red Diffused
3 Red Green Diffused
4 Green Yellow Diffused
5
E
30 80 5 150
D
30 75 5 150
UG
30 75 5 150
UE
30 65 5 150
U nit
mA mW V mA
-40 to +80 -40 to +85
LED NUMERIC DISPLAY, 1 DIGIT BL-S230X-11XX
Notes: 1. All dimensions are in millimeters (inches) 2. Tolerance is 0.25(0.01")unless otherwise noted. 3. Specifications are subject to change without notice.
APPROVED : XU L CHECKED :ZHANG WH DRAWN: LI FS REV NO: V.2 Page 2 of 3 WWW.BETLUX.COM EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Package configuration & Internal circuit diagram
w
. w w
lu t e b
. x
m o c
LED NUMERIC DISPLAY, 1 DIGIT BL-S230X-11XX
1.0
0.5
0 350
Wavelength(nm) RELATIVE INTENSITY Vs WAVELENGTH( p )
(1) - GaAsP/GaAs 655nm/Red (2) - GaP 570nm/Yellow Green (3) - GaAsP/GaP 585nm/Yellow (4) - GaAsp/GaP 635nm/Orange & Hi-Eff Red (5) - GaP 700nm/Bright Red (6) - GaAlAs/GaAs 660nm/Super Red (8) - GaAsP/GaP 610nm/Super Red
(9) - GaAlAs 880nm (10) - GaAs/GaAs & GaAlAs/GaAs 940nm (A) - GaN/SiC 430nm/Blue (B) - InGaN/SiC 470nm/Blue (C) - InGaN/SiC 505nm/Ultra Green (D) - InGaAl/SiC 525nm/Ultra Green
50 FORWARD CURRENT(mA)
RELATIVE LUMINOUS INTENSITY 3 2 1 0.5 0.2 0.1 -30 -20 -10
1
8 64 5
23
4.0
40 30 20 10 0 1.2
3.0
1.6
2.0
2.4
2.6
FORWARD VOLTAGE (Vf) FORWARD CURRENT VS. FORWARD VOLTAGE
w
0 10
FORWARD CURRENT (mA) RELATIVE LUMINOUS INTENSITY VS. FORWARD CURRENT
AMBIENT TEMPERATURE Ta( ) FORWARD CURRENT VS. AMBIENT TEMPERATURE
1 5 4 2 3
10 9 8 7 6 5 4 3 2 20 30 40 50 60 70 1 1 Ipeak MAX. IDC MAX.
300KHz 3KHz 10KHz 1KHz 100KHz F-REFRESH RATE
3KHz 300Hz 30KHz 100KHz 10KHz 1KHz 100Hz 10 9 8 7 6 5 Ipeak MAX. IDC MAX. 4 3 2 1 1 10 100 1000 tp-PULSE DURATION uS (5)
AMBIENT TEMPERATURE Ta( )
10
100
1000
10,000
tp-PULSE DURATION uS (1,2,3,4,6,8,B.D.J.K) NOTE:25
free air temperature unless otherwise specified
APPROVED : XU L CHECKED :ZHANG WH DRAWN: LI FS REV NO: V.2 Page 3 of 3 WWW.BETLUX.COM EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
e .b w w
2.0 1.0 0 3.0 20 40 60
lu t
1 5 B 100
80
|
Typical electrical-optical characteristics curves:
(A) (B) (C) (D) (2) (3) (8) (4) (1) (6) (5) (9) (10)
400
450
500
550
600
650
700
750
800
850
900
950
1000
. x
50 40 30 20 10 0 FORWARD CURRENT(mA)
m o c
20 40 60 80 100
RELATIVE LUMINOUS INTENSITY
1
6 2,4,8,A 3 5
10,000


▲Up To Search▲   

 
Price & Availability of BL-S230A-11DUG-0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X