Part Number Hot Search : 
TZA3019 C4556C 050UIT 30KPA108 1862623X HY5N50T ICL7652B CKF2632
Product Description
Full Text Search
 

To Download BDW84A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
DESCRIPTION *With TO-3PN package *Complement to type BDW83/83A/83B/83C/83D *DARLINGTON *High DC current gain APPLICATIONS *For use in power linear and switching applications.
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
BDW84/84A/84B/84C/84D
Fig.1 simplified outline (TO-3PN) and symbol
Absolute maximum ratings(Tc=25 )
SYMBOL PARAMETER BDW84 BDW84A VCBO Collector-base voltage BDW84B BDW84C BDW84D BDW84 BDW84A VCEO Collector-emitter voltage BDW84B BDW84C BDW84D VEBO IC IB PC Tj Tstg Emitter-base voltage Collector current Base current Collector power dissipation Junction temperature Storage temperature TC=25 Ta=25 Open collector Open base Open emitter CONDITIONS VALUE -45 -60 -80 -100 -120 -45 -60 -80 -100 -120 -5 -15 -0.5 150 3.5 150 -65~150 V A A W V V UNIT
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER BDW84 BDW84A V(BR)CEO Collector-emitter breakdown voltage BDW84B BDW84C BDW84D VCEsat-1 VCEsat-2 VBE Collector-emitter saturation voltage Collector-emitter saturation voltage Base-emitter on voltage BDW84 BDW84A ICBO Collector cut-off current BDW84B BDW84C BDW84D BDW84 BDW84A ICEO Collector cut-off current BDW84B BDW84C BDW84D IEBO hFE-1 hFE-2 VEC ton toff Emitter cut-off current DC current gain DC current gain Diode forward voltage Turn-on time Turn-off time IC=-6A ,IB=-12mA IC=-30mA, IB=0 SYMBOL
BDW84/84A/84B/84C/84D
CONDITIONS
MIN -45 -60 -80 -100 -120
TYP.
MAX
UNIT
V
-2.5 -4.0 -2.5 -0.5 -5.0 -0.5 -5.0 -0.5 -5.0 -0.5 -5.0 -0.5 -5.0
V V V
IC=-15A ,IB=-150mA IC=-6A ; VCE=-3V VCB=-45V, IE=0 TC=150 VCB=-60V, IE=0 TC=150 VCB=-80V, IE=0 TC=150 VCB=-100V, IE=0 TC=150 VCB=-120V, IE=0 TC=150 VCE=-30V, IB=0 VCE=-30V, IB=0 VCE=-40V, IB=0 VCE=-50V, IB=0 VCE=-60V, IB=0 VEB=-5V; IC=0 IC=-6A ; VCE=-3V IC=-15A ; VCE=-3V IE=-15A IC =-10 A, IB1 =-IB2=-40 mA RL=3B; VBE(off) =4.2V Duty CycleC2% 0.9 7.0 750 100
mA
-1
mA
-2 20000
mA
-3.5
V As As
THERMAL CHARACTERISTICS
SYMBOL Rth j-c PARAMETER Thermal resistance junction to case 2 MAX 0.83 UNIT /W
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
BDW84/84A/84B/84C/84D
Fig.2 Outline dimensions(unindicated tolerance:0.1mm)
3


▲Up To Search▲   

 
Price & Availability of BDW84A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X