Part Number Hot Search : 
CXA1396D MSC7170 20N03 ZM4756A TC16V 4SMAJ120 HCT08 6V3PE
Product Description
Full Text Search
 

To Download BDV65A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
DESCRIPTION With TO-3PN package Complement to type BDV64/64A/64B/64C DARLINGTON High DC current gain APPLICATIONS For use in general purpose amplifier applications.
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
BDV65/65A/65B/65C
Fig.1 simplified outline (TO-3PN) and symbol
Absolute maximum ratings(Tc=25ae )
SYMBOL

PARAMETER
BDV65 BDV65A BDV65B
VCBO
Collector-base voltage
ANG INCH
VCEO Collector-emitter voltage VEBO IC ICM IB PC Tj Tstg Emitter-base voltage Collector current Collector current-peak Base current
BDV65C BDV65 BDV65A
SEM E
Open emitter
DUC ICON
CONDITIONS
VALUE 60
TOR
80 60 80
UNIT
V
100 120
Open base BDV65B BDV65C Open collector 100 120 5 12 15 0.5 TC=25ae 125
V
V A A A W
Collector power dissipation Ta=25ae Junction temperature Storage temperature 3.5 150 -65~150 ae ae
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER BDV65 BDV65A IC=30mA, IB=0 BDV65B BDV65C VCEsat VBE Collector-emitter saturation voltage Base-emitter on voltage BDV65 BDV65A BDV65B BDV65C IC=5A ,IB=20mA IC=5A ; VCE=4V VCB=60V, IE=0 VCB=30V, IE=0;TC=150ae VCB=80V, IE=0 VCB=40V, IE=0;TC=150ae VCB=100V, IE=0 VCB=50V, IE=0;TC=150ae VCB=120V, IE=0 VCB=60V, IE=0;TC=150ae VCE=30V, IB=0 CONDITIONS
BDV65/65A/65B/65C
SYMBOL
MIN 60 80
TYP.
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
V 100 120 2.0 2.5 0.4 2.0 0.4 2.0 0.4 2.0 V V
ICBO
Collector cut-off current
mA
ICEO IEBO hFE VEC

BDV65 BDV65A BDV65B
Collector cut-off current
Emitter cut-off current DC current gain
IN
ANG CH
BDV65C
SEM E
VCE=50V, IB=0 VCE=60V, IB=0 VEB=5V; IC=0 IE=10A
VCE=40V, IB=0
OND IC
TOR UC
2 mA 5 mA
0.4 2.0
IC=5A ; VCE=4V
1000 3.5 V
Diode forward voltage
THERMAL CHARACTERISTICS
SYMBOL Rth j-c PARAMETER Thermal resistance junction to case MAX 1.0 UNIT ae /W
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
BDV65/65A/65B/65C
SEM GE
HAN INC
OND IC
TOR UC
Fig.2 Outline dimensions(unindicated tolerance:A
0.1mm)
3


▲Up To Search▲   

 
Price & Availability of BDV65A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X