Part Number Hot Search : 
P15KP30A CJ2302S BST14P2B PS21A79 L6563STR WM2636 BAS21 MC140
Product Description
Full Text Search
 

To Download BAV99BRW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Quad Surface Mount Switching Diode Array KAV99BRW(BAV99BRW)
SOT-363
Diodes
Unit: mm
Features
Fast Switching Speed Ultra-Small Surface Mount Package For General Purpose Switching Applications High Conductance
+0.1 1.3-0.1 0.65
0.525
0.36
Absolute Maximum Ratings Ta = 25
Parameter Non-Repetitive Peak Reverse Voltage Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current Forward Continuous Current Non-Repetitive Peak Forward Surge Current @ t = 1.0 s @ t = 1.0s Power Dissipation Thermal Resistance Junction to Ambient Air Operating and Storage Temperature Range Pd R
JA
Symbol VRM VRRM VRWM VR VR(RMS) IO IFM IFSM
Rating 100
Unit V
75
V
53 150 300 2.0 1.0 200 625 -65 to +150
V mA mA A mW K/W
T,TSTG
Electrical Characteristics Ta = 25
Parameter Symbol IF = 1.0mA Maximum Forward Voltage VFM IF = 10mA IF = 50mA IF = 150mA VR = 75V Maximum Peak Reverse Current IRM VR = 75V, Tj = 150 VR = 25V, Tj = 150 VR = 20V Junction Capacitance Reverse Recovery Time Cj trr VR = 0, f = 1.0MHz IF = IR = 10mA,Irr = 0.1 X IR, RL = 100 Testconditons Min Typ Max 0.715 0.855 1.0 1.25 2.5 50 30 25 2 4 A A A nA pF ns V Unit
Marking
Marking KGJ
+0.05 0.95-0.05
0.1max
+0.1 0.3-0.1 +0.1 2.1-0.1
+0.05 0.1-0.02
+0.1 1.25-0.1
+0.15 2.3-0.15
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of BAV99BRW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X