Part Number Hot Search : 
CLP8206 DCR256 G8234811 LC863320 11152 LA780 6A161102 BC327
Product Description
Full Text Search
 

To Download APRB40L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER (BOSCH)
APRB40L
Technical Specifecation: Features:
* * * *
AVALANCHE VOLTAGE CURRENT
BC-3 Lead Negative
0.049 0.002 (1.250.50)
20 to 24 Volts 40 Amperes
BC-1 Lead Positive
0.049 0.002 (1.250.50)
High power capability Economical Avalanche Voltage: 20V to 24V Glass passivated chip
12.300.15 1.22 0.02 (31.00 0.50) 8.300.15
MAX11.80 1.22 0.02 (31.00 0.50) 8.300.15 0.42 0.008 (10.600.20)
MECHANICAL DATA
* * * * * *
Case: Copper case Epoxy: UL94-0 rate flame ratardant Polarity: As marked of case bottom Technology vacuum soldered Lead: Plated slug, solderable per MIL-STD-202E Method 208C Weight: 0.28ounce, 7.86 Grams
0.44 0.02 (11.20.50) 0.50-0.505 (12.78-12.82)
0.44 0.02 (11.20.50) 0.50-0.505 (12.78-12.82)
9.500.20
9.500.20
Epoxy
Epoxy
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
* * *
Ratings at 25 ambient temperature unless otherwise specified Single Phase, half wave, 60Hz, resistive or inductive load For capacitive load derate current by 20%
SYMBOLS VRRM VRRM VDC Io IRSM Vbr1 Vbr2 VF IFSM IR TJ ,TSTG 20 MIN NOMINAL 17 17 17 40 40 22 1.05 500 1.0 -65 to +175 2.0 24 32 1.08 MAX UNITS Volts Amps Amps Volts Volts Volts Amps uAmps
Electrical Characteristics @ 25 Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Average Rectified Forward Current (Tc=125) Repetitive Peak Reverse Surge Current Tc=10msec Dury Cycle1% Breakdown Voltage (Vbr@ir=100mA, Tc=25) Ir=90Amps, Tc=150, PW=80usec Forward Voltage Drop @If=100Amps300usec Peak Forward Surge Current Reverse Leakage (VR=17Vdc) T A=25 Operating and Storage Junction Temperature Range
Notes: 1. Enough heatsink must be considered in application.
Fig.1 IRRM (EXP) IRRM (EXP)
0
10
30
50
Surge current characteristics
E-mail: sales@cnmic.com
Web Site: www.cnmic.com


▲Up To Search▲   

 
Price & Availability of APRB40L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X