Part Number Hot Search : 
SX14Q004 SC5012Q 74AHC1G BL12832B ER1606CT LP1500 4HCT0 CDLL4122
Product Description
Full Text Search
 

To Download APLT1000-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PlerowTM APLT1000-T
PLL Module Features
4 dBm Output Level at 1000 MHz Channel Step Size : 200 kHz 2
nd
Description
The plerowTM PLL synthesizer module was designed for use in wireless and wireline systems in a wide range of frequency from 50 MHz to 6 GHz. ASB's PLL provides exceptionally low spurious and phase noise performance with fast locking time and low current consumption. All products are available in a surface-mount type package.
Harmonic : < -20 dBc
Spurious Level : < -65 dBc Lock Time : < 10 ms 30 mA Current Consumption
Specifications
Parameter Frequency Range Output Power Supply Voltage Current Consumption Channel Step Size 2 Harmonics Spurious Level Lock Time Reference Frequency Reference Input Level Phase Noise (C / N) @ 1 kHz @ 10 kHz @ 100 kHz Output Impedance Operating Temp. Range Package Type & Size C mm -40 dBc/Hz -75 -100 -120 50 25 SMT, 15.0Wx15.0Lx3.5H 80 -65 -95 -115
nd
Unit MHz dBm V mA kHz dBc dBc ms MHz dBm
Min. 995 2 4.7
Typical 1000 4 5 30 200 -25
Max. 1005 6 5.3 40
More Information
Website: www.asb.co.kr E-mail: sales@asb.co.kr Tel: (82) 42-528-7223 Fax: (82) 42-528-7222 ASB Inc., 4th Fl. Venture Town Bldg., 367-17 Goijeong-Dong, Seo-Gu, Daejon 302-716, Korea
-20 -65
3 13
10
1) Measurement conditions are as follows: T = 25C, VCC = 5 V, Freq. = 1000 MHz, 50 ohm system.
Outline Drawing
APLT0000-T
1/1
www.asb.co.kr
March 2007


▲Up To Search▲   

 
Price & Availability of APLT1000-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X