Part Number Hot Search : 
M28W800T NDT451 LA76810A TMK316B 090663 03N60 BC107 TMK316B
Product Description
Full Text Search
 

To Download AP9971GM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AP9971GM
RoHS-compliant Product
Advanced Power Electronics Corp.
Low On-resistance Single Drive Requirement Surface Mount Package
D1 G2 S2 D2 D2 D1
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
BVDSS RDS(ON) ID
60V 50m 5A
D2
SO-8
S1
G1
Description
Advanced Power MOSFETs from APEC provide the designer with the best combination of fast switching, ruggedized device design, ultra low on-resistance and cost-effectiveness.
G1
D1
G2 S1 S2
Absolute Maximum Ratings
Symbol VDS VGS ID@TA=25 ID@TA=100 IDM PD@TA=25 TSTG TJ Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current3, VGS @ 10V Continuous Drain Current , VGS @ 10V Pulsed Drain Current
1,2 3
Rating 60 +25 5 3.2 30 2 0.016 -55 to 150 -55 to 150
Units V V A A A W W/
Total Power Dissipation Linear Derating Factor Storage Temperature Range Operating Junction Temperature Range
Thermal Data
Symbol Rthj-a Parameter Maximum Thermal Resistance, Junction-ambient
3
Value 62.5
Unit /W
Data and specifications subject to change without notice
1 200811042
AP9971GM
Electrical Characteristics@Tj=25oC(unless otherwise specified)
Symbol BVDSS
BVDSS/Tj
Parameter Drain-Source Breakdown Voltage Static Drain-Source On-Resistance2 Gate Threshold Voltage Forward Transconductance Drain-Source Leakage Current
o
Test Conditions VGS=0V, ID=250uA VGS=10V, ID=5A VGS=4.5V, ID=2.5A VDS=VGS, ID=250uA VDS=10V, ID=5A VDS=60V, VGS=0V VGS= +25V ID=5A VDS=48V VGS=10V VDS=30V ID=5A RG=3.3,VGS=10V RD=6 VGS=0V VDS=25V f=1.0MHz
Min. 60 1 -
Typ. 0.06 16 32.5 4.9 8.8 9.6 10 30 5.5 1658 156 109
Max. Units 50 60 3 1 25 +100 V V/ m m V S uA uA nA nC nC nC ns ns ns ns pF pF pF
Breakdown Voltage Temperature Coefficient Reference to 25, ID=1mA
RDS(ON) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss
Drain-Source Leakage Current (Tj=70 C) VDS=48V ,VGS=0V
Gate-Source Leakage Total Gate Charge
2
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
2
Source-Drain Diode
Symbol VSD Parameter Forward On Voltage
2 2
Test Conditions IS=1.6A, VGS=0V IS=5A, VGS=0V, dI/dt=100A/s
Min. -
Typ. 29.2 48
Max. Units 1.2 V ns nC
trr
Qrr
Reverse Recovery Time
Reverse Recovery Charge
Notes:
1.Pulse width limited by Max. junction temperature. 2.Pulse width <300us , duty cycle <2%. 3.Surface mounted on 1 in2 copper pad of FR4 board ; 135/W when mounted on min. copper pad.
THIS PRODUCT IS SENSITIVE TO ELECTROSTATIC DISCHARGE, PLEASE HANDLE WITH CAUTION. USE OF THIS PRODUCT AS A CRITICAL COMPONENT IN LIFE SUPPORT OR OTHER SIMILAR SYSTEMS IS NOT AUTHORIZED. APEC DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. APEC RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN.
2
AP9971GM
35
35
T A =25 C
30
o
ID , Drain Current (A)
25
ID , Drain Current (A)
10V 6.0V 4.5V
30
T A =150 o C
10V 6.0V 4.5V
25
20
20
15
15
10
10
V G =3.0V
5
5
V G =3.0V
0 0 1 2 3 4 5
0 0 1 2 3 4 5
V DS , Drain-to-Source Voltage (V)
V DS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
55
2.4
I D =5A
50
I D =5A V G =10V
2.0
T A =25 o C Normalized RDS(ON)
1.6
RDSON (m)
45
1.2
40
0.8
35 0.4
30 1 2 3 4 5 6 7 8 9 10 11
0.0 -50 0 50 100 150
V GS , Gate-to-Source Voltage (V)
T j , Junction Temperature ( C)
o
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance v.s. Junction Temperature
2.8
100
2.4 10
2
IS (A)
T j =150 C
1
o
T j =25 C
o
VGS(th) (V)
1.3 1.5
1.6
1.2 0.1 0.8
0.01 0.1 0.3 0.5 0.7 0.9 1.1
0.4 -50 0 50 100 150
V SD , Source-to-Drain Voltage (V)
T j ,Junction Temperature ( o C)
Fig 5. Forward Characteristic of
Reverse Diode
Fig 6. Gate Threshold Voltage v.s. Junction Temperature
3
AP9971GM
f=1.0MHz
14
10000
I D =5A
12
VGS , Gate to Source Voltage (V)
10
V DS =30V V DS =38V V DS =48V C (pF)
Ciss
1000
8
6
100
4
Coss Crss
2
0 0 5 10 15 20 25 30 35 40
10 1 5 9 13 17 21 25 29
Q G , Total Gate Charge (nC)
V DS , Drain-to-Source Voltage (V)
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
100
1
DUTY=0.5
Normalized Thermal Response (R thja)
10
0.2
100us 1ms
0.1
0.1
0.05
ID (A)
1
PDM
0.02 0.01
10ms 100ms
0.1
t T
Duty factor = t/T Peak Tj = P DM x Rthja + Ta Rthja = 135/W
0.01
T A =25 C Single Pulse
0.01 0.1 1 10 100
o
1s DC
Single Pulse
0.001 1000 0.0001 0.001 0.01 0.1 1 10 100 1000
V DS , Drain-to-Source Voltage (V)
t , Pulse Width (s)
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
VDS 90%
VG QG 10V QGS QGD
10% VGS td(on) tr td(off) tf Charge Q
Fig 11. Switching Time Waveform
Fig 12. Gate Charge Waveform
4
ADVANCED POWER ELECTRONICS CORP.
Package Outline : SO-8
D
Millimeters
SYMBOLS MIN NOM MAX
8
7
6
5 E1
E
A A1 B c D E E1 e
1.35 0.10 0.33 0.19 4.80 5.80 3.80
1.55 0.18 0.41 0.22 4.90 6.15 3.90 1.27 TYP 0.254 TYP
1.75 0.25 0.51 0.25 5.00 6.50 4.00
1
2
3
4
e B
G L 0.38 0.00
4.00
0.90 8.00
A
A1
G
1.All Dimension Are In Millimeters. 2.Dimension Does Not Include Mold Protrusions.
Part Marking Information & Packing : SO-8
Part Number Package Code
meet Rohs requirement
9971GM
YWWSSS
Date Code (YWWSSS) YLast Digit Of The Year WWWeek SSSSequence
5


▲Up To Search▲   

 
Price & Availability of AP9971GM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X