Part Number Hot Search : 
01D05 HE83R142 D2495 1N6279 ML62212 SS2H10 42S1640 472ML
Product Description
Full Text Search
 

To Download 687KXM010M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KXM
FEATURES I High Ripple Current I High Frequency I Extended Life SPECIFICATIONS
Capacitance Tolerance Operating Temperature Range Dissipation Factor 120Hz, 20C WVDC tan
+105C Low Impedance Radial Lead Aluminum Electrolytic Capacitors
For switching regulators and extended life applications
I Voltage Range: 6.3 WVDC to 100 WVDC I Capacitance Range: .47 F to 15000 F
20% at 120Hz, 20C
-55C to + 105C 6.3
.22
10
.19
16
.16
25
.14
35
.12
50
.1
63
.08
100
.08
Note: For above D.F. specifications, add .02 for every 1,000 F above 1,000 F
WVDC Impedance Ratio (Max.) @120Hz -25C/20C -40C/20C WVDC Leakage Current Time
6.3
2 3
10
2 3
16
2 3
25
2 3
35
2 3
50
2 3
63
2 3
100
2 3
< 100 WVDC 2 minutes
.01 CV or 3A whichever is greater
Load Life
5000 hours at +105C with rated WVDC and rated ripple current (4000 hours for D=10, 3000 hours for D=8, 2000 hours for D6.3)
Capacitors will meet the requirements listed below. Capacitance change Dissipation factor Leakage current 25% of initial measured value 200% of initial specified value 100% of specified value 1,000 hours at +105C with no voltage applied. Units will meet load life specifications Frequency (Hz)
Capacitance (F) C33 471000 50 .45 .60 .65 .75 120 .55 .70 .75 .80 1K .75 .85 .90 .95 10K .91 .95 .98 1.0 100K 1.0 1.0 1.0 1.0
Shelf Life
Temperature (C)
+105 1.0 1.0 1.0 1.0 +85 1.41 1.41 1.41 1.41 +70 1.65 1.65 1.65 1.65
Ripple Current Multipliers
SPECIAL ORDER OPTIONS
*
Special tolerances: 10% (K), -10% + 30% (Q)
(See pages 33 thru 37)
*
Tape and Reel/Ammo-Pack
*
Cut, Formed, Cut and Formed, and Snap In Leads
(R)
3757 W. Touhy Ave., Lincolnwood, IL 60712 * (847) 675-1760 * Fax (847) 673-2850 * www.illcap.com
70
KXM
(F) WVDC (SV)
6.3 (7.9) 10 (13) 16 (20)
+105C Low Impedance Radial Aluminum Electrolytic Capacitors
PHYSICAL DIMENSIONS
25 (32) 35 (44) 50 (63) 63 (79) 100 (125) 5x11 5x11 5x11 5x11 5x11 5x11 6.3x11 6.3x11 6.3x11 6.3x11 6.3x15 6.3x15 8x11.5 10x12.5 8x15 10x12.5 8x15 10x15 8x20 10x20 12.5x15 10x20 12.5x15 10x25 12.5x15 10x31.5 16x15 10x31.5 16x15 12.5x25 16x15 12.5x25 18x15 12.5x31.5 16x20 12.5x35.5 16x25 12.5x40 18x20 16x31.5 18x25 16x35.5 18x31.5 16x40 18x35.5 18x35.5 18x40
0.47 0.68 1 1.5 2.2 3.3 4.7 6.8 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 1200 1500 1800 2200 2700 3300 3900 4700 5600 6800 10000 15000 8x15 10x12.5 10x16 8x20 10x20 10x16 8x20 10x20 10x25 10x20 10x25 12.5x20 8x11.5 10x12.5 8x15 10x16 8x20 10x20 10x25 12.5x20 12.5x20 12.5x25 8x11.5 10x12.5 8x15 10x16 8x20 6.3x11 8x11.5 10x12.5 8x15 6.3x11 8x11.5 5x11 5x11 6.3x11 6.3x11 5x11 5x11 5x11 6.3x11 5x11
5x11 5x11 5x11 5x11 6.3x11 6.3x11 6.3x11 6.3x11 6.3x15 6.3x15 6.3x11 6.3x11 8x11.5
5x11
Aluminum Electrolytic
6.3x11
10x12.5 8x15 6.3x11 8x11.5 10x12.5 8x15 10x15 8x20 8x11.5 10x20 12.5x15 8x15 10x20 12.5x15 8x11.5 10x12.5 10x25 12.5x15 8x20 10x31.5 16x15 10x12.5 10x16 12.5x20 8x15 16x15 8x20 10x20 12.5x25 18x15 10x16 10x25 12.5x25 18x15 12.5x31.5 16x20 10x20 12.5x20 12.5x35.5 16x25 10x25 12.5x25 12.5x40 18x20 12.5x20 12.5x31.5 16x31.5 18x25 12.5x35.5 16x35.5 18x31.5 12.5x25 16x25 16x40 18x35.5 12.5x31.5 16x31.5 18x40 12.5x35.5 16x25 16x25 16x31.5 16x35.5
10x25
12.5x20 12.5x25 12.5x31.5 12.5x35.5 16x25 16x31.5 18x35.5
12.5x31.5 12.5x35.5 16x25 12.5x31.5 16x25 12.5x25 12.5x35.5 16x31.5 16x25 12.5x31.5 16x25 12.5x35.5 16x31.5 18x35.5 16x25 16x25 16x31.5 18x35.5 18x35.5 18x40 18x40 12.5x20 12.5x25
18x35.5
18x35.5
18x40
D x L (mm)
(R)
3757 W. Touhy Ave., Lincolnwood, IL 60712 * (847) 675-1760 * Fax (847) 673-2850 * www.illcap.com
71
KXM
+105C Low Impedance Radial Aluminum Electrolytic Capacitors
STANDARD PART LISTING
Capacitance WVDC (F)
PART NUMBER 474KXM100M 684KXM100M 105KXM100M 155KXM100M 225KXM100M 335KXM100M 475KXM050M 475KXM100M 685KXM100M 106KXM050M 106KXM063M 106KXM100M 126KXM063M
126KXM100M
Maximum ESR 120Hz, +20C
282.190 195.043 132.629 88.419 60.286 40.191 35.274 28.219 19.504 16.579 13.263 13.263 11.052 11.052 8.842 8.842 7.368 7.368 7.536 6.029 6.029 4.912 4.912 4.912 6.029 5.024 4.019 4.019 4.019 3.401 3.401 3.401 4.938 3.527 2.822 2.822 2.822 4.737 3.553 2.960 2.368 2.368 2.368 2.368
Impedance +20C/-10C 100kHz
45/121.5 25/67.5 17/46 10/27 6.8/18.36 4.15/11.205 1.699/5.096 3/8.1 2/5.4 1.331/3.992 1.08/2.16 1.25/3.375 0.95/1.9 1/2.7 0.75/1.5 0.82/2.214 0.64/1.28 0.69/1.863 0.34/1.18 0.53/1.06 0.57/1.54 0.43/0.86 0.5/1.4 0.48/1.3 0.3/1 0.564/1.411 0.36/0.72 0.44/1.19 0.4/1.08 0.31/0.62 0.38/1.03 0.34/0.92 0.3/1 0.453/1.132 0.26/0.52 0.3/0.81 0.33/0.89 0.3/1 0.13/0.41 0.14/0.5 0.24/0.48 0.22/0.44 0.25/0.675 0.29/0.78
Maximum RMS Dimensions Ripple Current DxL (mA) +105C (mm) 100kHz
20 24 26 33 45 55 80 70 85 110 137 106 148 115 185 132 198 155 238 220 230 240 270 280 250 230 308 295 300 325 340 350 250 270 370 420 400 250 405 385 445 460 455 430 5x11 5x11 5x11 5x11 5x11 5x11 5x11 6.3x11 6.3x11 5x11 5x11 6.3x11 5x11 6.3x11 6.3x11 6.3x15 6.3x11 6.3x15 5x11 6.3x11 8x11.5 6.3x11 10x12.5 8x15 5x11 6.3x11 6.3x15 10x12.5 8x15 6.3x15 10x15 8x20 5x11 6.3x11 8x11.5 10x20 12.5x15 5x11 6.3x11 6.3x11 10x12.5 8x15 10x20 12.5x15
Capacitance WVDC (F)
PART NUMBER
686KXM016M 686KXM035M 686KXM050M
Maximum ESR 120Hz, +20C
3.901 2.926 2.438 1.950 1.617 1.617 1.617 1.617 3.150 2.321 1.658 1.326 1.326 1.326 1.326 2.210 1.382 1.105 1.105 1.105 1.105 2.432 1.326 1.105 0.884 0.884 0.884 0.884 0.921 0.737 0.737 0.737 0.737 1.432 1.055 0.904 0.904 0.754 0.603 0.603 0.603 0.603 0.737 0.614
Impedance +20C/-10C 100kHz
0.5/1.25 0.397/0.991 0.352/0.88 0.25/0.675 0.16/0.32 0.17/0.34 0.2/0.54 0.21/0.567 0.3/1 0.13/0.41 0.074/0.22 0.13/0.26 0.15/0.3 0.16/0.432 0.18/0.486 0.13/0.41 0.061/0.18 0.11/0.22 0.125/0.15 0.135/0.351 0.15/0.405 0.3/1 0.072/0.22 0.061/0.18 0.092/0.184 0.095/0.19 0.12/0.324 0.13/0.351 0.046/0.14 0.077/0.154 0.082/0.164 0.1/0.27 0.11/0.3 0.13/0.41 0.072/0.22 0.128/0.319 0.056/0.17 0.042/0.12 0.067/0.134 0.072/0.144 0.088/0.238 0.094/0.254 0.041/0.13 0.03/0.09
Maximum RMS Dimensions Ripple Current DxL (mA) +105C (mm) 100kHz
180 280 380 465 580 600 610 680 250 405 724 748 700 660 715 405 950 820 755 770 795 250 760 979 940 847 800 915 1190 1100 1025 900 995 405 760 630 995 1370 1145 1125 1000 1150 1250 1580 5x11 6.3x11 8x11.5 12.5x15 10x15 8x20 10x31.5 16x15 5x11 6.3x11 8x11.5 10x20 12.5x15 10x31.5 16x15 6.3x11 8x15 10x20 12.5x15 12.5x25 16x15 5x11 8x11.5 10x12.5 10x25 12.5x15 12.5x25 18x15 8x20 10x31.5 16x15 12.5x31.5 16x20 6.3x11 8x11.5 10x12.5 8x15 10x16 12.5x20 16x15 12.5x35.5 16x25 8x20 10x20
0.47 0.68 1 1.5 2.2 3.3 4.7 4.7 6.8 10 10 10 12 12 15 15 18 18 22 22 22 27 27 27 33 33 33 33 33 39 39 39 47 47 47 47 47 56 56 56 56 56 56 56
100 100 100 100 100 100 50 100 100 50 63 100 63 100 63 100 63 100 50 63 100 63 100
68 68 68 68 82 82 82 82 100 100 100 100 100 100 100 120 120 120 120 120 120 150 150 150 150 150 150 150 180 180 180 180 180 220 220 220 220 220 220 220 220 220 270 270
16 35 50
100 686KXM100MNP 63 826KXM063M
63 826KXM063MJU 100 826KXM100M
100 826KXM100MQP 10 25 50 63 107KXM010M 107KXM025M 107KXM050M 107KXM063M
63 107KXM063MNP 100 107KXM100M
156KXM063M
156KXM100M 186KXM063M 186KXM100M 226KXM050M 226KXM063M 226KXM100M 276KXM063M 276KXM100M
100 107KXM100MQP 16 50 63 127KXM016M 127KXM050M 127KXM063M
63 127KXM063MNP 100 127KXM100M
100 127KXM100MQP 6.3 35 50 63 157KXM6R3M 157KXM035M 157KXM050M 157KXM063M
100 276KXM100MJP 35 50 63 100 336KXM035M 336KXM050M 336KXM063M 336KXM100M
63 157KXM063MNP 100 157KXM100M
100 157KXM100MRP 50 63 187KXM050M 187KXM063M
100 336KXM100MJP 63 100 396KXM063M 396KXM100M
63 187KXM063MQP 100 187KXM100M
100 396KXM100MJU 25 50 63 100 476KXM025M 476KXM050M 476KXM063M 476KXM100M
100 187KXM100MQU 10 25 227KXM010M 227KXM025M
35 227KXM035MLN 35 50 63 227KXM035M 227KXM050M 227KXM063M
100 476KXM100MNP 16 35 50 63 63 100 566KXM016M 566KXM035M 566KXM050M 566KXM063M 566KXM063MJP 566KXM100M
63 227KXM063MQP 100 227KXM100M
100 227KXM100MQV 35 50 277KXM035M 277KXM050M
100 566KXM100MNP
(R)
3757 W. Touhy Ave., Lincolnwood, IL 60712 * (847) 675-1760 * Fax (847) 673-2850 * www.illcap.com
72
KXM
+105C Low Impedance Radial Aluminum Electrolytic Capacitors
STANDARD PART LISTING
Capacitance WVDC (F)
PART NUMBER
277KXM063M 277KXM063MRP 277KXM100M
Maximum ESR 120Hz, +20C
0.491 0.491 0.491 0.491 1.105 0.804 0.703 0.703 0.603 0.502 0.402 0.402 0.402 0.402 0.340 0.340 0.340 0.340 0.670 0.564 0.564 0.494 0.494 0.423 0.353 0.282 0.282 0.282 0.282 0.651 0.355 0.296 0.237 0.237 0.237 0.463 0.463 0.390 0.390 0.341 0.293 0.244 0.195
Impedance +20C/-10C 100kHz
0.056/0.112 0.06/0.12 0.074/0.2 0.082/0.221 0.13/0.41 0.072/0.22 0.108/0.27 0.056/0.17 0.038/0.12 0.028/0.085 0.05/0.1 0.051/0.102 0.065/0.176 0.072/0.194 0.044/0.088 0.047/0.094 0.055/0.149 0.063/0.17 0.072/0.22 0.093/0.233 0.056/0.17 0.088/0.221 0.041/0.13 0.023/0.069 0.027/0.068 0.04/0.08 0.042/0.084 0.049/0.132 0.056/0.157 0.072/0.22 0.022/0.066 0.023/0.059 0.036/0.072 0.04/0.08 0.043/0.116 0.077/0.194 0.056/0.17 0.074/0.184 0.041/0.13 0.023/0.069 0.021/0.053 0.021/0.052 0.033/0.066
Maximum RMS Dimensions Ripple Current DxL (mA) +105C (mm) 100kHz
1350 1300 1110 1225 405 760 700 995 1430 1870 1425 1400 1520 1425 1625 1500 1725 1600 760 660 995 920 1250 1820 2050 1785 1700 1920 1775 760 2150 2410 1950 1725 2050 760 995 880 1250 1820 2360 2860 2050 12.5x25 18x15 12.5x40 18x20 6.3x11 8x11.5 10x12.5 8x15 10x16 10x25 12.5x25 18x15 16x31.5 18x25 12.5x31.5 16x20 16x35.5 18x31.5 8x11.5 10x12.5 8x15 10x16 8x20 10x20 12.5x20 12.5x35.5 16x25 16x40 18x35.5 8x11.5 10x25 12.5x25 12.5x40 18x20 18x35.5 10x12.5 8x15 10x16 8x20 10x20 12.5x20 12.5x31.5 16x31.5
Capacitance WVDC (F)
PART NUMBER
687KXM063MRV 687KXM100M 827KXM6R3M 827KXM025M 827KXM050M 827KXM063M
Maximum ESR 120Hz, +20C
0.195 0.195 0.445 0.283 0.202 0.162 0.162 0.365 0.315 0.315 0.265 0.199 0.199 0.166 0.133 0.133 0.332 0.332 0.290 0.249 0.221 0.193 0.138 0.138 0.265 0.232 0.199 0.177 0.155 0.155 0.133 0.147 0.129 0.196 0.173 0.151 0.136 0.136 0.121 0.106 0.123 0.111 0.141
Impedance +20C/-10C 100kHz
0.036/0.072 0.038/0.103 0.056/0.17 0.022/0.066 0.019/0.051 0.03/0.06 0.032/0.064 0.053/0.16 0.063/0.158 0.041/0.13 0.023/0.069 0.021/0.053 0.018/0.045 0.021/0.056 0.028/0.056 0.03/0.06 0.058/0.144 0.041/0.13 0.023/0.069 0.022/0.066 0.05/0.124 0.016/0.041 0.042/0.083 0.026/0.052 0.023/0.069 0.022/0.066 0.021/0.053 0.018/0.045 0.015/0.039 0.04/0.079 0.035/0.071 0.016/0.041 0.016/0.043 0.022/0.066 0.021/0.053 0.018/0.045 0.015/0.039 0.032/0.065 0.031/0.077 0.027/0.055 0.016/0.041 0.016/0.043 0.021/0.053
Maximum RMS Dimensions Ripple Current DxL (mA) +105C (mm) 100kHz
1950 2300 995 2150 3960 2225 2100 1030 1030 1250 1820 2360 2770 3010 2375 2280 1090 1250 1820 2150 1730 3290 2710 2500 1820 2150 2360 2770 3400 2250 3010 3290 3460 2150 2360 2770 3400 2390 2880 3690 3290 3460 2360 18x25 18x40 8x15 10x25 12.5x35.5 16x35.5 18x31.5 10x12.5
270 270 270 270 330 330 330 330 330 330 330 330 330 330 390 390 390 390 470 470 470 470 470 470 470 470 470 470 470 560 560 560 560 560 560 680 680 680 680 680 680 680 680
63 63 100
680 680 820 820 820 820 820 1000 1000 1000 1000 1000 1000 1000 1000 1000 1200 1200 1200 1200 1200 1200 1200 1200 1500 1500 1500 1500 1500 1500 1500 1800 1800 2200 2200 2200 2200 2200 2200 2200 2700 2700 3300
63 100 6.3 25 50 63
100 277KXM100MRU 6.3 16 25 25 35 50 63 63 100 337KXM6R3M 337KXM016M 337KXM025MLN 337KXM025M 337KXM035M 337KXM050M 337KXM063M 337KXM063MRP 337KXM100M
63 827KXM063MRW 6.3 10 10 16 25 35 50 63 63 108KXM6R3M 108KXM010MLQ 108KXM010M 108KXM016M 108KXM025M 108KXM035M 108KXM050M 108KXM063M 108KXM063MRY
Aluminum Electrolytic
10x16 8x20 10x20 12.5x20 12.5x25 16x25 16x40 18x35.5 10x16 8x20 10x20 10x25 12.5x20 12.5x31.5 16x31.5 18x40 10x20 10x25 12.5x20 12.5x25 12.5x35.5 16x25 16x35.5 12.5x31.5 16x25 10x25 12.5x20 12.5x25 12.5x35.5 16x25 16x31.5 18x35.5 12.5x31.5 16x25 12.5x20
100 337KXM100MRV 63 63 100 397KXM063M 397KXM063MQU 397KXM100M
6.3 128KXM6R3MLQ 6.3 10 16 25 35 50 63 6.3 10 16 25 35 35 50 25 35 6.3 10 16 25 25 35 50 16 25 6.3 128KXM6R3M 128KXM010M 128KXM016M 128KXM025M 128KXM035M 128KXM050M 128KXM063M 158KXM6R3M 158KXM010M 158KXM016M 158KXM025M 158KXM035M 158KXM035MQV 158KXM050M 188KXM025M 188KXM035M 228KXM6R3M 228KXM010M 228KXM016M 228KXM025M 228KXM025MQV 228KXM035M 228KXM050M 278KXM016M 278KXM025M 338KXM6R3M
100 397KXM100MRW 10 16 16 25 25 35 50 63 63 100 477KXM010M 477KXM016MLN 477KXM016M 477KXM025MLQ 477KXM025M 477KXM035M 477KXM050M 477KXM063M 477KXM063MQV 477KXM100M
100 477KXM100MRY 6.3 35 50 63 63 100 10 10 16 16 25 35 50 63 567KXM6R3M 567KXM035M 567KXM050M 567KXM063M 567KXM063MRU 567KXM100M 687KXM010MLN 687KXM010M 687KXM016MLQ 687KXM016M 687KXM025M 687KXM035M 687KXM050M 687KXM063M
(R)
3757 W. Touhy Ave., Lincolnwood, IL 60712 * (847) 675-1760 * Fax (847) 673-2850 * www.illcap.com
73
KXM
+105C Low Impedance Radial Aluminum Electrolytic Capacitors
STANDARD PART LISTING
Capacitance WVDC (F)
PART NUMBER
338KXM010M 338KXM016M 338KXM016MQV 338KXM025M 338KXM035M 338KXM050M 398KXM6R3M 398KXM010M 398KXM016M 478KXM6R3M 478KXM010M 478KXM010MQV
Maximum ESR 120Hz, +20C
0.126 0.111 0.111 0.100 0.090 0.080 0.119 0.106 0.094 0.106 0.095 0.095
Impedance +20C/-10C 100kHz
0.018/0.045 0.015/0.039 0.029/0.057 0.027/0.054 0.026/0.064 0.023/0.046 0.018/0.045 0.016/0.041 0.016/0.043 0.016/0.041 0.015/0.039 0.025/0.051
Maximum RMS Dimensions Ripple Current DxL (mA) +105C (mm) 100kHz
2770 3400 2200 3020 3650 4350 2770 3290 3460 3290 3400 2350 12.5x25 12.5x35.5 16x25 16x31.5 18x35.5 18x40 12.5x25 12.5x31.5 16x25 12.5x31.5 12.5x35.5 16x25
Capacitance WVDC (F)
PART NUMBER
478KXM016M 478KXM025M 568KXM6R3M 568KXM010M 688KXM6R3M 688KXM010M 688KXM016M 109KXM6R3M 109KXM010M 109KXM016M 159KXM6R3M 159KXM010M
Maximum ESR 120Hz, +20C
0.085 0.078 0.095 0.086 0.083 0.076 0.068 0.055 0.061 0.060 0.048 0.052
Impedance +20C/-10C 100kHz
0.024/0.048 0.023/0.046 0.015/0.039 0.016/0.043 0.016/0.043 0.023/0.045 0.022/0.043 0.022/0.043 0.021/0.041 0.019/0.039 0.02/0.041 0.019/0.039
Maximum RMS Dimensions Ripple Current DxL (mA) +105C (mm) 100kHz
2670 3700 3400 3460 3460 2850 3280 3000 3430 3670 3610 3850 16x31.5 18x35.5 12.5x35.5 16x25 16x25 16x31.5 18x35.5 16x31.5 18x35.5 18x40 18x35.5 18x40
3300 3300 3300 3300 3300 3300 3900 3900 3900 4700 4700 4700
10 16 16 25 35 50 6.3 10 16 6.3 10 10
4700 4700 5600 5600 6800 6800 6800 10000 10000 10000 15000 15000
16 25 6.3 10 6.3 10 16 6.3 10 16 6.3 10
LEAD INFORMATION V.S. CASE DIAMETER
L
PVC SLEEVE
L
15.0 MIN
L
D d S
L
5.0 0.5 2.0
6.3 0.5 2.5
8.0 0.6 3.5
10.0 0.6 5.0
12.5 0.6 5.0
16.0 0.8 7.5
18.0 0.8 7.5
d
S1 + L1
19.0 MIN
L
L L
L1=L + 2.0 Max. D1=D + 0.5 mm Max. S1=S 0.5 mm Max.
D1
L
L
L
L
NOTE: Case Vent is standard on all diameter 8.0mm
L
L
(R)
3757 W. Touhy Ave., Lincolnwood, IL 60712 * (847) 675-1760 * Fax (847) 673-2850 * www.illcap.com
74


▲Up To Search▲   

 
Price & Availability of 687KXM010M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X