Part Number Hot Search : 
XR16M680 TPC6503 LB123D SGD06N60 S6025R 003931 NTD20 HB100
Product Description
Full Text Search
 

To Download 4CX350AC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 cpi | 4CX350AC/ 8321a cpi|4cW50,000J
4CX350AC/8321a
The 4CX350AC/8321A is a compact air cooled tetrode. This product is intended for use in equipment which normally uses the 4CX350A, and where extended tube life is a concern. Externally, the 4CX350AC/8321A is identical to the 4CX350A. Electrical characteristics are the same in both tube types with the exception that the heater warmup time is increased to 40 seconds in the 4CX350AC/8321A.
chaRacteRistics
Plate Dissipation (Max.) Screen Dissipation (Max.) Grid Dissipation (Max.) Frequency for Max. rating (CW) Amplification Factor Filament/Cathode Voltage Current Capacitance Input Output Feedthrough Capacitance Input Output Feedthrough Cooling Base Air Socket Air Chimney Boiler Length Diameter Weight 350 Watts 8 Watts 0 Watts 110 MHz 13 Oxide Coated 6.0 Volts 2.9 Amps Grounded Cathode 23.6 pf 5.6 pf .03 pf Grounded Cathode 23.6 pf 5.6 pf .03 pf Forced Air 9 Pin Special SK-600A SK-606 --2.47 in; 62.60 mm 1.64 in; 41.60 mm 4 oz; 113 gm
typeofservice RFlinearamplifier aFamplifierormodulator
MaxiMuMRatings
plate Voltage (Volts) 2,500 2,500 plate current (amps) 0.30 0.30
ypicalOpeRatiOn t
plate current (amps) 0.29 0.58 Drive Output power power (Watts) (kiloWatts) --- --- 0.385 0.770
classof Operation
aB1 aB1
plate screen Voltage Voltage (Volts) (Volts) 2,200 2,200 400 400
The values listed above represent specified limits for the product and are subject to change. The data should be used for basic information only. Formal, controlled specifications may be obtained from CPI for use in equipment design. Forinformationon this and other CPI products, visit our website at:www.cpii.com, or contact: CPI MPP Division, Eimac Operation, 607 Hansen Way, Palo Alto, CA 94303 telephone: 1(800) 414-8823. fax: (650) 592-9988 | email: powergrid@cpii.com


▲Up To Search▲   

 
Price & Availability of 4CX350AC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X