Part Number Hot Search : 
HG106C PE6045 STV6434D 4ACT1 QF50AA60 50N06 C4424 HPR106V
Product Description
Full Text Search
 

To Download 4CX350A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 cpi | 4CX350A/ 8321 cpi|4cW50,000J
4CX350A/8321
The 4CX350A/8321 has a maximum plate dissipation of 350 watts and is intended for Class AB audio or RF amplifier service. The tube is externally identical to the 4CX250B but contains rugged internal construction features. Amplification factor and cathode area have been increased over the basic 4CX250B to give higher transconductance and figure of merit.
chaRacteRistics
Plate Dissipation (Max.) Screen Dissipation (Max.) Grid Dissipation (Max.) Frequency for Max. rating (CW) Amplification Factor Filament/Cathode Voltage Current Capacitance Input Output Feedthrough Capacitance Input Output Feedthrough Cooling Base Air Socket Air Chimney Boiler Length Diameter Weight 350 Watts 8 Watts 0 Watts 110 MHz 13 Oxide Coated 6.0 Volts 2.9 Amps Grounded Cathode 23.6 pf 5.6 pf .03 pf ----- pf --- pf --- pf Forced Air 9 Pin Special SK-600A SK-606 --2.47 in; 62.60 mm 1.64 in; 41.60 mm 4 oz; 113 gm
typeofservice RFlinearamplifier aFamplifierormodulator
MaxiMuMRatings
plate Voltage (Volts) 2,500 2,500 plate current (amps) 0.30 0.30
ypicalOpeRatiOn t
plate current (amps) 0.29 0.58 Drive Output power power (Watts) (kiloWatts) --- --- 0.385 0.770
classof Operation
aB1 aB1
plate screen Voltage Voltage (Volts) (Volts) 2,200 2,200 400 400
The values listed above represent specified limits for the product and are subject to change. The data should be used for basic information only. Formal, controlled specifications may be obtained from CPI for use in equipment design. Forinformationon this and other CPI products, visit our website at:www.cpii.com, or contact: CPI MPP Division, Eimac Operation, 607 Hansen Way, Palo Alto, CA 94303 telephone: 1(800) 414-8823. fax: (650) 592-9988 | email: powergrid@cpii.com


▲Up To Search▲   

 
Price & Availability of 4CX350A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X