Part Number Hot Search : 
HIP5010 A5800410 BLF30 1581M D30N03 D2060 AL8807Q HV506PG
Product Description
Full Text Search
 

To Download 4CX3500A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 cpi | 4CX3500A cpi|4cW50,000J
4CX3500A
The 4CX3500A is a compact tetrode designed to be used in VHF power amplifier service. It features a type of internal structure which results in high RF operating efficiency up to 220 MHz. This tube is also recommended for use as a VHF TV linear amplifier. for use as a Class C radio frequency power amplifier and plate-modulated, radio frequency power amplifier.
chaRacteRistics
Plate Dissipation (Max.) Screen Dissipation (Max.) Grid Dissipation (Max.) Frequency for Max. rating (CW) Amplification Factor Filament/Cathode Voltage Current Capacitance Input Output Feedthrough Capacitance Input Output Feedthrough Cooling Base Air Socket Air Chimney Boiler Length Diameter Weight 3,500 Watts 162 Watts 50 Watts 220 MHz 4.5 Thoriated Tungsten 5.0 Volts 90 Amps Grounded Cathode 58.5 pf 10.0 pf 0.5 pf Grounded Grid 58.5 pf 10.0 pf 0.4 pf Forced Air Special Coaxial SK-340 ----3.25 in; 346 mm 7.25 in; 181.45 mm 4.94 oz; 125 gm
typeofservice griddrivenRFamplifier griddrivenRFamplifier
MaxiMuMRatings
plate Voltage (Volts) 5,500 5,500 plate current (amps) 2.0 2.0
ypicalOpeRatiOn t
plate current (amps) 1.32 1.90 Drive Output power power (Watts) (kiloWatts) 25 66 5.28 5.53
classof Operation
c c
plate screen Voltage Voltage (Volts) (Volts) 5,000 4,300 500 750
The values listed above represent specified limits for the product and are subject to change. The data should be used for basic information only. Formal, controlled specifications may be obtained from CPI for use in equipment design. Forinformationon this and other CPI products, visit our website at:www.cpii.com, or contact: CPI MPP Division, Eimac Operation, 607 Hansen Way, Palo Alto, CA 94303 telephone: 1(800) 414-8823. fax: (650) 592-9988 | email: powergrid@cpii.com


▲Up To Search▲   

 
Price & Availability of 4CX3500A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X