Part Number Hot Search : 
ATF54143 RLZ22 AAT3512 4371F PDTC143E HT66F005 IRFB20N5 24C54
Product Description
Full Text Search
 

To Download 2SK3541SPT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT N-Channel Enhancement Mode Field Effect Transistor
VOLTAGE 30 Volts
APPLICATION
* Interfacing, switching (30V, 100mA)
2SK3541SPT
CURRENT 100 mAmpere
FEATURE
* Small surface mounting type. (SC-88/SOT-363) * Low on-resistance * Fast switching speed * Easily designed drive circuits * Easy to parallel
1.2~1.4
(1)(S1)
SC-88/SOT-363
(D1)(6)
(G1) (G2) (D2)
0.65 0.65
2.0~2.2
CONSTRUCTION
Silicon N-Channel MOSFET
0.15~0.35
(3)
(S2)(4)
1.15~1.35
0.08~0.15 0.1 Min.
0.8~1.1 0~0.1 2.15~2.45
CIRCUIT
(6) D1
G2
S2(4)
(1)S1
G1
D2(3)
Dimensions in millimeters
SC-88/SOT-363
Absolute Maximum Ratings
Symbol Parameter
TA = 25C unless otherwise noted
2SK3541SPT
Units
VDSS VGSS ID IDR
Drain-Source Voltage Gate-Source Voltage - Continuous Drain Current - Continuous - Pulsed (Note1) Reverse Drain Current - Continuous - Pulsed (Note1)
30
V V mA mA mA mA mW C C
2007-02
20
100 400 100 400 150 -55 to 150 -55 to 150
PD TJ TSTG
Power Dissipation (Note2) Operating Temperature Range Storage Temperature Range
Note: 1. Pw < 10uA , Duty cycle < 1% 2. With each pin mounted on the recommended land
RATING CHARACTERISTIC CURVES ( 2SK3541SPT )
Electrical Characteristics T
Symbol Parameter
A
= 25C unless otherwise noted
Conditions
Min
Typ
Max
Units
OFF CHARACTERISTICS
BVDSS IDSS IGSSF IGSSR
Drain-Source Breakdown Voltage Zero Gate Voltage Drain Current
VGS = 0 V, ID = 10A VDS = 30 V, VGS = 0 V TC=125C VGS = 20 V, VDS = 0 V VGS = -20 V, VDS = 0 V
30 1 0.5 1 -1
V A mA A A
Gate - Body Leakage, Forward Gate - Body Leakage, Reverse
ON CHARACTERISTICS
VGS(th) RDS(ON)
Gate Threshold Voltage
VDS = 3V, ID = 100 A
0.8 5.0 7.0 20
1.65 8.0 13
V
Static Drain-Source On-Resistance VGS = 4.0 V, ID = 10 mA VGS = 2.5 V, ID = 1.0 mA
mS
gFS
Forward Transconductance
VDS = 3.0 V , ID = 10 m A
DYNAMIC CHARACTERISTICS
Ciss Coss Crss ton tr toff tf
Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-On Time
VDS = 5.0 V, VGS = 0 V, f = 1.0 MHz
13 9 4
pF
VDD = 5.0 V, RL = 500 , ID = 10 mA, VGS = 5.0 V, RGEN = 10 VDD = 5.0 V, RL = 500 , ID = 10 mA, VGS = 5.0 V, RGEN = 10
15 35 80 80
nS
Turn-Off Time
nS
RATING CHARACTERISTIC CURVES ( 2SK3541SPT )
Typical Electrical Characteristics
FIG. 1 TYPICAL TRANSFER CHARACTERISTICS FIG. 2 REVERSE DRAIN CURRENT V.S SOURCE-DRAIN VOLTAGE
200m 100m
DRAIN CURRENT : ID (A)
REVERSE DRAIN CURRENT : IDR (A)
VDS=3V Pulsed
200m
100m 50m
20m 10m 5m 2m 1m 0.5m 0.2m 0.1m
VGS=0V Pulsed
50m 20m 10m 5m 2m 1m
0.5m
Ta=125C 75C 25C -25C
Ta=125C 75C 25C -25C
0.2m 0.1m 0 1 2 3 4
0
0.5
1
1.5
GATE-SOURCE VOLTAGE : VGS (V)
SOURCE-DRAIN VOLTAGE : VSD (V)
FIG. 3 GATE THRESHOLD VOLTAGE V.S CHANNEL TEMPERATURE
GATE THRESHOLD VOLTAGE : VGS(th) (V)
2
VDS=3V ID=0.1mA Pulsed
FORWARD TRANSFER ADMITTANCE : |Yfs| (S)
1.5
FIG. 4 FROWARD TRANSFER ADMITTANCE V.S DRAIN CURRENT 0.5 VDS=3V Pulsed 0.2 Ta=-25C 0.1 25C 75C 0.05 125C
1
0.02 0.01 0.005
0.002
0.5
0 -50 -25
0
25
50
75
100
125 150
0.001 0.0001 0.0002
0.0005 0.001 0.002
0.005 0.01 0.02
0.05 0.1 0.2
0.5
CHANNEL TEMPERATURE : Tch (C)
DRAIN CURRENT : ID (A)
RATING CHARACTERISTIC CURVES ( 2SK3541SPT )
Typical Electrical Characteristics (continued)
FIG. 5 STATIC DRAIN-SOURCE ON-STATE RESISTANCE V.S DRAIN CURRENT FIG. 6 STATIC DRAIN-SOURCE ON-STATE RESISTANCE V.S DRAIN CURRENT
50
STATIC DRAIN-SOURCE ON-STATE RESISTANCE : RDS(on) ()
20 10 5
Ta=125C 75C 25C -25C
STATIC DRAIN-SOURCE ON-STATE RESISTANCE : RDS(on) ()
VGS=4V Pulsed
50
Ta=125C 75C 25C -25C
VGS=2.5V Pulsed
20 10 5
2 1 0.5 0.001 0.002
2 1 0.5 0.001 0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
0.005
0.01
0.02
0.05
0.1
0.2
0.5
DRAIN CURRENT : ID (A)


▲Up To Search▲   

 
Price & Availability of 2SK3541SPT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X