Part Number Hot Search : 
RS2201 00130 K8VM800 16080 MC344 ISOPAC02 D9893F SMAJ5306
Product Description
Full Text Search
 

To Download 2SD882S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC COMPONENTS CO., LTD.
R
2SD882S
DISCRETE SEMICONDUCTORS
TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
Description
Designed for use in output stage of 0.75W audio amplifier, voltage regulator, DC-DC converter and relay driver.
TO-92
.190(4.83) .170(4.33) .190(4.83) .170(4.33) 2 Typ 2 Typ .500 Min (12.70)
o o
Pinning
1 = Emitter 2 = Collector 3 = Base
Absolute Maximum Ratings(TA=25oC)
Characteristic Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Total Power Dissipation Junction Temperature Storage Temperature Symbol VCBO VCEO VEBO IC PD TJ TSTG Rating 40 30 5 3 750 +150 -55 to +150 Unit V V V A mW
o o
.050 Typ (1.27)
.022(0.56) .014(0.36) .100 Typ (2.54)
.022(0.56) .014(0.36)
321
.148(3.76) .132(3.36)
C
.050 o o 5 Typ. 5 Typ. (1.27) Typ Dimensions in inches and (millimeters)
C
Electrical Characteristics o
Characteristic
(Ratings at 25 C ambient temperature unless otherwise specified)
Symbol BVCBO BVCEO BVEBO ICBO IEBO VCE(sat) VBE(sat) hFE1 hFE2 fT Cob 380s, Duty Cycle 2%
Min 40 30 5 30 100 -
Typ 90 45
Max 1 1 0.5 2 500 -
Unit V V V A A V V MHz pF
Test Conditions IC=100A IC=1mA IE=10A VCB=30V VEB=3V IC=2A, IB=0.2A IC=2A, IB=0.2A IC=20mA, VCE=2V IC=1A, VCE=2V IC=0.1A, VCE=5V IE=0, VCB=10V, f=1MHz
Collector-Base Breakdown Volatge Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Volatge Collector Cutoff Current Emitter Cutoff Current Collector-Emitter Saturation Voltage(1) Base-Emitter Saturation Voltage(1) DC Current Gain
(1)
Transition Frequency Output Capacitance (1)Pulse Test: Pulse Width
Classification of hFE2
Rank Range Q 100~200 P 160~320 E 250~500


▲Up To Search▲   

 
Price & Availability of 2SD882S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X