Part Number Hot Search : 
TC2696 V91916 RT7285C RF621 SMS12 SA117 HMM5159B 85L02H
Product Description
Full Text Search
 

To Download 2SD850 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD850
DESCRIPTION *With TO-3 package *High voltage ,high speed APPLICATIONS *Line-operated horizontal deflection output applications
PINNING(see fig.2) PIN 1 2 3 Base Emitter Collector Fig.1 simplified outline (TO-3) and symbol DESCRIPTION
*
Absolute maximum ratings(Ta=)
SYMBOL VCBO VCEO VEBO IC ICM PT Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Total power dissipation Junction temperature Storage temperature TC=90 CONDITIONS Open emitter Open base Open collector VALUE 1500 700 5 3 5 25 150 -65~150 UNIT V V V A A W
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN TYP.
2SD850
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=0.1A; IB=0
600
V
V(BR)EBO
Emitter-base breakdown votage
IE=10mA; IC=0
5
V
VCEsat
Collector-emitter saturation voltage
IC=2.5 A;IB=0.8A
4.0
V
VBEsat
Base-emitter saturation voltage
IC=2.5 A;IB=0.8A
1.5
V A
VCB=750V;IE=0 ICBO Collector cut-off current VCB=1500V;IE=0
50
1.0
mA
hFE-1
DC current gain
IC=0.5A ; VCE=5V
8
hFE-2
DC current gain
IC=2.5A ; VCE=10V
4
15 s
tf
Fall time IC=2.5A;IBend=0.8A;LB=5H
1.0
ts
Storage time
13
s
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD850
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SD850

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X