Part Number Hot Search : 
WFU4N60 SK342 DEVICE FDN5630 LH1529A AD9802 152CLT 1N4496D
Product Description
Full Text Search
 

To Download 2SD2403Q Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SD2403Q
Elektronische Bauelemente
RoHS Compliant Product
D
Plastic-Encapsulate Transistor
SOT-89
D1 A
Features
* NPN Silicon Epitaxial Planar Transistor for switching and amplifier applications.
E1
* This transistor is also available in the TO-223 case with the type designation PZT2403
b1
b
L
E
e e1
C
Mechanical Data
Case: SOT-89 Plastic Package Weight: approx. 0.016g Marking Code: 156
1. BASE 2. COLLECTOR 3. EMITTER
Symbol A b b1 c D D1 E E1 e e1 L
Dimensions In Millimeters Min 1.400 0.320 0.360 0.350 4.400 1.400 2.300 3.940 1.500TYP 2.900 0.900 3.100 1.100 Max 1.600 0.520 0.560 0.440 4.600 1.800 2.600 4.250 Min
Dimensions In Inches Max 0.063 0.020 0.022 0.017 0.181 0.071 0.102 0.167 0.060TYP 0.114 0.035 0.122 0.043
0.055 0.013 0.014 0.014 0.173 0.055 0.091 0.155
Maximum Ratings and Thermal Characteristics
(TA = 25OC unless otherwise noted) Parameter Collector Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current (DC) Collector Current (pulse) Power Dissipation at TA = 25C Thermal Resistance Junction to Ambiant Air Junction Temperature Storage Temperature Range
Notes: Device on alumina substrate.
Symbol VCBO VCEO VEBO IC IC Ptot RJA Tj TS
Value 80 60 5.0 3 6 1.0 150(1) 150 -55 to +150 f = 30MHz Min 80 60 5 70 100 80 40 140 Typ 0.12 0.43 0.9 0.8 200 200 170 80 175 45 800 Max 100 100 0.2 0.6 1.25 1.0 300 30
Unit V V V A W C/W C C
Electrical Characteristics (TJ = 25C unless otherwise noted)
Parameter Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Emitter Cotoff Current Collector Cutoff Current Collector-emitter Saturation Voltage 1 Collector-emitter Saturation Voltage 2 Base-emitter Saturation Voltage Base-emitter xxx Voltage DC Current Gain 1 DC Current Gain 2 DC Current Gain 3 DC Current Gain 4 Gain-Bandwidth Product On-Time Off-Time Output Capacitance
http://www.SeCoSGmbH.com
Symbol VCBO VCEO VEBO IEBO ICBO VCE(sat)1 VCE(sat)2 VBE(sat) VBE(on) hFE1 hFE2 hFE3 hFE4 fT ton toff Cob
Test Condition IC = 100uA, IE = 0 IC = 10mA, IB = 0 IE = 100uA, IC = 0 VCE = 4V, IC = 0 VCB = 60V, IE = 0 IC = 1A, IB = 0.1A IC = 3A, IB = 0.3A IC = 1A, IB = 0.1A IC = 1A, VCE = 2V VCE = 2V, IC = 50 mA VCE = 2V, IC = 500 mA VCE = 2V, IC = 1 A VCE = 2V, IC = 2 A VCE = 5V, IC = 100 mA f=100MHz VCC = 10V, IC = 500 mA IB1 = IB2 = 50mA VCB = 10V, f = 2 MHz
Unit V V V nA nA V V V V
MHz
ns pF
Page 1 of 2
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
2SD2403Q
Elektronische Bauelemente
Plastic-Encapsulate Transistor
Collector Current (A)
Collector Current (A)
Collector Current (A)
Collector Current (A)
Collector Emitter Voltage (V)
Collector Current (A)
http://www.SeCoSGmbH.com
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of 2SD2403Q

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X