Part Number Hot Search : 
F2010 SMBJ360 PVI5033R TC74A HMC25607 ISL28 10018 512K3
Product Description
Full Text Search
 

To Download 2SD1887 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD1887
DESCRIPTION *With TO-3PML package *High breakdown voltage *High reliability *High speed APPLICATIONS *Color TV horizontal deflection output. *Color display horizontal deflection output.
PINNING PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (TO-3PML) and symbol DESCRIPTION
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Collector power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE 1500 800 6 10 30 70 150 -55~150 UNIT V V V A A W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD1887
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter saturation voltage Base-emitter saturation voltage Collector-emitter sustaining voltage Emitter cut-off current Collector cut-off current Collector cut-off current DC current gain DC current gain Fall time CONDITIONS IC=8A;IB=1.6 A IC=8A;IB=1.6 A IC=100mA;IB=0 VEB=4V; IC=0 VCB=800V; IE=0 VCE=1500V; RBE=0 IC=1 A ; VCE=5V IC=8A ; VCE=5V IC=6A;RL=33.3@; IB1=1.2A IB2=-2.4AVCC=200V 8 5 0.1 10 0.3 s 800 1 10 1 MIN TYP. MAX 5 1.5 UNIT V V V mA A mA SYMBOL VCEsat VBEsat VCEO(SUS) IEBO ICBO ICES hFE-1 hFE-2 tf
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD1887
Fig.2 Outline dimensions
3
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD1887
4


▲Up To Search▲   

 
Price & Availability of 2SD1887

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X