Part Number Hot Search : 
HR91110 M2001 001CA SC320 BUZ104 EPF8225S SK3245 00406
Product Description
Full Text Search
 

To Download 2SC4941 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4941
DESCRIPTION *With TO-3PML package *Switching power transistor *High breakdown voltage
PINNING PIN 1 2 3 Base Collector Fig.1 simplified outline (TO-3PML) and symbol Emitter DESCRIPTION
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM IB IB PT Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-Peak Base current Base current-Peak Total power dissipation Junction temperature Storage temperature TC=25 Open emitter Open base Open collector CONDITIONS VALUE 1500 800 7 6 12 3 6 65 150 -55~150 UNIT V V V A A A A W
THERMAL CHARACTERISTICS
SYMBOL Rth j-C PARAMETER Thermal resistance from junction to case VALUE 1.92 UNIT /W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter sustaining voltage Collector-base voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency CONDITIONS IC=0.2A ;IB=0 IC=1mA ;IE=0 IC=3A ;IB=0.6A IC=3A; IB=0.6A VCB=1200V; IE=0 VCE=RatedVCEO; IB=0 VEB=RatedVEBO; IC=0 IC=1A ; VCE=5V IC=1mA ; VCE=5V IC=0.6A ; VCE=10V 15 7 MIN 800 1500 SYMBOL VCEO(SUS) VCBO VCEsat VBEsat ICBO ICEO IEBO hFE-1 hFE-2 fT
2SC4941
TYP.
MAX
UNIT V V
0.5 1.5 100 100 100
V V A A A
8
MHz
Switching times ton ts tf Turn-on time Storage time Fall time IC=3A IB1=0.6A; IB2=-1.2A VBB2=4V RL=85C 0.5 3.5 0.3 s s s
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC4941
Fig.2 Outline dimensions (unindicated tolerance:0.10 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SC4941

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X