Part Number Hot Search : 
KTC43 APU2470 TMEGA32 BU2730AL K6T1008 KBPC2500 TMG10C80 KTC43
Product Description
Full Text Search
 

To Download 2SC3461 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC3461
DESCRIPTION *With TO-3PN package *High breakdown voltage and high reliability. *Fast switching speed *Wide ASO(Safe Operating Area) APPLICATIONS *800V/8A switching regulator applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (TO-3PN) and symbol DESCRIPTION
Absolute maximum ratings(Ta= )
SYMBOL VCBO VCEO VEBO IC ICM IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Base current Collector power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE 1100 800 7 8 25 4 140 150 -55~150 UNIT V V V A A A W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Output capacitance Transition frequency CONDITIONS IC=5mA ;RBE=< IC=1mA ;IE=0 IE=1mA ;IC=0 IC=4A ;IB=0.8A IC=4A; IB=0.8A VCB=800V; IE=0 VEB=5V; IC=0 IC=0.6A ; VCE=5V IC=3A ; VCE=5V IE=0 ; VCB=10V;f=1MHz IC=0.6A ; VCE=10V 10 8 MIN 800 1100 7 SYMBOL V(BR)CEO V(BR)CBO V(BR)EBO VCEsat VBEsat ICBO IEBO hFE-1 hFE-2 Cob fT
2SC3461
TYP.
MAX
UNIT V V V
2.0 1.5 10 10 40
V V A A
155 15
pF MHz
Switching times ton tstg tf Turn-on time Storage time Fall time IC=6A;RL=66.7C IB1=1.2A; IB2=-2.4A VCC=400V 0.5 3.0 0.3 s s s
hFE-1 Classifications K 10-20 L 15-30 M 20-40
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC3461
Fig.2 outline dimensions (unindicated tolerance:0.1mm)
3
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC3461
4


▲Up To Search▲   

 
Price & Availability of 2SC3461

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X