Part Number Hot Search : 
M3H11FAD 07PBF MBR3060 07PBF AD861505 162VTRA 100AC 471M1
Product Description
Full Text Search
 

To Download 2SC3297 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC3297
DESCRIPTION *With TO-220Fa package *Low saturation voltage *High speed switching time APPLICATIONS *High current switching applications
PINNING PIN 1 2 3 DESCRIPTION Base Collector Emitter
Absolute maximum ratings (Ta=25 )
SYMBOL VCBO VCEO VEBO IC PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE 30 30 5 3 15 150 -55~150 UNIT V V V A W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter on voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency CONDITIONS IC=10mA , IB=0 IC=1mA , IE=0 IE=1mA , IC=0 IC=2A ;IB=0.2A IC=0.5A ; VCE=5V VCB=30V; IE=0 VEB=5V; IC=0 IC=0.5A ; VCE=2V IC=3A ; VCE=5V IC=0.5A ; VCE=5V 70 20 MIN 30 30 5
2SC3297
SYMBOL V(BR)CEO V(BR)CBO V(BR)EBO VCEsat VBE ICBO IEBO hFE-1 hFE-2 fT
TYP.
MAX
UNIT V V V
1.0 1.0 10 10 280
V V A A
100
MHz
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC3297
Fig.2 Outline dimensions (unindicated tolerance:0.15 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SC3297

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X