Part Number Hot Search : 
JH56R A143E 05D15 MD2219 MLL3827A S6A00 X5328S8 KI5902DC
Product Description
Full Text Search
 

To Download 2SB817 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JMnic
Product Specification
Silicon PNP Power Transistors
2SB817
DESCRIPTION With TO-3PN package Complement to type 2SD1047 APPLICATIONS 140V/12A AF 60W output applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (TO-3PN) and symbol DESCRIPTION
Absolute maximum ratings(Tc=25ae )
SYMBOL VCBO VCEO VEBO IC ICM PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current (DC) Collector current-peak Collector power dissipation Junction temperature Storage temperature TC=25ae CONDITIONS Open emitter Open base Open collector VALUE -160 -140 -6 -12 -15 100 150 -40~150 ae ae UNIT V V V A A W
JMnic
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter on voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency Collector output capacitance CONDITIONS IC=-50mA ;IB=0 IC=-5mA ;IE=0 IE=-5mA ;IC=0 IC=-5A ;IB=-0.5A IC=-1A;VCE=-5V VCB=-80V; IE=0 VEB=-4V; IC=0 IC=-1A ; VCE=-5V IC=-6A ; VCE=-5V IC=-1A ; VCE=-5V IE=0;f=1MHz;VCB=10V 60 20 15 300 MIN -140 -160 -6 -1.1 TYP.
2SB817
SYMBOL V(BR)CEO V(BR)CBO V(BR)EBO VCEsat VBE ICBO IEBO hFE-1 hFE-2 fT COB
MAX
UNIT V V V V
-1.5 -0.1 -0.1 200
V mA mA
MHz pF
Switching times ton tstg tf Turn-on time Storage time Fall time IC=-1.0A IB1=-IB2=-0.1A 0.25 1.61 0.53 |I |I |I s s s
hFE-1 Classifications D 60-120 E 100-200
2
JMnic
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB817
Fig.2 outline dimensions
3
JMnic
Product Specification
Silicon PNP Power Transistors
2SB817
4


▲Up To Search▲   

 
Price & Availability of 2SB817

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X