Part Number Hot Search : 
25Q128A SI9135 WP793GD 2A100 2A100 MAX942 74H000 JE13005
Product Description
Full Text Search
 

To Download 2SB550 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB550
DESCRIPTION *With TO-66 package *Low collector saturation voltage APPLICATIONS *For low frequency power amplification *For low speed and power switching
PINNING(see Fig.2) PIN 1 2 3 Base Emitter Collector Fig.1 simplified outline (TO-66) and symbol DESCRIPTION
Absolute maximum ratings(Ta= )
SYMBOL VCBO VCEO VEBO IC PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector power dissipation Junction temperature Storage temperature TC=25 Open emitter Open base Open collector CONDITIONS VALUE -100 -70 -5 -5 25 150 -55~150 UNIT V V V A W
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER CONDITIONS MIN
2SB550
SYMBOL
TYP.
MAX
UNIT
V(BR)CBO V(BR)CEO V(BR)EBO VCEsat VBEsat ICBO IEBO hFE fT
Collector-base breakdown voltage
IC=-1mA; IE=0 IC=-10mA; IB=0 IE=-1mA; IC=0 IC=-5A; IB=-0.5A IC=-5A; IB=-0.5A VCB=-80V; IE=0 VEB=-5V; IC=0 IC=-1A ; VCE=-5V IC=-0.1A ; VCE=-10V
-100
V
Collector-emitter breakdown voltage
-70
V
Emitter-base breakdown voltage
-5
V
Collector-emitter saturation voltage
-1.0
V
Base-emitter saturation voltage
-1.5
V
Collector cut-off current
-0.1
mA
Emitter cut-off current
-0.1
mA
DC current gain
30
200
Transition frequency
5
MHz
2
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB550
Fig.2 outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SB550

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X