Part Number Hot Search : 
NZ2520S SP3223EU IMB9A TFI02 MAX9218 MBRD660 FR2S1030 PG1019
Product Description
Full Text Search
 

To Download 2SA656 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA656
DESCRIPTION *With TO-3 package *Wide area of safe operation *Complement to type 2SC519 APPLICATIONS *For audio frequency and power amplifier applications
PINNING(see Fig.2) PIN 1 2 3 Base Emitter Fig.1 simplified outline (TO-3) and symbol Collector DESCRIPTION
Absolute maximum ratings(Ta= )
SYMBOL VCBO VCEO VEBO IC PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector power dissipation Junction temperature Storage temperature TC=25 Open emitter Open base Open collector CONDITIONS VALUE -130 -130 -5 -7 50 150 -55~150 UNIT V V V A W
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Collector output capacitance Transition frequency CONDITIONS IC=-25mA ;IB=0 IC=-1mA ;IE=0 IE=-1mA ;IC=0 IC=-5A; IB=-1A IC=-5A; IB=-1A VCB=-130V; IE=0 VEB=-5V; IC=0 IC=-1A ; VCE=-5V IE=0; VCB=-10V;f=1MHz IC=-1A ; VCE=-10V 30 150 5 MIN -130 -130 -5 TYP.
2SA656
SYMBOL V(BR)CEO V(BR)CBO V(BR)EBO VCEsat VBEsat ICBO IEBO hFE COB fT
MAX
UNIT V V V
-2.0 -2.5 -0.1 -0.1 300
V V mA mA
pF MHz
2
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SA656
Fig.2 outline dimensions (unindicated tolerance:0.1mm)
3


▲Up To Search▲   

 
Price & Availability of 2SA656

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X