Part Number Hot Search : 
BZX84C13 L6562A 10G12A SK9850 TPW150A MT8926AE DMN3404L UN11008
Product Description
Full Text Search
 

To Download 2N6107 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
DESCRIPTION *With TO-220 package *Complement to NPN type: 2N6288; 2N6290 ;2N6292 APPLICATIONS *Power amplifier and switching circuits applications
PINNING PIN 1 2 3 DESCRIPTION Emitter Collector;connected to mounting base Base
2N6107 2N6109 2N6111
Fig.1 simplified outline (TO-220) and symbol
Absolute maximum ratings(Ta=25 )
SYMBOL PARAMETER 2N6107 VCBO Collector-base voltage 2N6109 2N6111 2N6107 VCEO Collector-emitter voltage 2N6109 2N6111 VEBO IC ICM IB PT Tj Tstg Emitter-base voltage Collector current Collector current-peak Base current Total power dissipation Junction temperature Storage temperature TC=25 Open collector Open base Open emitter CONDITIONS VALUE -40 -60 -80 -30 -50 -70 -5 -7 -10 -3 40 150 -65~150 V A A A W V V UNIT
THERMAL CHARACTERISTICS
SYMBOL Rth j-c PARAMETER Thermal resistance from junction to case MAX 3.125 UNIT /W
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER 2N6107 VCEO(SUS) Collector-emitter sustaining voltage 2N6109 2N6111 VCEsat VBE Collector-emitter saturation voltage Base-emitter on voltage 2N6107 ICEO Collector cut-off current 2N6109 2N6111 2N6107 ICEX Collector cut-off current 2N6109 2N6111 IEBO Emitter cut-off current 2N6107 hFE-1 DC current gain 2N6109 2N6111 hFE-2 fT DC current gain Transition frequency IC=-7A;IB=-3A IC=-7A ; VCE=-4V VCE=-20V; IB=0 VCE=-40V; IB=0 VCE=-60V; IB=0 IC=-0.1A ;IB=0 SYMBOL
2N6107 2N6109 2N6111
CONDITIONS
MIN -30 -50 -70
TYP.
MAX
UNIT
V
-3.5 -3.0
V V
-1.0
mA
VCE=-40V; VBE=-1.5V VCE=-30V; BE=-1.5V,TC=125 VCE=-60V; VBE=-1.5V VCE=-50V; BE=-1.5V,TC=125 VCE=-80V; VBE=-1.5V VCE=-70V; BE=-1.5V,TC=125 VEB=-5V; IC=0 IC=-2A ; VCE=-4V IC=-2.5A ; VCE=-4V IC=-3A ; VCE=-4V IC=-7A ; VCE=-4V IC=-0.5A ; VCE=-4V;f=1MHz 2.3 10 30
-0.1 -2.0 -0.1 -2.0 -0.1 -2.0 -1.0 mA mA
150
MHz
2
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2N6107 2N6109 2N6111
Fig.2 Outline dimensions(unindicated tolerance:0.10 mm)
3


▲Up To Search▲   

 
Price & Availability of 2N6107

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X