Part Number Hot Search : 
BQ040 5A001 8TEEI D2000 S1022 SP804RCN T6250430 1N505906
Product Description
Full Text Search
 

To Download 2KBP005G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIER
2KBP005G THRU 2KBP10G
FEATURES
* * * * *
VOLTAGE RANGE CURRENT
50 to 1000 Volts 20 Ampere
KBPG
0.125x45 (3.2)
O
Plastic package has UL flammability Glassification 94V-0 Glass passivated chip junction High case dielectric strength of 1500VRMS High surge current capability High temperature soldering guaranteed: 260/10 seconds, 0.375"(9.5mm) lead length
0.600(15.24) 0.560(14.22)
0.500(12.70) 0.460(11.68) 0.460(11.68) 0.420(10.67)
+
0.60 (15.2) MIN.
~
0.50 (12.7) MIN
MECHANICAL DATA
* * * *
Case: molded plastic body Terminal: Plated leads solderable per MIL-STD-750 Method 2026 Mounting position: Any Weight: 0.069 ounce, 1.95 gram
0.034(0.86) 0.028(0.71) DIA. 0.200(5.08) 0.180(4.57)
0.060 0.160(4.1) (1.52) 0.140(3.6) 0.105(2.67) 0.085(2.16)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
* * *
Ratings at 25 ambient temperature unless otherwise specified Single Phase, half wave, 60Hz, resistive or inductive load For capacitive load derate current by 20% 2KBP 2KBP SYMBOLS 005G 01G Maximum Reverse Peak Repetitive Voltage VRRM 50 100 Maximum RMS Voltage VRMS 35 70 Maximum DC Blocking Voltage VDC 50 100
Maximum Average Forward Rectified Output At TC=65 Peak Forward Surge Current 8.3ms single half sine wave superimposed on rated load (JEDEC Method) Rating for Fusing (t8.3ms) Maximum Instantaneous Forward Voltage drop Per Bridge element 2.0A TA=25 Maximum Reverse Current at rated DC blocking voltage per element TA=125 Typical Junction Capacitance per leg (Note 1) Typical Thermal Resistance (Note 2) Operating Junction Temperature Range Storage Temperature Range
2KBP 02G 200 140 200
2KBP 04G 400 280 400 2.0 60 15 1.1
2KBP 06G 600 420 600
2KBP 08G 800 560 800
2KBP 10G 1000 700 1000
UNIT Volts Volts Volts Amps Amps A2s Volts
A pF /W
I(AV) IFSM I2 t VF IR CJ RJC TJ , TSTG
5.0 250 20 28 (-55 to +150) (-55 to +150)
Notes: 1. Measured at 1.0MHz and applied reverse voltage of 4.0 V
2.Unit mounted on P.C. board with 0.47'x0.47" (12x12mm) copper pads,375"(9.5mm) lead lengh
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIER
2KBP005G THRU 2KBP10G
VOLTAGE RANGE CURRENT
50 to 1000Volts 2.0 Ampere
RATINGS AND CHARACTERISTIC CURVES 2KBP005G THRU 2KBP10G
FIG. 1- DERATING CURVE FOR OUTPUT RECTIFIED CURRENT
3.0 70 60 50 40 30 20 10 0
FIG. 2- MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PER ELEMENT
AVERAGE FORWARD OUTPUT, CURRENT,(A)
PEAK FORWARD SURGE, CURRENT,(A)
2.0
8.3ms Single Half Sine-Wave (JEDEC Method)Tj =T j max
1.0
Single Phase Half wave 60Hz Resistive or Inductive Load 0.375"(9.5MM) Lead Length
1 CYCLE
1 2 4 6 8 10 20 40 60 80 100
0
0
25
50
75
100
125
150
175
AMBIENT TEMPERATURE, FIG. 3- TYPICAL FORWORD CHARACTERISTICS PER BRIDGE ELEMENT INSTANTANEOUS FORWARD CURRENT, (A)
20 10 10
NUMBER OF CYCLES AT 60 Hz FIG. 4- TYPICAL REVERSE CHARACTERISTICS PER BRIDGE ELEMENT
1.0
INSTANTANEOUS FREVERSE CURRENT, (A)
1.0
Tj =100
0.1
Tj =25 PULSE WIDTH=300s 1% DUTY CYCLE
0.01
0.1
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
INSTANTANEOUS FORWARD VOLTAGE,(V) FIG. 5- TYPICAL JUNCTION CAPACITANCE PER BRIDGE ELEMENT
100
Tj =25
0.01
JUNCTION CAPACITANCE,(pF)
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
10
Tj =25 f=1MHz Vsig=50mVp-p
1 0.1
1.0
10
100
REVRESE VOLTAGE,(V)
E-mail: sales@cnmic.com
Web Site: www.cnmic.com


▲Up To Search▲   

 
Price & Availability of 2KBP005G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X