Part Number Hot Search : 
4728A 038720 TA200 GL8TR21 CDLL942 PSPD65 MC3307A MAX2430
Product Description
Full Text Search
 

To Download 227UCA010M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UCA
FEATURES
+125C Surface Mount Aluminum Electrolytic Capacitors
105 220 6v
I Capacitance Range 10 to 330 F I Standard Case Sizes
I High Reliability I Automatic insertion applicable
SPECIFICATIONS
Capacitance Tolerance Operating Temperature Range Dissipation Factor 120Hz, 20C (Max) Leakage current
.01 CV or 3A, whichever is greater WVDC tan Time 10 .32
20% at 120Hz, 20C -40C to +125C
16 .24 25 .2 2 minutes 35 .18 50 .18
Impedance Ratio at Low Temperature (120Hz)
WVDC -40C/20C
10 12
16 8
25 6
35 4
50 4
2,000 hours (1,000 hours for 8x6.2) at 125C with rated voltage
Load Life
Capacitance change Dissipation factor Leakage current
30% of initial measured values 300% initial specified value 100% Initial specified value
1000 hours at 105C with no voltage applied.
Shelf Life
Capacitance change Dissipation factor Leakage current
30% of initial measured values 300% initial specified value 100% Initial specified value
Resistance to Soldering Heat
Capacitors placed on a 250C hot plate for 30 seconds with their electrode terminals facing downward will fulfill the following conditions after being cooled to room temperature. Capacitance change Dissipation factor Leakage current 10% of the initial measured value 100% of specified value 100% of specified value
Temperature(C)
Frequency(Hz)
40 2.4 2.4 50 .75 .8 120 1.0 1.0 300 1.35 1.25 1k 1.55 1.34 10k 2.0 1.5
Ripple Current Multipliers
Capacitance C47uF 47uF105 1.0 1.0
85 1.65 1.65
70 1.78 1.78
60 2.1 2.1
(R)
3757 W. Touhy Ave., Lincolnwood, IL 60712 * (847) 675-1760 * Fax (847) 673-2850 * www.illcap.com
UCA
+125C Surface Mount Aluminum Electrolytic Capacitors
STANDARD PART LISTING
Capacitance WVDC (F)
PART NUMBER
Maximum E.S.R. 120Hz, +20C
Maximum RMS Ripple Current (mA) at 120 Hz, +125C
Dimensions DxL (mm)
Capacitance WVDC (F)
PART NUMBER
Maximum E.S.R. 120Hz, +20C
Maximum RMS Ripple Current (mA) at 120 Hz, +125C
Dimensions DxL (mm)
10 22 33 33 47 47 47
50 50 35 50 25 35 50
106UCA050M 226UCA050M 336UCA035M 336UCA050M 476UCA025M 476UCA035M 476UCA050M
29.842 13.564 9.043 9.043 7.407 6.349 6.349
24 38 44 46 48 52 58
8x6.2 8x6.2 8x6.2 8x10 8x6.2 8x10 10x10
100 100 100 220 220 330
10 25 35 10 25 10
107UCA010M 107UCA025M 107UCA035M 227UCA010M 227UCA025M 337UCA010M
5.305 3.482 2.984 2.411 1.583 1.608
58 74 80 90 116 112
8x6.2 8x10 10x10 8x10 10x10 10x10
PHYSICAL DIMENSIONS
WVDC (SV) (F)
10 (13)
25 (32)
35 (44)
50 (63) 8x6.2 8x6.2
10 22 33 47 100 220 330 8x6.2 8x10 10x10 8x6.2 8x10 10x10 8x6.2 8x10 10x10
8x10 10x10
D x L(mm)
0.3 MAX
W
D+0.2 MAX 8 8
L 6.20.3 100.5 100.5
C0.2 9.1 9.1 11.1
H0.2 8.3 8.3 10.3
W0.2 8.3 8.3 10.3
P0.2 2.3 3.1 4.5
R 0.5~0.8 0.8~1.1 0.8~1.1 (mm)
H
L (+) R
(R)
3757 W. Touhy Ave., Lincolnwood, IL 60712 * (847) 675-1760 * Fax (847) 673-2850 * www.illcap.com
C
P
10
D
4


▲Up To Search▲   

 
Price & Availability of 227UCA010M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X