Part Number Hot Search : 
PFSM100 9LV16 36003250 2SC5004 USFF1206 AC03D 0A015 20N03L
Product Description
Full Text Search
 

To Download 1N5394 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N5391 - 1N5399
PRV : 50 - 1000 Volts Io : 1.5 Amperes
FEATURES :
* * * * * High current capability High surge current capability High reliability Low reverse current Low forward voltage drop
SILICON RECTIFIERDIODES
DO - 41
0.107 (2.7) 0.080 (2.0)
1.00 (25.4) MIN.
0.205 (5.2) 0.166 (4.2)
MECHANICAL DATA :
* Case : DO-41 Molded plastic * Epoxy : UL94V-O rate flame retardant * Lead : Axial lead solderable per MIL-STD-202, Method 208 guaranteed * Polarity : Color band denotes cathode end * Mounting position : Any * Weight : 0.34 gram
0.034 (0.86) 0.028 (0.71)
1.00 (25.4) MIN.
Dimensions in inches and ( millimeters )
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
RATING Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Current 0.375"(9.5mm) Lead Length Ta = 70C Peak Forward Surge Current 8.3ms Single half sine wave Superimposed on rated load (JEDEC Method) Maximum Forward Voltage at IF = 1.5 Amps. Maximum DC Reverse Current at rated DC Blocking Voltage Typical Junction Capacitance (Note1) Typical Thermal Resistance (Note2) Junction Temperature Range Storage Temperature Range Notes : Ta = 25 C Ta = 100 C
SYMBOL VRRM VRMS VDC IF IFSM VF IR IR(H) CJ RJA TJ TSTG
1N 1N 1N 1N 1N 1N 1N 1N 1N 5391 5392 5393 5394 5395 5396 5397 5398 5399 50 35 50 100 70 100 200 140 200 300 210 300 400 280 400 1.5 50 1.4 5.0 50 15 26 - 65 to + 175 - 65 to + 175 500 350 500 600 420 600 800 560 800 1000 700 1000
UNIT
V V V A A V A A pF C/W C C
(1) Measured at 1.0 MHz and applied reverse voltage of 4.0VDC (2) Thermal resistance from Junction to Ambient at 0.375" (9.5mm) Lead Lengths, P.C. Board Mounted.
Page 1 of 2
Rev. 01 : January 10, 2004
RATING AND CHARACTERISTIC CURVES ( 1N5391 - 1N5399 )
FIG.1 - DERATING CURVE FOR OUTPUT RECTIFIED CURRENT AVERAGE FORWARD OUTPUT CURRENT, AMPERES
1.5 50
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PEAK FORWARD SURGE CURRENT, AMPERES
Ta = 25 C
40
1.2
0.9
30
0.6
20
0.3
10
0 0 25 50 75 100 125 150 175
0 1 2 4 6 10 20 40 60 100
AMBIENT TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS FORWARD CURRENT, AMPERES
10 10
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
REVERSE CURRENT, MICROAMPERES
Ta = 100 C
1.0
1.0
Pulse Width = 300 s 2% Duty Cycle
0.1
TJ = 25 C
0.1
Ta = 25 C
0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
0.01 0 20 40 60 80 100 120 140
FORWARD VOLTAGE, VOLTS
PERCENT OF RATED REVERSE VOLTAGE, (%)
Page 2 of 2
Rev. 01 : January 10, 2004


▲Up To Search▲   

 
Price & Availability of 1N5394

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X