Part Number Hot Search : 
PT800D 330M35 V336K00 MH381H 0505S 74HC74 MAX1666X BLF245C
Product Description
Full Text Search
 

To Download 1N5394 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N5391 THRU 1N5399
GENERAL PURPOSE PLASTIC SILICON RECTIFIER Reverse Voltage - 50 to 1000 V Forward Current - 1.5 A
Features * High current capability * Low leakage current * Low cost
Mechanical Data * Case: Molded plastic, DO-15 * Terminals: Plated axial leads, solderable per MIL-STD-202, method 208 guaranteed * Polarity: Color band denotes cathode end * Mounting position: Any
Absolute Maximum Ratings and Characteristics Ratings at 25 OC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Parameter
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current 0.375"(9.5 mm) Lead Length at TA = 75 OC Peak Forward Surge Current, 8.3 ms Single Half-sine-wave Superimposed on rated load (JEDEC method) Maximum Forward Voltage at 1.5 A DC Maximum Reverse Current at Rated DC Blocking Voltage Typical Junction Capacitance 1) Typical Thermal Resistance
2)
Symbols
1N 5391 50 35 50
1N 5392 100 70 100
1N 5393 200 140 200
1N 5394 300 210 300
1N 5395 400 280 400
1N 5396 500 350 500
1N 5397 600 420 600
1N 5398 800 560 800
1N 5399 1000 700 1000
Units V V V A
VRRM VRMS VDC I(AV)
1.5
IFSM VF
O O
50 1.4 5 500 20 50 -55 to +150 -55 to +150
O
A V A pF C/W
O
TA = 25 C TA = 100 C
IR CJ RJA TJ Tstg
Operating Junction Temperature Range Storage Temperature Range
1) 2)
C C
O
Measured at 1 MHz and applied reverse voltage of 4 VDC. Thermal resistance junction to ambient 0.375" (9.5 mm) lead length P.C.B mounted.
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 25/04/2006 H
1N5391 THRU 1N5399
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 25/04/2006 H


▲Up To Search▲   

 
Price & Availability of 1N5394

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X