Part Number Hot Search : 
C11371 IDT71V BLANK 67745 DMN2004 BA5826 AWAC24U 1N58012
Product Description
Full Text Search
 

To Download 1N5394 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL
FEATURES
GALAXY ELECTRICAL
1N5391 - - - 1N5399
VOLTAGE RANGE: 50 --- 1000 V CURRENT: 1.5 A
PLASTIC SILICON RECTIFIER
Low cost Diffused junction Low leakage Low forward voltage drop High current capability Easily cleaned with Freon,Alcohol,Isopropanol and similar solvents The plastic material carries U/L recognition 94V-0
DO - 15
MECHANICAL DATA
Case:JEDEC DO-15,molded plastic Terminals: Axial lead ,solderable per MIL- STD-202,Method 208 Polarity: Color band denotes cathode Weight: 0.014 ounces0.39 grams Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
1N 1N 1N 1N 1N 1N 1N 1N 1N UNITS 5391 5392 5393 5394 5395 5396 5397 5398 5399
Maximum recurrent peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forw ard rectified current 9.5mm lead length, @TA=75
VRRM VRMS V DC IF(AV)
50 35 50
100 70 100
200 140 200
300 210 300
400 280 400 1.5
500 350 500
600 420 600
800 560 800
1000 700 1000
V V V A
Peak forw ard surge current 8.3ms single half-sine-w ave superimposed on rated load @TJ =125
IFSM
50.0
A
Maximum instantaneous forw ard voltage @ 1.5 A Maximum reverse current at rated DC blocking voltage Typical junction capacitance Typical thermal resistance @TA=25 @TA =100 (Note1) (Note2)
VF IR CJ RJA TJ
1.1 5.0 50.0 20 40 - 55 ---- + 150 - 55 ---- + 150
V A pF /W
Operating junction temperature range Storage temperature range
TSTG NOTE: 1. Measured at 1.0MHz and applied rev erse v oltage of 4.0V DC. 2. Thermal resistance f rom junction to ambient.
www.galaxycn.com
Document Number 0260004
BLGALAXY ELECTRICAL
1.
RATINGS AND CHARACTERISTIC CURVES
FIG.1 -- TYPICAL FORWARD CHARACTERISTIC INSTANTANEOUS FORWARD CURRENT
1N5391 - - - 1N5399
FIG.2 -- TYPICAL JUNCTION CAPACITANCE
100 10
TJ=25 Pulse W idth=300us
100
60
4 2 1.0
CAPACITANCE,pF
40 20 10
f=1MHz TJ=25
AMPERES
0.4 0.2 0.1 0.06 0.04 0.02 0.01 0.6 0.8 1.0 1.2 1.4 1.6
4 2 1 .1 .2 .4 1.0 2 4 10 20 40 100
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
REVERSE VOLTAGE,VOLTS
FIG.3 -- PEAK FORWARD SURGE CURRENT AVERAGE FORWARD RECTIFIED CURRENT AMPERES
FIG.4 -- FORWARD DERATING CURVE
80
1.50
PEAK FORWARD SURGE CURRENT
70 60 50 40
1.25
TJ=125ae 8.3ms Single Half Sine-Wave
1.00
.75
Single Phase Half Wave 60HZ Resistive or Inductive Load
AMPERES
30 20 10 0 1 2 4 8 10
.50
025
20
40 60 80 100
0
25
50
75
100
125
150
175
NUMBER OF CYCLES AT 60Hz
AMBIENT TEMPERATURE,
www.galaxycn.com
Document Number 0260004
BLGALAXY ELECTRICAL
2.


▲Up To Search▲   

 
Price & Availability of 1N5394

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X