|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
1N5391 thru 1N5399 PLASTIC SILICON RECTIFIERS REVERSE VOLTAGE - 50 to 1000 Volts FORWARD CURRENT - 1.5 Amperes DO-15 FEATURES Low cost Diffused junction Low forward voltage drop Low reverse leakage current High current capability The plastic material carries UL recognition 94V-0 1.0(25.4 MIN .034(0.9) DI .028(0.7) .300(7.6) .230(5.8) MECHANICAL DATA Case: JEDEC DO-15 molded plastic Polarity: Color band denotes cathode Weight: 0.015 ounces , 0.4 grams Mounting position: Any .140(3.6) DI .104(2.6) 1.0(25.4 MIN Dimensions in inches and (millimeters) MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20% CHARACTERISTICS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surge Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load(JEDEC Method) Maximum Forward Voltage at 1.5A DC Maximum DC Reverse Current at Rated DC Blocking Voltage Typical Junction Capacitance (Note1) Typical Thermal Resistance (Note2) Operating Temperature Range Storage Temperature Range @TJ=25 @TJ=100 @TA =70 SYMBOL VRRM VRMS VDC I(AV) 1N 5391 50 35 50 1N 5392 100 70 100 1N 5393 200 140 200 1N 5394 300 210 300 1N 5395 400 280 400 1.5 1N 5396 500 350 500 1N 5397 600 420 600 1N 5398 800 560 800 1N 5399 1000 700 1000 UNIT V V V A IFSM VF IR CJ RJA TJ TSTG 50 1.1 5.0 50 20 26 -55 to +125 -55 to +150 A V uA pF /W NOTES:1.Measured at 1.0 MHz and applied reverse voltage of 4.0V DC 2.Thermal resistance junction of lead. ~9~ RATING AND CHARACTERISTIC CURVES 1N5391 thru 1N5399 FIG. 1 - FORWARD CURRENT DERATING CURVE 60 1.5 AVERAGE FORWARD CURRENT (AMPERES) SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD 0.375"(9.5mm)LEAD LENGTHS FIG. 2 - MAXIMUM NON-REPETITIVE SURGE CURRENT PEAK FORWARD SURGE CURRENT (AMPERES) 50 40 30 20 10 0 1.0 0.5 PULSE WIDTH 8.3ms SINGLE HALF-SINE-WAVE (JEDEC METHOD) 0 25 50 75 100 125 150 175 1 2 5 10 20 50 100 LEAD TEMPERATURE () NUMBER OF CYCLES AT 60Hz FIG.3 - TYPICAL JUNCTION CAPACITANCE 100 10 FIG.4-TYPICAL FORWARD CHARACTERISTICS INSTANTANEOUS FORWARD CURRENT,(A) CAPACITANCE (pF) 1.0 10 TJ = 25C TJ = 25C f = 1 MHz 0.1 PULSE WIDTH 300s 0 1 4 10 100 0.01 0 0 .2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 REVERSE VOLTAGE ,VOLTS INSTANTANEOUS FORWARD VOLTAGE,VOLTS ~ 10 ~ |
Price & Availability of 1N5394 |