Part Number Hot Search : 
1KSMB51A MC68HC1 MJD30 PIC637 20ETT 48S12 HD74LV N82802
Product Description
Full Text Search
 

To Download 104-DIO-24S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 104-DIO-48S & 104-DIO-24S
PC/104
48 or 24 Lines of DIGITAL I/O WITH COS
K E Y F E AT U R E S :
48 or 24 parallel lines of 82C55 digital I/O with tristate buffers
FAC T ORY OP T IONS:
82C54 with three 16-bit counter/timers for event counting,
prevent unintended control of external equipment
IRQ on input change of state (COS) eliminates the need for
frequency output, pulse width and frequency measurement
0 to 70C and -40 to +85C versions available Economy version without COS feature Pull-down resistors on I/O lines Vertical I/O connector pins
constant polling
High sink/source current 64mA/32mA I/O pulled up to 5V for contact monitoring Compatible with Opto-22 and other industry standard I/O racks
The 104-DIO-48S and 104-DIO-24S provide a total of 48 or 24 lines of digital I/O with counter/timer for PC/104-based data acquisition. This low-cost, highperformance, reliable board features Change of State (COS) detection on userselected ports, allowing the board to generate an interrupt port by port. Since one READ determines the data, there is no need for constant polling, which greatly reduces processor overhead and allows applications to run more smoothly.
The 104-DIO-48S board uses two 82C55A chips to provide a computer interface to the 48 I/O lines. Each chip provides two 8-bit ports and two 4-bit ports with software programmable direction. Each I/O line is buffered and capable of sourcing 32mA or sinking 64mA. Pull-ups to 5V are provided for contact monitoring. Optionally available is an 82C54 chip that includes three 16-bit counter/timers factory configured in an optimal module for use as event counters, frequency output, pulse width, and frequency measurement. Connections are made via two industrystandard 50-pin headers plus one ten-pin header for the optional counter/timer.
S O F T WA R E
The 104-DIO-48S is supported for use in most operating systems and includes a free DOS, Linux and Windows 95/98/Me/ NT/2000/XP/2003 compatible software package. This includes sample programs and source code in "C" and Pascal for DOS, and Visual Basic, Delphi, C++ Builder, and Visual C++ for Windows. Also included is a graphical setup program in Windows. Embedded OS support includes Windows XPe and CE. Linux support includes installation files and basic samples for programming from any user level via an open source kernel driver.
Advanced Digital Logic, Inc. 4411 Morena Blvd. Suite 101 San Diego, CA 92117 Email: sales@adlogic-pc104.com Website: www.adlogic-pc104.com Tel: (858) 490-0597 Fax: (858) 490-0599
104-DIO-48S & 104-DIO-24S
PC/104 DIGITAL I/O
Block Diagram & Pin Configuration
I/O Header
Port C Hi Port C Hi Port C Hi Port C Hi Port C Lo Port C Lo Port C Lo Port C Lo Port B Port B Port B Port B Port B Port B Port B Port B Port A Port A Port A Port A Port A Port A Port A Port A PC7 PC6 PC5 PC4 PC3 PC2 PC1 PC0 PB7 PB6 PB5 PB4 PB3 PB2 PB1 PB0 PA7 PA6 PA5 PA4 PA3 PA2 PA1 PA0 +5 VDC 01 03 05 07 09 11 13 15 17 19 21 23 25 27 29 31 33 35 37 39 41 43 45 47 49 02 04 06 08 10 12 14 16 18 20 22 24 26 28 30 32 34 36 38 40 42 44 46 48 50 GND GND GND GND GND GND GND GND GND GND GND GND GND GND GND GND GND GND GND GND GND GND GND GND GND
Clock 0 Input Output 0 Gate 1 Input Clock 2 Input Output 2
48 or 24 Lines of
WITH
COS
CTR/Timer
01 03 05 07 09 02 04 06 08 10 Gate 0 Input 1MHz Clock (out) Output 1 Gate 2 Input Ground
Specifications Digit al I/O
Chip Number of I/O lines Direction Sink and source current Pullup resistors Change of state detection (COS) Throughput Power output 82C55A (each supports 24 lines) 48 or 24 TTL/CMOS compatible Programmable as inputs or outputs in two groups of 4 and 8 per 82C55A 64mA and 32mA respectively 10K all input lines with optional pull-downs Port by port selectable on rising and falling edge Output voltage Up to 1 Megabyte per second Re-settable fused +5V at 500mA per 50-pin connector
Count er/T imer s
Chip Counter/timers Maximum input frequency On-board time-base Signal type Input voltage Type 82C54 3 x 16 bit 10MHz 1MHz TTL Logic low: -0.5V min, 0.8V max; Logic high: 2.0V min, 5.0V max Logic low: 0.0V min, 0.4V max; Logic high: 3.0V min, 5.0V max
Gener al
Power required +5V at 50mA typical, all outputs open 0 to 70C, optional -40 to +85C, all versions -50 to 120C 5% to 95% RH, non-condensing Operating temperature Storage temperature Operating humidity
Int er r upts
Number of interrupts Interrupt requests Interrupt sources 11 IRQ's 3-7, 9-12, 14, 15 Counter/timer outputs, external interrupt input, or DIO lines with change of state detection enabled by software
Ordering Guide
104-DIO-48S 104-DIO-24S 48 lines of digital I/O with change of state detection 24 lines of digital I/O with change-of-state detection
Advanced Digital Logic, Inc. 4411 Morena Blvd. Suite 101 San Diego, CA 92117 Email: sales@adlogic-pc104.com Website: www.adlogic-pc104.com Tel: (858) 490-0597 Fax: (858) 490-0599
(c) Copyright 2006 Advanced Digital Logic, Inc.
Specifications subject to change without notice.


▲Up To Search▲   

 
Price & Availability of 104-DIO-24S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X