Part Number Hot Search : 
2SD42 BLM03 TPS543 MOC30 SF166C STA6610 ST6318 HF21F
Product Description
Full Text Search
 

To Download ZFRSC-42 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Coaxial
Power Splitter/Combiner
2 Way-0 Resistive 50
Maximum Ratings
Operating Temperature Storage Temperature Power Input (as a splitter) Internal Dissipation -55C to 100C -55C to 100C 0.75W max. 0.375W max.
ZFRSC-42+
DC to 4200 MHz
Features
* very wideband, DC to 4200 MHz * low insertion loss, 0.1 dB typ. * excellent amplitude unbalance, 0.02 dB typ. * rugged shielded case
CASE STYLE: K18 Connectors Model Price SMA ZFRSC-42-S+ $59.95 BRACKET (OPTION "B") $2.50 Qty. (1-9) (1+)
Permanent damage may occur if any of these limits are exceeded.
Applications
* laboratory * test set-ups
+ RoHS compliant in accordance with EU Directive (2002/95/
The +Suffix has been added in order to identify RoHS Compliance. See our web site for RoHS Compliance methodologies and qualifications.
Coaxial Connections
SUM PORT PORT 1 PORT 2 3 1 2
Electrical Specifications
FREQ. RANGE (MHz)
L fL-fU DC-4200 Typ. 6.2
ISOLATION (dB)
M Typ. 6.5 U Typ. 7.0
INSERTION LOSS (dB) ABOVE 6.0 dB
L M U
PHASE UNBALANCE (Degrees)
L Max. 1 M Max. 3 U Max. 5
AMPLITUDE UNBALANCE (dB)
L Max. 0.1 M Max. 0.2 U Max. 0.5
Outline Drawing
Typ. Max. Typ. Max. Typ. Max. 0.1 0.2 0.1 0.5 0.4 1.4
L = low range [DC-100 MHz]
M = mid range [100 MHz to fU/2]
U= upper range [fU/2 to fU]
This is a resistive power divider to enable frequency coverage from dc to the highest rated frequency. Since resistive power divider do not provide a high degree of isolation (basically isolation equals the insertion loss between ports), an amplifier such as Mini-Circuits' ZFL series is recommended when high isolation is required. Matched power rating 0.75W, internal load dissipation 0.375W.
Typical Performance Data
Frequency (MHz) Insertion Loss (dB) S-1
0.05 0.50 1.00 10.00 50.00 100.00 400.00 1000.00 1400.00 2000.00 6.01 6.03 6.00 6.01 6.00 6.03 5.99 5.99 5.97 5.95 6.03 6.12 6.16 6.07 6.12
Amplitude Unbalance (dB)
0.03 0.01 0.02 0.00 0.01 0.01 0.02 0.03 0.02 0.01 0.02 0.01 0.04 0.08 0.03
Isolation (dB)
Phase Unbalance (deg.)
0.48 0.03 0.00 0.05 0.01 0.09 0.06 0.63 1.04 1.69 1.96 2.77 3.24 2.70 3.18
VSWR S
VSWR 1
VSWR 2
S-2
6.04 6.02 6.02 6.01 6.01 6.02 6.01 6.02 5.99 5.96 6.01 6.13 6.12 5.99 6.08 6.05 6.03 6.01 6.05 6.01 6.03 6.02 5.94 5.94 5.93 5.95 6.06 6.13 6.20 6.18 1.00 1.00 1.00 1.00 1.00 1.00 1.01 1.02 1.01 1.03 1.03 1.03 1.02 1.02 1.04
ZFRSC-42+ ISOLATION 7.0
1.00 1.00 1.00 1.00 1.00 1.01 1.02 1.03 1.03 1.02 1.04 1.07 1.09 1.12 1.14
1.00 1.00 1.00 1.00 1.00 1.01 1.02 1.03 1.03 1.03 1.04 1.07 1.08 1.10 1.12
Outline Dimensions ( inch) mm
A 1.25 31.75 J --B 1.25 31.75 K --C .75 19.05 L .125 3.18 D .63 16.00 M 1.688 42.88 E .38 9.65 N 2.18 55.37 F 1.00 25.40 P .75 19.05 G .125 3.18 H 1.000 25.40
Q wt .07 grams 1.78 70.0
2400.00 3000.00 3400.00 3800.00 4200.00
ZFRSC-42+ INSERTION LOSS 8.0 INSERTION LOSS (dB) S-1(dB) 7.0 6.0 5.0 4.0 3.0 0 700 1400 2100 2800 FREQUENCY (MHz)
ZFRSC-42+ VSWR 1.40 #S-VSWR 1.30 VSWR 1.20 1.10 1.00 0 700 1400 2100 2800 3500 4200 FREQUENCY (MHz) #1-VSWR #2-VSWR
S-2(dB)
ISOLATION (dB)
6.5 6.0 5.5 5.0
3500
4200
0
700
1400
2100
2800
3500
4200
FREQUENCY (MHz)
electrical schematic
Mini-Circuits
TM
(R)
minicircuits.com
REV. B M108294 ZFRSC-42 HY/TD/CP 080212
ISO 9001 ISO 14001 AS 9100 CERTIFIED
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
IF/RF MICROWAVE COMPONENTS


▲Up To Search▲   

 
Price & Availability of ZFRSC-42

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X