Part Number Hot Search : 
NRF905 RT3YB7M 01118 M2125 DUG10A MAX10 768KH TFS170F
Product Description
Full Text Search
 

To Download ZB4PD-232-50W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 High Power Combiner
4 Way-0
Operating Temperature Storage Temperature
Coaxial
ZB4PD-232-50W+
50
-55C to 90C -55C to 100C
600 to 2300 MHz
Features
* high isolation, 28 dB typ. * good input matching VSWR, 1.20 typ. * high power, 50W * good output matching VSWR, 1.10:1 typ.
CASE STYLE: BV278 Connectors Model Price Qty. SMA ZB4PD-232-50W+ $199.95 ea. (1-9)
Maximum Ratings
Applications Coaxial Connections
SUM PORT PORT 1 PORT 2 PORT 3 PORT 4 S 1 2 4 5
* cellular * ISM * WCDMA * PCS * DCS
FREQ. RANGE (MHz)
fL-fU
+ RoHS compliant in accordance with EU Directive (2002/95/EC)
The +Suffix has been added in order to identify RoHS Compliance. See our web site for RoHS Compliance methodologies and qualifications.
High Power Combiner Electrical Specifications
ISOLATION (dB) INSERTION LOSS (dB) ABOVE 6.0 dB PHASE UNBALANCE (Degrees)
Typ. Max.
AMPLITUDE UNBALANCE (dB)
Typ. Max. 0.70 0.30 0.50 0.70
POWER INPUT1 (W)
as combiner2 Max. 50 50 50 50 as splitter Max. 50 50 50 50
Typ.
Min.
Typ.
Max.
Outline Drawing
600-2300 19 16 1.1 2.0 0.9 10.0 0.05 800-1000 28 22 0.5 0.8 1.2 4.0 0.05 1800-2000 28 20 0.9 1.4 2.5 6.0 0.15 2000-2300 28 16 1.2 2.0 4.0 10.0 0.25 1. Over -55C to +55C. Derate linearly to 20% of rating at 90C 2. As a combiner of non-coherent signals, max. power per port is power rating divided by number of ports.
Typical Performance Data
Freq. (MHz) S-1
600.00 700.00 800.00 900.00 1000.00 1100.00 1200.00 1300.00 1500.00 1600.00 1700.00 1800.00 2000.00 2100.00 2300.00 6.54 6.47 6.38 6.38 6.44 6.47 6.47 6.51 6.62 6.64 6.68 6.70 6.81 6.87 6.99
Insertion Loss (dB) S-2
6.56 6.49 6.39 6.39 6.45 6.47 6.48 6.52 6.63 6.65 6.71 6.70 6.80 6.86 6.99
S-3
6.55 6.49 6.39 6.39 6.45 6.48 6.48 6.53 6.66 6.71 6.78 6.79 6.91 6.99 7.21
S-4
6.57 6.50 6.40 6.40 6.46 6.49 6.50 6.54 6.68 6.70 6.76 6.79 6.91 6.98 7.18
Amp. Unbal. (dB)
0.03 0.03 0.02 0.03 0.02 0.03 0.03 0.03 0.05 0.07 0.10 0.09 0.11 0.13 0.22
Isolation (dB) 1-2
18.75 22.07 29.02 29.96 25.87 24.50 24.01 24.49 31.54 34.73 35.32 30.26 23.76 26.18 19.30
1-3
23.68 27.52 31.94 33.46 31.39 29.84 29.45 30.17 35.00 39.50 43.37 40.54 33.07 30.25 26.23
3-4
18.88 22.25 29.02 29.57 26.04 24.93 24.35 24.51 30.74 34.09 33.57 29.21 24.33 26.88 18.78
Phase VSWR VSWR VSWR VSWR VSWR S 1 2 3 4 Unbal. (deg.)
0.83 0.97 1.12 1.26 1.39 1.56 1.76 1.99 2.50 2.74 2.74 2.91 3.44 3.79 4.83 1.64 1.50 1.25 1.15 1.23 1.23 1.11 1.08 1.27 1.23 1.16 1.09 1.20 1.23 1.11 1.04 1.05 1.05 1.01 1.05 1.10 1.15 1.20 1.23 1.18 1.12 1.09 1.11 1.15 1.10 1.04 1.04 1.05 1.02 1.04 1.09 1.14 1.19 1.24 1.19 1.12 1.09 1.08 1.12 1.12 1.04 1.05 1.05 1.01 1.05 1.11 1.15 1.18 1.23 1.18 1.12 1.09 1.09 1.13 1.07 1.04 1.04 1.05 1.02 1.04 1.09 1.13 1.18 1.24 1.20 1.14 1.11 1.07 1.11 1.09
Outline Dimensions ( inch ) mm
A B 6.00 4.50 152.40 114.30 H .38 9.65 J 2.25 57.15 C 1.38 35.05 K .75 19.05 D E .15 5.700 3.81 144.78 L .75 19.05 M .156 3.96 F .15 3.81 G 4.200 106.68 wt grams 960
8.0 INSERTION LOSS (dB) 7.6 7.2 6.8 6.4
at RF level of -10dBm
ZB4PD-232-50W+ INSERTION LOSS
50
S-3(dB)
at RF level of -10dBm
ZB4PD-232-50W+ ISOLATION
S-1(dB)
ISOLATION (dB)
40 30 20 10 0 600
1-2 (dB) 940 1280
1-3 (dB) 1620
3-4 (dB) 1960 2300
6.0 600
940
1280
1620
1960
2300
2.0 1.8 VSWR 1.6 1.4 1.2
at RF level of -10dBm
FREQUENCY (MHz) ZB4PD-232-50W+ VSWR
FREQUENCY (MHz)
#S-VSWR
#1-VSWR
#3-VSWR
electrical schematic
1.0 600
940
Mini-Circuits
ISO 9001 ISO 14001 CERTIFIED RF/IF MICROWAVE COMPONENTS
1280 1620 FREQUENCY (MHz)
1960
2300
(R)
minicircuits.com
REV. OR M106317 ED-11639/1 ZB4PD-232-50W+ HY/TD/CP/AM 080807
EW ALL N
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com


▲Up To Search▲   

 
Price & Availability of ZB4PD-232-50W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X