Part Number Hot Search : 
0100M MTZJ10 BA7230LS GTR210 FRK254D C1871 MTZJ10 CAT51
Product Description
Full Text Search
 

To Download VPB7029036EG000050 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VPB7 Series 3.3 V
PECL VCXO Oscillators
December 2007
* Pletronics' VPB7 Series is a voltage - quartz crystal controlled precision square wave generator with a PECL output. * Tape and Reel or cut tape packaging.
* * * * *
10.9 MHZ to 1.17 GHz Enable/Disable Function on pad 2 Output frequency is synthesized. Low Jitter RoHS 6/6 Compliant
Pletronics Inc. certifies this device is in accordance with the RoHS 6/6 (2002/95/EC) and WEEE (2002/96/EC) directives.
Pletronics Inc. guarantees the device does not contain the following: Cadmium, Hexavalent Chromium, Lead, Mercury, PBB's, PBDE's Weight of the Device: 2.18 grams or .82 grams or 1.51 grams Moisture Sensitivity Level: 1 As defined in J-STD-020C Second Level Interconnect code: e4
Absolute Maximum Ratings:
Parameter VCC Supply Voltage Vi Vo IO Input Voltage Output Voltage Output Current Unit -0.5V to +4.6V -0.5V to VCC + 0.5V -0.5V to VCC + 0.5V -50mA
Thermal Characteristics
The maximum die or junction temperature is 155oC The thermal resistance junction to board is 30 to 50oC/Watt depending on the solder pads, ground plane and construction of the PCB.
Product information is current as of publication date. The product conforms to specifications per the terms of the Pletronics standard warranty. Production processsing does not necessarily include testing of all parameters.
Copyright (c) 2007, Pletronics Inc.
VPB7 Series 3.3 V
PECL VCXO Oscillators
December 2007
Part Number:
VPB7029036 EG 000 050 - 312.5M -XX Packaging code or blank T250 = 250 per Tape and Reel T500 = 500 per Tape and Reel T1K = 1000 per Tape and Reel Frequency in MHZ Pullability in ppm (Vcontrol) APR 050 = _ 50 ppm minimum is standard + Series Model Temperature Range EG = -10 to +70oC LK = -40 to +85oC Series Model
Part Marking:
PLE VPB7 FF.FFF M C YMDXX
Marking Legend:
PLE = Pletronics FF.FFF M = Frequency in MHZ YMD = Date of Manufacture (year-month-day) All other marking is internal factory codes
Codes for Date Code YMD
Code Year Code Month Code Day Code Day Code Day 1 1 D 13 T 25 7 2007 A JAN 2 2 E 14 U 26 8 2008 B FEB 3 3 F 15 V 27 9 2009 C MAR 4 4 G 16 W 28 D APR 0 2010 E MAY 5 5 H 17 X 29 1 2011 F JUN 6 6 J 18 Y 30 G JUL 7 7 K 19 Z 31 2 2012 H AUG 8 8 L 20 J SEP 9 9 M 21 K OCT A 10 N 22 L NOV B 11 P 23 M DEC C 12 R 24
www.pletronics.com
425-776-1880
2
VPB7 Series 3.3 V
PECL VCXO Oscillators
December 2007
Electrical Specification for 3.30V _10% over the specified temperature range and + the frequency range of 10.9 MHZ to 766 MHZ and 876 MHZ to 1,175MHz
Item Pullability, Absolute Pull Range Output Waveform Output High Level 2.12 0.82 -1.18 Output Low Level 1.83 0.53 -1.47 Output Symmetry Modulation Bandwidth Vcontrol Resistance (Pad 1) Voltage vs Frequency Linearity Jitter 47 10 20 -10 Output TRISE and TFALL VCC Supply Current (ICC) Enable/Disable Internal Pull-up V disable V enable Output leakage VOUT = VCC VOUT = 0V Enable time Disable time Start up time Operating Temperature Range 100 50 2.00 -50 -50 -10 - 40 Storage Temperature Range -55 Min -50 Max +50 PECL / ECL 2.49 1.19 -0.81 1.99 0.69 -1.31 53 +10 0.8 3.2 300 100 0.8 +50 +50 10 10 5 +70 +85 +125 volts volts volts volts volts volts % KHz Kohm % pS RMS pS RMS pS mA Kohm volts volts uA uA nS nS mS
o o o
Unit ppm
Condition APR includes the effect of temperature stability, aging, supply voltage and load.
Referenced to Ground, VCC = 3.3 V Referenced to termination voltage, VCC = 3.3 V Referenced to Vcc, VCC = 3.3 V Referenced to Ground, VCC = 3.3 V Referenced to termination voltage, VCC = 3.3 V Referenced to Vcc, VCC = 3.3 V at 50% point of VCC (See load circuit) Vcontrol = 1.65V +1.50 V , -3dB _
Vcontrol = 1.65V _ 1.50 V + 12 KHz to 20 MHZ from the output frequency 10 Hz to 20 MHZ from the output frequency Vth is 20% and 80% of waveform
to VCC Referenced to pad 3 Referenced to pad 3 Pad 1 low, device disabled
Time for output to reach a logic state Time for output to reach a high Z state Time for output to reach specified frequency Standard Temperature Range Extended Temperature Range "E" Option
C C C
Specifications with Pad 2 E/D open circuit or connected to VCC
www.pletronics.com
425-776-1880
3
VPB7 Series 3.3 V
PECL VCXO Oscillators
December 2007
Typical Phase-Noise Response
0 -20 -40
dBc/Hz
-60
100MHz dBc/Hz
-80 -100 -120 -140 -160 10 1,000 100,000 10,000,000
400MHz dBc/Hz 1000MHz dBc/Hz
Frequency (Hz)
Load Circuit
Test Waveform
Symmetry
Vhigh 80% 50% 20% Vlow
Trise Tfall
Out
Out* Showing Out Measurement only
www.pletronics.com
425-776-1880
4
VPB7 Series 3.3 V
PECL VCXO Oscillators
December 2007
Reliability: Environmental Compliance
Parameter Mechanical Shock Vibration Solderability Thermal Shock Condition MIL-STD-883 Method 2002, Condition B MIL-STD-883 Method 2007, Condition A MIL-STD-883 Method 2003 MIL-STD-883 Method 1011, Condition A
ESD Rating
Model Human Body Model Charged Device Model Minimum Voltage 2000 1500 Conditions MIL-STD-883 Method 3115 JESD 22-C101
Package Labeling
Label is 1" x 2.6" (25.4mm x 66.7mm) Font is Courier New Bar code is 39-Full ASCII Label is 1" x 2.6" (25.4mm x 66.7mm) Font is Arial
www.pletronics.com
425-776-1880
5
VPB7 Series 3.3 V
PECL VCXO Oscillators
December 2007
Mechanical:
Inches A B C
2 6 1 5 4 3
mm 9.65 +0.25 _ 13.97 +0.25 _ 4.50 +0.25 _ 0.66 1.27 0.72 R 4.57 2.54 1.27 0.38
0.380 +0.010 _ 0.550 +0.010 _ 0.177 +0.010 _ 0.026 typ. 0.050 0.028 R 0.180 0.100 0.050 0.015
1
D1 E1 F1 G1
FR4 PCB Base: Solder masked All via holes tented on bottom Copper Clad 1/2 oz. Typical Gold plated 0.02 inch (0.5 m) Label: Laser engraved on the 5x7 mm oscillator that is mounted on the FR4 base
Pin 3 Ground plane is typical
H1 I1
Not to scale
J1
Typical Dimensions
Pad 1 2
Function Vcontrol Output Enable/Disable Ground (GND) Output Output* Supply Voltage (VCC)
Note Modulates the output frequency When this pad is not connected the oscillator shall operate. When this pad is <0.80 volts, the output will be inhibited (high impedance state.) Recommend connecting this pad to VCC if the oscillator is to be always on.
3 4 5 6
Both outputs must be terminated and biased for proper operation. The ideal termination is 50 ohms connected to 2.0V below the Supply Voltage. The outputs become a High Z when disabled and the voltage level is determined by the termination circuitry. Recommend connecting appropriate power supply bypass capacitors as close as possible.
www.pletronics.com
425-776-1880
6
VPB7 Series 3.3 V
PECL VCXO Oscillators
December 2007
Reflow Cycle (typical for lead free processing)
Temperature (C) 250 200 150 100 Approximately 50 Seconds Allowed rate of temperature change Maximum 4C per second 175C10C 245C Maximum 10 Seconds Maximum 215C10C
120 to 160 Seconds
The part may be reflowed 2 times without degradation.
Tape and Reel: available for quantities of 250 to 1000 per reel, cut tape for < 250
Constant Dimensions Table 1 Tape Size 8mm 12mm 16mm 24mm 1.5 +0.1 -0.0 D1 Min 1.0 1.5 1.5 1.5 1.75 _0.1 + 4.0 0.6 _ +0.1 2.0 _0.1 + 0.6 0.1 S1 Min T Max T1 Max
D0
E1
P0
P2
2.0 _ +0.05
Variable Dimensions Table 2 Tape Size 16 mm B1 Max 12.1 E2 Min F P1 T2 Max 8.0 W Max 16.3 Ao, Bo & Ko Note 1 Not to scale
14.25
7.5 +0.1 _
8.0 +0.1 _
Note 1: Embossed cavity to conform to EIA-481-B
Dimensions in mm
REEL DIMENSIONS A inches mm B inches mm C D mm mm 16.4 +2.0 -0.0 --7.0 177.8 2.50 63.5 10.0 254.0 4.00 101.6 13.0 +0.5 / -0.2 16.4 +2.0 -0.0 --16.4 +2.0 -0.0 24.4 +2.0 -0.0 32.4 +2.0 -0.0 16.0 13.0 330.2 3.75 95.3 Tape Width
mm
24.0
mm
---
---
32.0
Reel dimensions may vary from the above
www.pletronics.com
425-776-1880
7
VPB7 Series 3.3 V
PECL VCXO Oscillators
December 2007
IMPORTANT NOTICE Pletronics Incorporated (PLE) reserves the right to make corrections, improvements, modifications and other changes to this product at anytime. PLE reserves the right to discontinue any product or service without notice. Customers are responsible for obtaining the latest relevant information before placing orders and should verify that such information is current and complete. All products are sold subject to PLE's terms and conditions of sale supplied at the time of order acknowledgment. PLE warrants performance of this product to the specifications applicable at the time of sale in accordance with PLE's limited warranty. Testing and other quality control techniques are used to the extent PLE deems necessary to support this warranty. Except where mandated by specific contractual documents, testing of all parameters of each product is not necessarily performed. PLE assumes no liability for application assistance or customer product design. Customers are responsible for their products and applications using PLE components. To minimize the risks associated with the customer products and applications, customers should provide adequate design and operating safeguards. PLE products are not designed, intended, authorized or warranted to be suitable for use in life support applications, devices or systems or other critical applications that may involve potential risks of death, personal injury or severe property or environmental damage. Inclusion of PLE products in such applications is understood to be fully at the risk of the customer. Use of PLE products in such applications requires the written approval of an appropriate PLE officer. Questions concerning potential risk applications should be directed to PLE. PLE does not warrant or represent that any license, either express or implied, is granted under any PLE patent right, copyright, artwork or other intellectual property right relating to any combination, machine or process which PLE product or services are used. Information published by PLE regarding third-party products or services does not constitute a license from PLE to use such products or services or a warranty or endorsement thereof. Use of such information may require a license from a third party under the patents or other intellectual property of the third party, or a license from PLE under the patents or other intellectual property of PLE. Reproduction of information in PLE data sheets or web site is permissible only if the reproduction is without alteration and is accompanied by associated warranties, conditions, limitations and notices. Reproduction of this information with alteration is an unfair and deceptive business practice. PLE is not responsible or liable for such altered documents. Resale of PLE products or services with statements different from or beyond the parameters stated by PLE for that product or service voids all express and implied warranties for the associated PLE product or service and is an unfair or deceptive business practice. PLE is not responsible for any such statements. Contacting Pletronics Inc. Pletronics Inc. 19013 36th Ave. West Lynnwood, WA 98036-5761 USA Tel: 425-776-1880 Fax: 425-776-2760 E-mail: ple-sales@pletronics.com URL: www.pletronics.com
Copyright (c) 2007, Pletronics Inc.
www.pletronics.com
425-776-1880
8


▲Up To Search▲   

 
Price & Availability of VPB7029036EG000050

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X