|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Powered by UPS12540 UPS 12540 is specially designed for high efficient discharge application. Its characteristics are high energy density, small footprint and high discharge efficiency. It can be used for more than 260 cycles at 100% discharge in cycle service, up to 5 years in standby service. 6 12 540W @ 5min-rate to Watt(1.60V)/pcs @25 (77 ) 11.3 A h @ 20hr-rate to 1.75V per pcs @25 (77 ) Approx. 2.75 kg(6.06 lbs) 130A(5sec) Approx. 12.5m Discharge: -15 ~50 ( 5 ~122 ) Charge: -15 ~40 ( 5 ~104 ) Storage: -15 ~40 ( 5 ~104 ) 25 3 (77 5) 13.5 to 13.8 VDC/unit Average at 25 (77 ) 4.83A 14.4 to 15.0 VDC/unit Average at 25 (77 ) CSB Batteries can be stored for more than 6 months at 25 (77 ). Please charge batteries before using. For higher temperatures the time interval will be shorter. F2-Faston Tab 250 ABS(UL 94-HB/File E50263)*Flammability resistance of (UL 94-V0/File E88637) can be available upon request. Specification Cells Per Unit Voltage Per Unit Capacity Weight Maximum Discharge Current Internal Resistance Operating Temperature Range Nominal Operating Temperature Range Float Charging Voltage Recommended Maximum Charging Current Limit Equalization and Cycle Service Self Discharge CSB-manufactured VRLA batteries are ULrecognized components under UL924 and UL1989. CSB is also certified by ISO 9001 and ISO 14001. Terminal Container Material Dimensions : Unit: mm (inch) Overall Height (H) 101.21 (3.980.04) Container height (h) 941 (3.70.04) Length (L) 1512.0 (5.940.08) Width (W) 651 (2.560.04) Sealed Lead Battery. Battery must be recycled. For recycling information Inside the USA call (800) Re-Use-Pb (738-7372) Outside the USA call 1 (817) 244-4415 (http://www.csb-battery.com) 5 The system of manufacturer was certified by URS according to ISO 9001,ISO 14001. CSB BATTERY(GUANG ZHOU)CO., LTD. Constant Current Discharge Characteristics F.V/Time 1.60V 1.67V 1.70V 1.75V 1.80V 1.85V 2MIN 84.4 78.6 75.3 68.5 61.8 52.4 3MIN 68.1 64.5 62.0 57.2 51.6 45.7 4MIN 57.4 54.5 52.8 49.3 45.6 41.2 5MIN 50.0 48.2 46.9 44.4 41.0 36.7 6MIN 44.7 43.7 42.5 40.1 37.1 33.6 7MIN 40.1 38.9 38.0 36.3 33.9 30.7 8MIN 36.2 35.4 34.7 33.1 30.9 28.1 10MIN 30.6 30.0 29.6 28.6 27.0 24.7 Unit:A (25 15MIN 22.2 22.0 21.7 21.4 20.3 18.7 20MIN 17.5 17.4 17.3 16.9 16.2 15.1 ,77 30MIN 12.5 12.4 12.3 12.2 11.9 11.1 ) 60MIN 7.10 7.09 7.05 6.99 6.80 6.47 90MIN 5.10 5.08 5.06 4.99 4.88 4.66 Constant Power Discharge Characteristics F.V/Time 1.60V 1.67V 1.70V 1.75V 1.80V 1.85V 2MIN 875 812 789 744 665 587 3MIN 724 677 658 613 568 524 4MIN 611 586 574 550 512 459 5MIN 540 529 518 487 449 411 6MIN 483 466 462 438 407 373 7MIN 428 419 412 395 370 344 8MIN 390 381 376 361 342 317 10MIN 334 331 327 315 301 280 Unit:W (25 15MIN 254 251 248 242 233 214 20MIN 199 198 197 192 186 175 ,77 30MIN 144 143 142 141 139 132 ) 60MIN 83.2 82.8 82.1 81.5 79.1 76.2 90MIN 60.0 59.5 59.0 58.5 58.2 55.6 RA: 0812 UPS 12540 140 120 100 80 60 40 20 0.049 0.042 0.035 0.028 0.021 0.014 0.007 2.60 2.40 2.20 2.00 1.80 1.60 1.40 1PWx15Min 1PWx7.5Min )Ratio 0.025PA 0 3 6 9 12 15 18 140 120 100 80 60 40 20 0.049 0.042 0.035 0.028 0.021 0.014 0.007 2.60 2.40 68 2.20 2.00 1.80 1.60 14.70V 1PWx15Min 1PWx7.5Min )Ratio 1.40 2.45V 0.025PA 0 3 6 9 12 15 18 Charging Procedures Application Cycle Use Standby Charge Voltage(V/Cell) Temperature 25 (77 ) 25 (77 ) Set Point 2.45 2.275 Allowable Range 2.40~2.50 2.25~2.30 Max.Charge Current 0.1PA Final Discharge Voltage V/Cell Discharge Power(W) 1.75 0.1P>(W) 1.70 0.1P (W)<0.25P 1.60 0.25P (W)<1.0P 1.30 (W) 1.0P P: For single cell wattage at 15 minute rate to 1.67V per cell. Tel: +886-2-2555-5600 Fax: +886-2-2555-3300 EUROPE OFFICE Tel: +31(0)180 418 140 Fax: +31(0)180 418 327 E-mail: eurosales@csb-battery.eu E-mail: chinasls@csb-battery.com Tel: +86-755-8831-6488/6396/16356 Fax: +86-755-8831-6548 E-mail: she@csb-battery.com.cn |
Price & Availability of UPS12540 |