Part Number Hot Search : 
LSZ51A LSZ51A 1N5629 27C256 LSZ51A P6KE200C SMBJ58A ZTX650
Product Description
Full Text Search
 

To Download UF5404 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHONGQING PINGYANG ELECTRONICS CO.,LTD.
UF5400 THRU UF5408
ULTRAFAST RECTIFIER
VOLTAGE50-1000V CURRENT3.0A
FEATURES
*Low power loss, high efficiency *Low leakage *Low forward voltage *High current capability *High speed switching *High surge capability *High reliability
DO-27
1.0(25.4) MIN. .375(9.5) .335(8.5) 1.0(25.4) MIN.
.052(1.3) .048(1.2)
DIA.
MECHANICAL DATA
*Case: Molded plastic *Epoxy: UL94V-0 rate flame retardant *Lead: MIL-STD- 202E, Method 208 guaranteed *Polarity:Color band denotes cathode end *Mounting position: Any *Weight: 1.20 grams
.220(5.6) .187(5.0)
DIA.
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRONICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase, half wave, 60Hz,resistive or inductive load. For capacitive load, derate current by 20%. UF SYMBOL 5400 Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward rectified Current at TA=50C Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rate load (JEDEC method) Maximum Instantaneous forward Voltage at 3.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage TA=25C VRRM VRMS VDC Io IFSM VF 1.0 5.0 IR A 150 50 70 75 50 nS pF 50 35 50
UF 5401 100 70 100
UF 5402 200 140 200
UF 5404 400 280 400 3.0 150
UF 5406 600 420 600
UF 5407 800 560 800
UF 5408 units 1000 700 1000 V V V A A
1.7
V
Maximum Full Load Reverse Current Full Cycle Average,.375"(9.5mm) lead length at TL=75C trr Maximum Reverse Recovery Time (Note 1) CJ Typical Junction Capacitance (Note 2) Notes: 1.Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A 2.Measured at 1MHz and applied reverse voltage of 4.0 volts
PDF "pdfFactory Pro" www.fineprint.cn


▲Up To Search▲   

 
Price & Availability of UF5404

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X