Part Number Hot Search : 
SM870 TPCA8 CHV37H28 WE2408 SK204 CM8501C V5807 N10A0
Product Description
Full Text Search
 

To Download TS10B01G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TS10B01G - TS10B07G
Single Phase 10.0 Amps. Glass Passivated Bridge Rectifiers TS4B
Features
UL Recognized File # E-96005 Glass passivated junction Ideal for printed circuit board Reliable low cost construction Plastic material has Underwriters Laboratory Flammability Classification 94V-0 Surge overload rating to 150 amperes peak High case dielectric strength of 2000VRMS Isolated voltage from case to lead over 2500 volts. High temperature soldering guaranteed: 260oC / 10 seconds / 0.375"(9.5mm) lead length at 5 lbs (2.3Kg) tension
.118(3.0)X45
0
.996(25.3) .972(24.7) .602(15.3) .579(14.7)
.147(3.7) .130(3.3)
.382(9.7) .366(9.3)
.134(3.4) .122(3.1)
.176(4.37) .156(3.96)
.068(1.73) .060(1.52)
.043(1.1) .035(0.9)
.709(18) .669(17)
.087(2.2) .071(1.8)
.303(7.7) .287(7.3)
.030(0.75) .022(0.55)
Dimensions in inches and (millimeters)
Mechanical Data
Case: Molded plastic Terminals: Leads solderable per MILSTD-750 Method 2026 Weight: 0.15 ounce, 4 grams Mounting torque: 5 in. lbs. max.
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Type Number
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current See Fig. 2 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 5.0A @ 10A Maximum DC Reverse Current @ TA=25 oC at Rated DC Blocking Voltage @ TA=125 oC Typical Thermal Resistance (Note) Operating Temperature Range Symbol TS10B TS10B TS10B TS10B TS10B TS10B TS10B Units
01G 02G 03G 04G 05G 06G 07G
VRRM VRMS VDC I(AV) IFSM VF
50 35 50
100 70 100
200 140 200
400 280 400 10 200
600 420 600
800 560 800
1000 700 1000
V V V A A
1.0 V 1.1 5.0 uA IR 500 uA o RJC 1.4 C/W o TJ -55 to +150 C o Storage Temperature Range TSTG -55 to + 150 C Note: Thermal Resistance from Junction to Case with Device Mounted on 75mm x 75mm x 1.6mm Cu Plate Heatsink.
- 702 -
Version: B07
RATINGS AND CHARACTERISTIC CURVES (TS10B01G THRU TS10B07G)
FIG.1- MAXIMUM FORWARD CURRENT DERATING CURVE
10 AVERAGE FORWARD CURRENT. (A) 100
FIG.2- TYPICAL REVERSE CHARACTERISTICS PER BRIDGE ELEMENT
INSTANTANEOUS REVERSE CURRENT. ( A)
7.5
5
10
Tj=125 0C
2.5
0 20
40
1
60
100 80 o CASE TEMPERATURE. ( C)
120
140 150
FIG.3- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PER BRIDGE ELEMENT
300 PEAK FORWARD SURGE CURRENT. (A) 0.1 250 0 20 40 60
Tj=25 0C 80 100 120 140
PERCENT OF RATED PEAK REVERSE VOLT AGE. (%) 200
150
100
50
0 1
2
4
6
10
20
40
60
100
100
FIG.5- TYPICAL FORWARD CHARACTERISTICS PER BRIDGE ELEMENT
NUMBER OF CYCLES AT 60Hz
FIG.4- TYPICAL JUNCTION CAPACIT ANCE
1000 600
JUNCTION CAPACITANCE.(pF)
INSTANTANEOUS FORWARD CURRENT. (A)
10
500
Tj=25 0C
1 Tj=25oC Pulse Width=300 s 1% Duty Cycle 0.1
400 300 200 100 0 0.1
0.5
1
2
5
10
20
50 100
200
500 800
0.01 0.6
0.8
REVERSE VOLTAGE. (V)
1.0 1.2 1.4 1.6 FORWARD VOLT AGE. (V)
1.8
2.0
Version: B07


▲Up To Search▲   

 
Price & Availability of TS10B01G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X