Part Number Hot Search : 
SR30150 DTA115UE DR3103 OVLFG3C7 MO356C SG330 MO356C LB1689
Product Description
Full Text Search
 

To Download TPSCPCI200A-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 cPCI200A-1C Series
200W 3Ux4HP AC/DC CompactPCITM
SELECTION GUIDE
Output Current Model Number Power 5V CPCI200A-1C 200W 25A 3.3V 30A 12V 5A -12V 1A
For full details go to www.murata-ps.com/rohs
Yes
Yes
INPUT CHARACTERISTICS
Parameter
Input Operating Voltage Input Frequency Input Current
Conditions
Min
90 47
Typ
Max
264 63 3.5
Units
Vac Hz Arms Apk mA
FEATURES
3Ux4HP package 200W power at 0-50C PICMG 2.11 Compliant Widerange 90-264VAC Input Active power factor correction to EN61000-3-2 Class A conducted EMI performance 47-pin I/O Connector 80% efficiency Full power with just 250lfm airflow Hot-swap capable
Power Factor Inrush Current Leakage Current 240Vac 240VAC, 63Hz
0.95
0.98
0.99 35
1
OUTPUT CHARACTERISTICS
Output V12 V2 V3 V4 Parameter Temperature Coefficient PARD (V1 & V2) 20MHz bandwidth 20MHz bandwidth 50C, 250lfm airflow 70C, 250lfm airflow V, 50% load step Settling time V1, V2, & V3 V1 or V2 Full load, low line V1, V2, & V3 V1-V3; Io>25% Pri-Sec Isolation Pri-Chassis Sec-Chassis
Notes: 1. Total regulation includes line, load, and cross regulation. 2. Maximum combined power from V1 & V2 not to exceed 125W. 3. Minimum load requirement of 1A may be fulfilled on either V1 or V2, but need not be applied to both. The unit will operate with less than the stated minimum, but full load on V3 & V4 is only achievable with the minimum load requirement met on V1 and/or V2. 4. Minimum load is for a single unit; units operated in parallel may require additional load to achieve full power on outputs V3 and V4. 5. Unit automatically reverts to local sensing if the sense lines are opened. Unit is protected against shorted or reversed sense lines.
2
Nominal Voltage +5.0Vdc +3.3Vdc +12Vdc -12Vdc Conditions
Output Current Min 1A3 1A
3
Max 25A 30A 5A 1A Typ
Total Regulation1 +4/-2% +4/-2% 4% 4% Max 0.02 Units %/C mVp-p 180 200 100 5 500 mVp-p W W %Vnom sec %Vnom A 16 msec mV 10 % kVac kVac Vac
0A 0A Min
50 120 0 0
DESCRIPTION
The cPCI200A-1C is a high-reliability, 200W, 3Ux4HP CompactPCITM power supply developed for chassis' with airflows as low as 250lfm. The use of resonant conversion and ORing FETs yields high efficiency which consequently permits packaging of this product in a compact, single card slot format (4HP). The ORing FETs, current sharing, and synchronous start control allow the cPCI200A-1C to be operated in N+n parallel-redundant configurations. The low leakage current permits redundant configurations to comply with safety standards. The unit is capable of hot-swap performance to support high-availability enterprise applications. With a widerange input of 90-264VAC, safety agency approvals to UL60950 and EN60950, EMI compliance to Class A FCC and EN55022 standards, the cPCI200A-1C was designed with globally-deployed systems in mind. Additional features include remote sense compensation, unit enable control (EN#), output inhibit control (INH#), output fault signal (FAL#), and thermal warning signal (DEG#). LEDs are provided for visual indication of input power presence and output fault condition.
PARD (V3 & V4) Output Power Output Power Transient Response Over-Voltage Protection Minimum Load4 Output Holdup Time Remote Sense Compensation5 Current Share Tolerance
125 1 12 250
135
3 1.5 500
www.murata-ps.com
cPCI200A-1C Series Rev D 02/2008 Page 1 of 4
cPCI200A-1C Series
200W 3Ux4HP AC/DC CompactPCITM
GENERAL CHARACTERISTICS
Parameter Efficiency Switching Frequency MTBF Weight Conditions Full load, 240Vac PFC Converter Main Converter Calculated per Telcordia SR-332, Issue 1, 50C, 250lfm, ground benign Unpackaged 200 620 Min Typ 79 100 130 Max 81 Units % kHz kHz khrs g
PROTECTION
Parameter
Thermal Shutdown Input Current Limit Input Protection Over-voltage Protection Parameter Output Overload Protection Internal line fuse; Schurter 0034.6981 or equivalent V1, V2, & V3 Conditions/Response Outputs are individually protected against overloads and indefinite short circuit with automatic recovery upon removal of the fault condition. Overload response for outputs V1-V3 is constant-current mode. Overload response for V4 is foldback; hiccup mode in response to a hard short. Design Verification Testing (DVT) confirms that voltage excursions on the output buses resulting from insertion/extraction events do not exceed the specified maximum of 5%. However, routing of power and signal lines in the mating backplane is critical to minimization of such excursions. In addition, performance can be critically affected by load characteristics including resistance, negative resistance, and reactive components. While the control loop responses have been designed for optimum hot-swap performance over a wide range of load characteristics, there may be instances where the voltage excursions exceed published specifications. In such cases, the control loop responses can be modified to perform optimally. Output isolation devises are present in all outputs to isolate faults within a failed power supply. 125
Conditions/Response
Automatic recovery upon restoration to operational temperatures
Inception
Min Typ 100 3 4 135 Max
Units C Arms Arms %Vnom
Hot-Swap Capability
Output Fault Isolation
STATUS & CONTROL SIGNALS & INDICATORS Name Enable (EN#) Output Inhibit (INH#) Output Fault (FAL#) Remote Sense (RS+, RS-) Thermal Warning (DEG#) Sync Start (Sync) Fault Indicator LED Power Present Indicator LED Description Short pin on connector will enable the outputs when the mating pin is grounded. Supply will not power up until this pin is engaged to its mate in the backplane. Unit output will be inhibited as pin is disengaged from the mating connector. Secondary referenced; active low, TTL compatible. Logic "0" or short circuit to output return inhibits all outputs. Secondary referenced; TTL compatible. Logic "0" denotes that one of the output voltages has fallen below the lower regulation limit. Connection of the sense leads across the load at the desired point of regulation will compensate for voltage distribution drops up to 250mV between the output terminals of the power supply and the point of connection. The output is protected against shorted or open leads. Each of the Remote Sense lines must be terminated to the corresponding output and return lines in order guarantee all performance specifications. Secondary referenced; TTL compatible. Logic "0" denotes a thermal warning; nominally, 10C prior to thermal shutdown. Interconnection of the sync start leads between cPCI200A-1 units connected in parallel permits synchronous starting to support loads that exceed the maximum for a single unit. Pin 35 (V1 Share) is used for the synchronous start function. An LED will illuminate red if the output voltages are not within specification, coincident with assertion of the FAL# signal. This LED will also illuminate amber if the output is inhibited. A green LED will be illuminated when the input voltage is present and above the minimum requirement.
ENVIRONMENTAL CHARACTERISTICS Parameter Ambient Operating Temperature Ambient Storage Temperature Operating Humidity Storage Humidity Altitude Non-condensing Non-condensing Operating. De-rate operating ambient temperature by 2C per 1000ft above 5000ft. Storage Conditions Min 0 -40 10 5 -200 -200 Typ Max 50 125 90 90 10000 50000 Units C C % % ft ft
www.murata-ps.com
cPCI200A-1C Series Rev D 02/2008 Page 2 of 4
cPCI200A-1C Series
200W 3Ux4HP AC/DC CompactPCITM
ELECTROMAGNETIC COMPATIBILITY (EMC)
Characteristic Input Current Harmonics Conducted Emissions Electrostatic Discharge (ESD) Radiated Immunity Conducted Immunity Line Voltage Surge Line Voltage Interruptions Compliance EN61000-3-2, Class A CFR Title 47, Part 15, Sub-part B, Class A EN55022, Class A EN61000-4-2, Level 3, Criterion B EN61000-4-3, Level 3 EN61000-4-4, Level 3, Criterion A EN61000-4-5, Level 2, Criterion B EN61000-4-11
CERTIFICATIONS
Agency/Characteristic UL CSA VDE CE RoHS SELV Vibration Shock Standard UL60950-1 CSA60950-1 (per cUL) EN60950-1 LVD Directive; self-certified EN Directive 2002/95/EC; self-certified (see Selection Guide for specific model compliances) Certified MIL-STD-883F, Method 2007.3, Test Condition A, pending MIL-STD-883F, Method 2002.4, Test Condition A, pending
SAFETY AGENCY RATINGS
Input Voltage Input Current Input Power 120/240Vac 3A 270W
MECHANICAL DIMENSIONS
www.murata-ps.com
cPCI200A-1C Series Rev D 02/2008 Page 3 of 4
cPCI200A-1C Series
200W 3Ux4HP AC/DC CompactPCITM
CONNECTOR Pin
1
RoHS COMPLIANT INFORMATION
2
Staging
M M M M M M M M M M M S M M M M M M M M M M M M M M M M M L M M
Signal Name Description
V1 RTN V2 RTN V3 V4 RTN RESERVED RTN GA0 RESERVED EN# GA1 V1ADJ V1 SENSE GA2 V2ADJ V2 SENSE S RTN V1 SHARE V3 SENSE IPMB SCL DEG# INH# IPMB SDA V2 SHARE FAL# IPMB PWR V3 SHARE CGND ACN/+DC IN ACL/-DC IN V1 Output V1 and V2 Return V2 Output V3 Return V3 Output V4 Output Signal Return Reserved V4 Return Geographic Address Bit 0 Reserved Enable Geographic Address Bit 1 V1 Adjust V1 Remote Sense Geographic Address Bit 2 V2 Adjust V2 Remote Sense Sense Return Sync Start V3 Remote Sense IPMB Serial Clock Line Degrade Signal Inhibit IPMB Serial Data Line V2 Current Share Fail Signal IPMB Power Input V3 Current Share Chassis Grnd (Safety Grnd) AC Input Neutral/+DC Input AC Input Line/-DC Input
1-4 5-12 13-18 19 20 21 22 23 24 25 26 27 28 293 30 31 323 33 34 35 36 373 38 39 403 413 42 433 443 45 46 47
Notes:
This series is compatible with RoHS soldering systems with a peak wave solder temperature of 300C for 10 seconds. The pin termination finish on this product series is Tin Plate, Hot Dipped over Matte Tin with Nickel Preplate. The series is backward compatible with Sn/Pb soldering systems. For further information, please visit www.murata-ps.com/rohs
1. Pin numbers correspond to the female backpane connector. 2. "L" denotes long pin length (first mate, last break) "M" denotes medium pin length "S" denotes short pin length (last mate, first break) 3. This function not used in the CPCI200A-1C Series.
ISO9001
CERTIFIED
USA: UK: France: Japan:
Tucson (Az), Tel: (800) 547 2537, email: sales@murata-ps.com Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com Website: www.murata-ps.jp Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Canada: Toronto, Tel: (866) 740 1232, email: toronto@murata-ps.com
Murata Power Solutions, Inc. 11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A. Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 REGISTERED
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice. (c) 2008 Murata Power Solutions, Inc.
Germany: Munchen, Tel: +49 (0)89-544334-0, email: munich@murata-ps.com
China:
www.murata-ps.com
cPCI200A-1C Series Rev D 02/2008 Page 4 of 4


▲Up To Search▲   

 
Price & Availability of TPSCPCI200A-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X