Part Number Hot Search : 
1702I 3EHT3 4ADR2 F0A531 C4075 MT8885 LS3958 50KHZ
Product Description
Full Text Search
 

To Download TMT15105 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AC/DC Power Modules
TMT Series, 10 to 50 Watt Features Ultra compact, fully encapsulated
plastic case
CB
Scheme
UL 60950-1 UL 60601-1
UL 508
Single-, dual- and triple output models 2 package styles:
- with screw terminal block for chassis mount - with solder pins for PCB mount

DIN-rail mount adaptor (option) Universal Input 85-264VAC, 50/60Hz Protection class ll Approved to IEC/UL 60950-1 and IEC/UL 60601-1 medical safety standard
The TMT series power modules are AC/DC power supplies in an ultra compact fully encapsulated module. They feature easy installation with screw terminals and optional DIN-rail mounting adaptor or direct PCB mounting with solder pins. Compliance with international safety standards including UL 508 listing qualify these products for worldwide markets. For application in medical instrumentation, the modules are also approved to the EN/UL 60601-1 safety standard. High reliability is provided by use of industrial quality grade components and conservative temperature specifications. These AC/DC modules offer an interesting power supply solution for many space critical applications in commercial and industrial electronic equipment.
UL 508 listed (chassis mount version) EMI according to EN 55022, class B and
FCC level B
Short circuit and overload protection Lead-free design - RoHS compliant 3-year product warranty
Single Output Models
Order Code PCB-Mount with Solder Pins TMT 10105 TMT 10112 TMT 10115 TMT 10124 TMT 15105 TMT 15112 TMT 15115 TMT 15124 TMT 30105 TMT 30112 TMT 30115 TMT 30124 TMT 50105 TMT 50112 TMT 50115 TMT 50124 TMT 50148 http://www.tracopower.com Chassis Mount with Screw Terminal Block Output Power max. Output 1
10 Watt TMT 15105C TMT 15112C TMT 15115C TMT 15124C TMT 30105C TMT 30112C TMT 30115C TMT 30124C TMT 50105C TMT 50112C TMT 50115C TMT 50124C TMT 50148C
15 Watt
30 Watt
50 Watt
5 VDC/2000 mA 12 VDC/840 mA 15 VDC/670 mA 24 VDC/420 mA 5 VDC/3000 mA 12 VDC/1250 mA 15 VDC/1000 mA 24 VDC/625 mA 5 VDC/6000 mA 12 VDC/2500 mA 15 VDC/2000 mA 24 VDC/1250 mA 5 VDC/9000 mA 12 VDC/4200 mA 15 VDC/3400 mA 24 VDC/2300 mA 48 VDC/1150 mA Page 1 of 8
AC/DC Power Modules
TMT Series Dual- and Triple Output Models
Order Code Output Output 1 Output 2 PCB-Mount Chassis Mount with Power with Solder Pins Screw Terminal Block max. +12 VDC/625 mA -12 VDC/625 mA TMT 15212 TMT 15212C 15 Watt +15 VDC/500 mA -15 VDC/500 mA TMT 15215 TMT 15215C +12 VDC/1250 mA -12 VDC/1250 mA TMT 30212 TMT 30212C +15 VDC/1000 mA -15 VDC/1000 mA TMT 30215 TMT 30215C +5 VDC/3000 mA1) +12 VDC/1200 mA4) TMT 30252 TMT 30252C +5 VDC/3000 mA1) +12 VDC/1000 mA5) TMT 30522 TMT 30522C 30 Watt 1) +5 VDC/3000 mA +15 VDC/500 mA TMT 30515 TMT 30515C +3.3 VDC/6000 mA2) +5 VDC/1500 mA5) TMT 30503 +5 VDC/5000 mA3) +3.3 VDC/1000 mA6) TMT 30505 1) 2) 3) 4) 5) 6) Peak current: 4500 mA 7500 mA 6000 mA 1800 mA 2000 mA 1500 mA 7) 500 mA <30 sec. 10% duty cycle max, total load not to exceed 30 Watt. Output 3
10 to 50 Watt
-12 VDC/250 mA7) -15 VDC/500 mA +12 VDC/250 mA7) +12 VDC/250 mA7)
Input Specifications
Input voltage - nominal - range 115 / 230 VAC 85 - 264 VAC 85 - 370 VDC below 110VDC: 1.2%/V output pwer derating 47 - 63 Hz 10 15 30 50 Inrush current External input fuse required (recommended values) watt watt watt watt models: models: models: models: 115 VAC/ 230 VAC 210 mA/ 140 mA typ 280 mA/ 180 mA typ. 570 mA/ 360 mA typ. 870 mA/ 540 mA typ. 115 VAC/ 230 VAC 24 A/ 36 A 10-15 watt models: 1.0 A slow blow 30 watt models: 2.0 A slow blow 50 watt models: 3.15 A slow blow 2 % - Input variation - Load variation 20 mV max.
Input frequency Input current full load
Output Specifications
Voltage set accuracy Regulation
single output models (0-100%): 50 mV max. dual and triple output models (min. load 10%): 500 mV max. 150 mVpk-pk max. >105 % Inom (Ipeak of triple output models) automatic recovery (long term short circuit op eration may cause damage to the unit) 10`000 F max. 200 ms typ. 115 VAC/ 230 VAC 15/50 watt models: 25 ms/ 130 ms min. other models: 17 ms/ 93 ms min.
Ripple and noise (20MHz bandwidth) Overload protection by current limit
Capacitive load Rise time Hold-up time
http://www.tracopower.com
Page 2 of 8
AC/DC Power Modules
TMT Series General Specifications
Temperature ranges Derating Over temperature protection Temperature coefficient Humidity (non condensing) Efficiency Switching frequency Isolation voltage Isolation resistance - Input/Output - Input/Output - Operating - Storage (non operating) -25C to +70C max. -25C to +85C 2.5 %/K above +50C TMT 50 models: at 150C other models: at 140C 0.02 %/K 85 % rel. H max. 83 % typ. 100 kHz typ. (fixed) 4`000 VAC 100 MOhm (500 VDC) EN 55022, level B, FCC Part 15 level B UL/EN 60601-1-2 (for medical equipment) IEC/EN 60601-1-2 IEC/EN 61000-4-2, 8 kV/8 kV IEC/EN 61000-4-3, 3 V/m IEC/EN 61000-4-4, 2 kV IEC/EN 61000-4-5, 1 kV/2 kV IEC/EN 61000-4-6, 10 V/m IEC/EN 61000-4-8, 3 A/m IEC/EN 61000-4-11 class II (in closed cabinets) - Information technology equipment - Industrial control equipment - Medical equipment Safety approvals (TMT 50, TMT 10 and triple output models pending) TMT 15 models: TMT 30 models: - CB certificate for IEC 60601-1 TMT 15 models: TMT 30 models: - UL approvals for UL 60950-1and UL 60601 - UL approval for UL 508 (chassis mount version only) - Vibration - Shock Soldering temperature - CB certificate for IEC 60950-1 IEC/EN 60950-1, UL 60950-1, CSA-C22.2 No. 60950-1-03 UL/cUL 508 IEC/EN 60601-1 ed.2, UL 60601-1 www.tracopower.com/products/tmt15_CB60950.pdf www.tracopower.com/products/tmt30_CB60950.pdf www.tracopower.com/products/tmt15_CB60601.pdf www.tracopower.com/products/tmt30_CB60601.pdf www.ul.com -> certifications -> File: E188913 www.ul.com -> certifications -> File: E322109 >1.8 Mio h. 3 axes, sine sweep, 0.5 mm, 10 - 55Hz, 1 oct. / min, 30 min. 20 g (3 directions each 3 times) 265C max / 10 sec
10 to 50 Watt
Electromagnetic compatibility (EMC), Emissions Electromagnetic compatibility (EMC), Immunity - Electrostatic discharge ESD - RF field susceptibility - Electrical fast transients / bursts on mains line - Surge - Immunity to conducted RF disturbances - Power frequency field immunity - Voltage sags Protection class Safety standards
Reliability, calculated MTBF @ 25C acc. to IEC 61709 Environment
All specifications valid at nominal input voltage, full load and +25C after warm-up time unless otherwise stated. http://www.tracopower.com Page 3 of 8
AC/DC Power Modules
TMT Series Outline Dimensions
TMT 10 models
(0.13)
10 to 50 Watt
15.24
(0.6)
3.3
Connection
3
4
Pin 1 AC in AC in -V out +V out 2 3 4
50.8
44.2
(1.74)
(2.0)
Bottom view
1 3.8
(0.15)
2 12.7
(0.50)
10.9 min.
(0.44)
33.0
(1.30)
21.6
(0.85)
Weight: 52 g (1.8 oz)
TMT 15 models with solder pins
(0.16)
4.0
10.0
(0.39)
10.0
(0.39)
5
4
3
55.0
47.0
(2.17)
(1.85)
Bottom view
Weight: 75 g (2.6 oz)
1 5.0
(0.20)
2 17.5
(0.70)
5.0
(0.20)
Connection
Pin 1 2 3 4 5 Single AC in AC in -V out No pin/con +V out Dual AC in AC in -V out Common +V out
45.0
(1.77)
24.0
(0.94)
TMT 15C models with screw terminal block
(0.20)
Pin diameter: 1.0 (0.04)
4x o 3.5
(0.14)
5.0
2
1
NC
77.0
67.0
(3.03)
(2.64)
(Top view)
Weight: 90 g (3.2oz)
5
4
3
4.5
(0.18)
26.4 45.0
(1.77) (1.04)
Dimensions in [mm], ( ) = Inches Case tolerances: 1.0 (0.0.4) Pin pich tolerance: 0.5 (0.02) Mounting hole tolerance: 0.5 (0.02)
http://www.tracopower.com
Page 4 of 8
AC/DC Power Modules
TMT Series Outline Dimensions
TMT 30 single output models and TMT 30212 & TMT 30215 (solder pins)
(0.20)
10 to 50 Watt
5.0
10.0
(0.39)
10.0
(0.39)
5
4
3
76.0
66.0
(2.99)
(2.60)
Bottom view
Weight: 165 g (5.8 oz)
1 8.0
(0.31)
2 17.5
(0.70)
5.0
(0.20)
51.0
(2.01)
28.0
(1.10)
Pin diameter: 1.0 (0.04) TMT 30C single output models and TMT 30212C & TMT 30215C (screw terminal block)
(0.20)
Connection
Pin 1 2 3 4 5 Single AC in AC in -V out No pin/con +V out Dual AC in AC in -V out Common +V out
5.0
4x o 3.5
(0.14)
2
1
NC
96.0
86.0
(3.78)
(3.39)
(Top view)
Weight: 180 g (6.3 oz)
5 4 3
7.5
(0.30)
29.5
(1.16)
51.0
(2.01)
Dimensions in [mm], ( ) = Inches Case tolerances: 1.0 (0.0.4) Pin pich tolerance: 0.5 (0.02) Mounting hole tolerance: 0.5 (0.02)
http://www.tracopower.com
Page 5 of 8
AC/DC Power Modules
TMT Series Outline Dimensions
TMT 30 triple output models and TMT 30252 (solder pins)
3.0
(0.12) (0.20)
10 to 50 Watt
9.0
(0.35)
5.0
12.0 6.0
(0.47) (0.24)
6.0 9.0
(0.24) (0.35)
8
7
6
5
4
3
86.0
76.0
(3.39)
(2.99)
Bottom view
Weight: 200 g (7.1 oz)
1 9.0
(0.35)
2 5.0 20.0
(0.79) (0.20)
28.0 58.0
(2.28) (1.10)
Pin diameter: 1.0 (0.04)
TMT 30C triple output models and TMT 30252C (screw terminal block) Pin
(0.20)
Connection
Dual AC in AC in No pin/con. No pin/con. -V out 2 +V out 2 -V out 1 +V out 1 Triple AC in AC in -V out 3 +V out 3 -V out 2 +V out 2 -V out 1 +V out 1 1 2 3 4 5 6 7 8
5.0
4x o 3.5
(0.14)
1
2
NC
106.0
96.0
(4.17)
(3.78)
(Top view)
Weight: 220 g (7.8 oz)
8765
43 29.5
5.0
(0.20)
(1.16)
58.0
(2.28)
Dimensions in [mm], ( ) = Inches Casing tolerances: 1.0 (0.0.4) Pin pich tolerance: 0.5 (0.02) Mounting hole tolerance: 0.5 (0.02)
http://www.tracopower.com
Page 6 of 8
AC/DC Power Modules
TMT Series Outline Dimensions
TMT 50 models with solder pins
17.0
(0.20) (0.69)
10 to 50 Watt
30.0
(1.18)
5.0
3.0
(1.12)
3.0
(1.12)
4
3
89.0
79.0
(3.50)
(3.11)
Bottom view
Weight: 245 g (8.6 oz)
1 10.0
(0.39)
2
Pin diameter: 1.0 (0.04)
22.0
(0.87)
4.7 min.
(0.19)
64.0
(2.52)
32.0
(1.26)
Connection
Pin Single AC in AC in -V out +V out 1
TMT 50C models with screw terminal block
(0.20)
5.0
4x o 3.5
(0.14)
2 3 4
1
2
110.0
100.0
(4.33)
(3.93)
(Top view)
Weight: 295 g (10.4 oz)
3
4
7.5
(0.30)
49.0
(1.93)
33.5
(1.32)
64.0
(2.52)
Dimensions in [mm], ( ) = Inches Case tolerances: 1.0 (0.04) Pin pich tolerance: 0.5 (0.02) Mounting hole tolerance: 0.5 (0.02)
http://www.tracopower.com
Page 7 of 8
AC/DC Power Modules
TMT Series DIN-Rail Mounting Kit
Adapter for mounting on DIN-rails as per EN 50022-35 (snap-on mounting)
10 to 50 Watt
DIN-Rail Mounting Kit
Order Code TMT-MK1 TMT-MK2 TMT-MK5 For Models TMT 15xxxC TMT 30xxxC single & 12/15VDC TMT 50xxxC
Kit contains interface plate, DIN-rail clip and necessary screws. Specifications can be changed any time without notice. Rev. 05/09
Jenatschstrasse 1 * CH-8002 Zurich * Switzerland Tel. +41 43 311 45 11 * Fax +41 43 311 45 45 * info@traco.ch * www.tracopower.com
Page 8 of 8


▲Up To Search▲   

 
Price & Availability of TMT15105

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X